Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX889TESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX889TESA
Description  Inverting Charge Pump
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX889TESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX889TESA Datasheet HTML 1Page - Maxim Integrated Products MAX889TESA Datasheet HTML 2Page - Maxim Integrated Products MAX889TESA Datasheet HTML 3Page - Maxim Integrated Products MAX889TESA Datasheet HTML 4Page - Maxim Integrated Products MAX889TESA Datasheet HTML 5Page - Maxim Integrated Products MAX889TESA Datasheet HTML 6Page - Maxim Integrated Products MAX889TESA Datasheet HTML 7Page - Maxim Integrated Products MAX889TESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
High-Frequency, Regulated,
200mA, Inverting Charge Pump
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = V SHDN = +5V, capacitors from Table 1, TA = 0
°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND .................................................................-0.3V to +6V
FB, SHDN, CAP+ to GND ............................-0.3V to (VIN + 0.3V)
AGND to GND .......................................................-0.3V to +0.3V
OUT to GND .............................................................-6V to +0.3V
CAP- to GND ............................................(VOUT - 0.3V) to +0.3V
Continuous Output Current ...............................................250mA
Output Short-Circuit Duration ........................................Indefinite
Continuous Power Dissipation (TA = +70
°C)
8-Pin SO (derate 5.88mW/
°C above +70°C)...............471mW
Operating Temperature Range...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) ................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VIN
RLOAD = 100
2.7
5.5
V
Output Voltage Range
VOUT
R LOAD = 100
-2.5
-VIN
V
IOUT(MAX)1
VIN = 5V, VOUT = -3.3V
200
Maximum Output Current
IOUT(MAX)2
VIN = 3.3V, VOUT = -2.5V
145
mA
MAX889R
6
12
MAX889S
12
24
Quiescent Supply
Current (Free-Run Mode)
IQ(FREE-RUN)
No load, VFB = VIN
MAX889T
24
48
mA
MAX889R
3.3
7
MAX889S
5.5
12
Quiescent Supply
Current (Regulated Mode)
IQ(REGULATED)
No load, VOUT regulated to
-3.3V
MAX889T
11
22
mA
Shutdown Supply Current
I SHDN
V SHDN = 0
0.1
50
µA
Open-Loop Output
Resistance (Free-Run Mode)
RO
VFB = VIN
2.0
4.5
Output Resistance
RO(REG1)
VOUT regulated to -3.3V
0.05
SHDN, FB Input Bias Current
±1
µA
FB Input Offset Voltage
ILOAD = 0
±3
±35
mV
Load Regulation
IOUT = 0 to 200mA
10
mV
IN Undervoltage Lockout
Threshold
VIN rising (30mV hysteresis)
2.3
2.6
V
SHDN Logic High
VIH
0.7 x VIN
SHDN Logic Low
VIL
VIN = +2.7V to +5.5V
0.3 x VIN
V
MAX889R
0.375
0.5
0.62
MAX889S
0.75
1
1.25
Switching Frequency
fOSC
MAX889T
1.5
2
2.5
MHz
Thermal Shutdown Threshold
Junction temperature rising
(15
°C hysteresis)
160
°C


Similar Part No. - MAX889TESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX889TESA MAXIM-MAX889TESA Datasheet
301Kb / 8P
   High-Frequency, Regulated, 200mA, Inverting Charge Pump
More results

Similar Description - MAX889TESA

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
   Inverting Charge Pump IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
   Inverting Charge Pump Voltage Doublers
2005
logo
Sipex Corporation
SP682 SIPEX-SP682 Datasheet
67Kb / 8P
   Micro Power Inverting Charge Pump
logo
Maxim Integrated Produc...
MAX868 MAXIM-MAX868 Datasheet
152Kb / 12P
   Regulated, Adjustable -2x Inverting Charge Pump
Rev 1; 2/98
MAX1697 MAXIM-MAX1697 Datasheet
222Kb / 12P
   60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 0; 7/99
logo
Linear Technology
LTC3260 LINER-LTC3260_15 Datasheet
328Kb / 18P
   Low Noise Dual Supply Inverting Charge Pump
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697_08 Datasheet
379Kb / 13P
   60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 3; 12/08
logo
Linear Technology
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
logo
Maxim Integrated Produc...
MAX889 MAXIM-MAX889 Datasheet
301Kb / 8P
   High-Frequency, Regulated, 200mA, Inverting Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com