Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11270 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX11270
Description  Integrated PGA
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11270 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX11270 Datasheet HTML 3Page - Maxim Integrated Products MAX11270 Datasheet HTML 4Page - Maxim Integrated Products MAX11270 Datasheet HTML 5Page - Maxim Integrated Products MAX11270 Datasheet HTML 6Page - Maxim Integrated Products MAX11270 Datasheet HTML 7Page - Maxim Integrated Products MAX11270 Datasheet HTML 8Page - Maxim Integrated Products MAX11270 Datasheet HTML 9Page - Maxim Integrated Products MAX11270 Datasheet HTML 10Page - Maxim Integrated Products MAX11270 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Electrical Characteristics (continued)
(VAVDD = 3.6V, VAVSS = 0V, VDVDD = 2.0V, VREFP = 2.5V, VREFN = 0V; fDATA = 1000sps, External Clock = 8.192MHz; Continuous
conversion mode (SCYCLE = 0); PGA maximum output is 300mV below AVDD and minimum output is 300mV above AVSS
,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUTS/REFERENCE INPUTS
AIN Voltage Range
VRNG
Unipolar
0
VREF
V
Bipolar
-VREF
VREF
Absolute Input Voltage
VABSRNG
Bypass mode
VAVSS
VAVDD
V
PGA mode
VAVSS
+ 0.3
VAVDD
- 1.3
Buffer mode
VAVSS
+ 0.1
VAVDD
- 0.1
AIN DC Input Leakage
(Note 4)
IINLEAK
Sleep mode enabled
-10
+10
nA
AIN Common-Mode Input
Conductance
GAINCM Bypass
±8
nA/V
AIN Common-Mode Input
Current
IAINCM
Buffer
±500
nA
PGA
±21
nA
AIN Differential Mode Input
Conductance
GAINDIFF Bypass
±23
µA/V
AIN Differential Mode Input
Current
IAINDIFF
Buffer
±20
nA
PGA
±0.15
nA
REF Differential Input
Conductance
GREFDIFF Active conversion state
±46.5
µA/V
REF Input Current at Power
Down
IREF_PD Sleep and Standby states
±2.5
µA/V
AIN Input Capacitance
CIN
Buffer disabled
3
pF
REF Input Capacitance
CREF
Buffer disabled
4.5
pF
Input and REF Sampling
Rate
fS
4.096
MHz
VREFP - VREFN Voltage
Range
VRABSRNG (Note 5)
VAVDD
V
REF Voltage Range
VREF
1.5
VAVDD
V
DIGITAL FILTER RESPONSE
SINC FILTER
Bandwidth (-3dB)
BWSINC
0.203
fDATA
Settling Time (Latency)
5
1/fDATA
MAX11270
24-Bit, 10mW, 130dB SNR, 64ksps Delta-Sigma
ADC with Integrated PGA
www.maximintegrated.com
Maxim Integrated │ 7


Similar Part No. - MAX11270

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11270 MAXIM-MAX11270 Datasheet
2Mb / 34P
   Fully Assembled and Tested
Rev 0; 4/15
MAX11270EUG++ MAXIM-MAX11270EUG+ Datasheet
1Mb / 47P
   24-Bit, 10mW, 130dB SNR, 64ksps Delta-Sigma ADC with Integrated PGA
2015
MAX11270EVKIT MAXIM-MAX11270EVKIT Datasheet
2Mb / 34P
   Fully Assembled and Tested
Rev 0; 4/15
MAX11270 MAXIM-MAX11270_V01 Datasheet
1Mb / 47P
   24-Bit, 10mW, 130dB SNR, 64ksps Delta-Sigma ADC with Integrated PGA
2015
More results

Similar Description - MAX11270

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
YED122-02505-0BS YAMAICHI-YED122-02505-0BS Datasheet
634Kb / 9P
   PGA
logo
ACCUTEK MICROCIRCUIT CO...
AK28PCS-PGA ACCUTEK-AK28PCS-PGA_12 Datasheet
166Kb / 3P
   PGA Adapter Modules
logo
Maxim Integrated Produc...
MAX11270 MAXIM-MAX11270_V01 Datasheet
1Mb / 47P
   24-Bit, 10mW, 130dB SNR, 64ksps Delta-Sigma ADC with Integrated PGA
2015
logo
ACCUTEK MICROCIRCUIT CO...
AK100PLCC-PGA ACCUTEK-AK100PLCC-PGA_09 Datasheet
778Kb / 6P
   PGA Adapter Modules
logo
Aries Electronics, Inc.
97-56001 ARIES-97-56001 Datasheet
491Kb / 1P
   QFP-to-PGA Adapter
logo
Wolfson Microelectronic...
WM8200 WOLFSON-WM8200 Datasheet
161Kb / 15P
   40MSPS ADC with PGA
logo
Texas Instruments
ADS124S06 TI1-ADS124S06 Datasheet
218Kb / 8P
[Old version datasheet]   PGA and Voltage Reference
logo
Precid-Dip Durtal SA
540-88-032-17-400-2 PREDIP-540-88-032-17-400-2 Datasheet
23Kb / 5P
   PGA / BGA / PLCC SOCKETS
550-10-352M26-001152 PREDIP-550-10-352M26-001152 Datasheet
20Kb / 4P
   PGA / BGA / PLCC SOCKETS
540-88-068-24-008 PREDIP-540-88-068-24-008 Datasheet
25Kb / 5P
   PGA / BGA / PLCC SOCKETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com