Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14693 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14693
Description  High-Accuracy, Adjustable Power Limiter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14693 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14693 Datasheet HTML 1Page - Maxim Integrated Products MAX14693 Datasheet HTML 2Page - Maxim Integrated Products MAX14693 Datasheet HTML 3Page - Maxim Integrated Products MAX14693 Datasheet HTML 4Page - Maxim Integrated Products MAX14693 Datasheet HTML 5Page - Maxim Integrated Products MAX14693 Datasheet HTML 6Page - Maxim Integrated Products MAX14693 Datasheet HTML 7Page - Maxim Integrated Products MAX14693 Datasheet HTML 8Page - Maxim Integrated Products MAX14693 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical Characteristics (continued)
(VIN = 5.5V to 58V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VIN = 12V, TA = +25°C) (Note 4)
Note 4: All devices are 100% production-tested at TA = +25ºC. Specifications over the operating temperature range are guaranteed
by design.
Note 5: Not production-tested, user-adjustable. See the Overvoltage Lockout (OVLO) and Undervoltage Lockout (UVLO) sections.
Note 6: All timing is measured using 20% and 80% levels, unless otherwise specified.
Note 7: The autoretry time-to-blanking time ratio is fixed and is equal to 30.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SETI
RSETI x ILIM
VRI
See the Setting the Current-Limit
Threshold section
1.5
V
Current Mirror Output Ratio
CIRATIO
25000
DYNAMIC PERFORMANCE (Note 6)
Switch Turn-On Time
tON
VIN = 24V, switch OFF to ON, RLOAD
= 240Ω, ILIM = 1A, COUT = 4.7µF,
VOUT from 20% to 80% of VIN
68
µs
OVP Switch Response Time
tOVP_RES
3
µs
Overcurrent Switch Response
Time
tOCP_RES
ILIM = 4A
3
µs
Startup Timeout
tSTO
Initial start current-limit foldback
timeout (Figure 1)
1090
1200
1320
ms
Startup Initial Time
tSTI
Current is continuously limited to
1x/1.5x/2x in this interval (Figure 1)
21.8
24
26.4
ms
IN Debounce Time
tDEB
Interval between VIN > VUVLO and
VOUT = 10% of VIN (Figure 2)
1
1.5
2.1
ms
Blanking Time
tBLANK
(Figures 3 and 4)
21.8
24
26.4
ms
Autoretry Time
tRETRY
(Figure 3, Note 7)
554
720
792
ms
THERMAL PROTECTION
Thermal Foldback
TJ_FB
150
ºC
Thermal Shutdown
TJ_MAX
165
ºC
Thermal Shutdown Hysteresis
10
ºC
MAX14691–MAX14693
High-Accuracy, Adjustable Power Limiter
www.maximintegrated.com
Maxim Integrated │ 4


Similar Part No. - MAX14693

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14693ATP+T MAXIM-MAX14693ATP+T Datasheet
550Kb / 19P
   High-Accuracy, Adjustable Power Limiter
2015
More results

Similar Description - MAX14693

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14721 MAXIM-MAX14721 Datasheet
825Kb / 20P
   High-Accuracy, Adjustable Power Limiter
Rev 3; 11/17
MAX14691 MAXIM-MAX14691_V01 Datasheet
550Kb / 19P
   High-Accuracy, Adjustable Power Limiter
2015
logo
Microchip Technology
MIC2039 MICROCHIP-MIC2039 Datasheet
2Mb / 28P
   High-Accuracy, High-Side, Adjustable Current-Limit Power Switch
Revision B (May 2022)
logo
Micrel Semiconductor
MIC2039 MICREL-MIC2039 Datasheet
694Kb / 21P
   High-Accuracy, High-Side, Adjustable Current Limit Power Switch
logo
Maxim Integrated Produc...
MAX14527 MAXIM-MAX14527_V01 Datasheet
127Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
2008
MAX14527 MAXIM-MAX14527 Datasheet
106Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
Rev 0; 10/08
logo
SHANGHAI BELLING CO., L...
BL8598 BELLING-BL8598 Datasheet
552Kb / 6P
   Adjustable Overvoltage Protector with High Accuracy
logo
Maxim Integrated Produc...
MAX14571 MAXIM-MAX14571_V01 Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
logo
Marki Microwave
HLM-40U MARKIMICROWAVE-HLM-40U Datasheet
715Kb / 10P
   High Power 40GHz Limiter
logo
Maxim Integrated Produc...
MAX14571 MAXIM-MAX14571_13 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com