Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV85C100 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # BZV85C100
Description  SILICON PLANAR POWER ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BZV85C100 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  BZV85C100 Datasheet HTML 1Page - GOOD-ARK Electronics BZV85C100 Datasheet HTML 2Page - GOOD-ARK Electronics BZV85C100 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes:
(1) Tested with pulses tp=20ms.
(2) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Type
Zener voltage range 1)
Dynamic resistance
Reverse leakage
current
Temp. coefficient
of Zener voltage
V
znom
I
ZT fo r V ZT
2)
r
zjT an d rzjk at IZK
I
R
2)
at V
R
TK
VZ
VmA
V
mA
uA
V
%/K
BZV 85/C 2V7
2.7
80
2.5 ... 2.9
<20
<400
1
<150
1
-0.08 ... -0.05
BZV 85/C 3V0
3.0
80
2.8 ... 3.2
<20
<400
1
<100
1
-0.08 ... -0.05
BZV 85/C 3V3
3.3
70
3.1 ... 3.5
<20
<400
1
<40
1
-0.08 ... -0.05
BZV 85/C 3V6
3.6
60
3.4 ... 3.8
<15
<500
1
<20
1
-0.08 ... -0.05
BZV 85/C 3V9
3.9
60
3.7 ... 4.1
<15
<500
1
<10
1
-0.07 ... -0.02
BZV 85/C 4V3
4.3
50
4.0 ... 4.6
<13
<500
1
<3
1
-0.07 ... +0.01
BZV 85/C 4V7
4.7
45
4.4 ... 5.0
<13
<600
1
<3
1
-0.03 ... +0.04
BZV 85/C 5V1
5.1
45
4.8 ... 5.4
<10
<500
1
<1
1.5
-0.01 ... +0.04
BZV 85/C 5V6
5.6
45
5.2 ... 6.0
<7
<400
1
<1
2
0 ... +0.045
BZV 85/C 6V2
6.2
35
5.8 ... 6.6
<4
<300
1
<1
3
+0.01 ... +0.055
BZV 85/C 6V8
6.8
35
6.4 ... 7.2
<3.5
<300
1
<1
4
+0.015 ... +0.06
BZV 85/C 7V5
7.5
35
7.0 ... 7.9
<3
<200
0.5
<1
4.5
+0.02 ... +0.065
BZV 85/C 8V2
8.2
25
7.7 ... 8.7
<5
<200
0.5
<1
6.2
0.03 ... 0.07
BZV 85/C 9V1
9.1
25
8.5 ... 9.6
<5
<200
0.5
<1
6.8
0.035 ... 0.075
BZV 85/C 10
10
25
9.4 ... 10.6
<7
<200
0.5
<0.5
7
0.04 ... 0.08
BZV 85/C 11
11
20
10.4 ... 11.6
<8
<300
0.5
<0.5
8.2
0.045 ... 0.08
BZV 85/C 12
12
20
11.4 ... 12.7
<9
<350
0.5
<0.5
9.1
0.045 ... 0.085
BZV 85/C 13
13
20
12.4 ... 14.1
<10
<400
0.5
<0.5
10
0.05 ... 0.085
BZV 85/C 15
15
15
13.8 ... 15.6
<15
<500
0.5
<0.5
11
0.055 ... 0.09
BZV 85/C 16
16
15
15.3 ... 17.1
<15
<500
0.5
<0.5
12
0.055 ... 0.09
BZV 85/C 18
18
15
16.8 ... 19.1
<20
<500
0.5
<0.5
13
0.06 ... 0.09
BZV 85/C 20
20
10
18.8 ... 21.2
<24
<600
0.5
<0.5
15
0.06 ... 0.09
BZV 85/C 22
22
10
20.8 ... 23.3
<25
<600
0.5
<0.5
16
0.06 ... 0.095
BZV 85/C 24
24
10
22.8 ... 25.6
<25
<600
0.5
<0.5
18
0.06 ... 0.095
BZV 85/C 27
27
8
25.1 ... 28.9
<30
<750
0.25
<0.5
20
0.06 ... 0.095
BZV 85/C 30
30
8
28 ... 32
<30
<1000
0.25
<0.5
22
0.06 ... 0.095
BZV 85/C 33
33
8
31 ... 35
<35
<1000
0.25
<0.5
24
0.06 ... 0.095
BZV 85/C 36
36
8
34 ... 38
<40
<1000
0.25
<0.5
27
0.06 ... 0.095
BZV 85/C 39
39
6
37 ... 41
<50
<1000
0.25
<0.5
30
0.06 ... 0.095
BZV 85/C 43
43
6
40 ... 46
<50
<1000
0.25
<0.5
33
0.06 ... 0.095
BZV 85/C 47
47
4
44 ... 50
<90
<1500
0.25
<0.5
36
0.06 ... 0.095
BZV 85/C 51
51
4
48 ... 54
<115
<1500
0.25
<0.5
39
0.06 ... 0.095
BZV 85/C 56
56
4
52 ... 60
<120
<2000
0.25
<0.5
43
0.06 ... 0.095
BZV 85/C 62
62
4
58 ... 66
<125
<2000
0.25
<0.5
47
0.06 ... 0.095
BZV 85/C 68
68
4
64 ... 72
<130
<2000
0.25
<0.5
51
0.06 ... 0.095
BZV 85/C 75
75
4
70 ... 79
<135
<2000
0.25
<0.5
56
0.06 ... 0.095
BZV 85/C 82
82
2.7
77 ... 87
<200
<3000
0.25
<0.5
62
0.07 ... 0.10
BZV 85/C 91
91
2.7
85 ... 96
<250
<3000
0.25
<0.5
68
0.07 ... 0.10
BZV 85/C 100
100
2.7
94 ... 106
<350
<3000
0.25
<0.5
75
0.07 ... 0.11
BZV 85/C 110
110
2.7
104 ... 116
<450
<4000
0.25
<0.5
82
0.07 ... 0.11
BZV 85/C 120
120
2
114 ... 127
<550
<4500
0.25
<0.5
91
0.07 ... 0.11
BZV 85/C 130
130
2
124 ... 141
<700
<5000
0.25
<0.5
100
0.07 ... 0.11
BZV 85/C 150
150
2
138 ... 156
<1000
<6000
0.25
<0.5
110
0.07 ... 0.11
BZV 85/C 160
160
1.5
153 ... 171
<1100
<6500
0.25
<0.5
120
0.07 ... 0.11
BZV 85/C 180
180
1.5
168 ... 191
<1200
<7000
0.25
<0.5
130
0.07 ... 0.11
BZV 85/C 200
200
1.5
188 ... 212
<1500
<8000
0.25
<0.5
150
0.07 ... 0.11
2


Similar Part No. - BZV85C100

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
BZV85C100 CHONGQING-BZV85C100 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - BZV85C100

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com