Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100402940001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100402940001
Description  Messerl. SMC-B 12-SMD-BA7-03
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100402940001 Datasheet(HTML) 1 Page - ERNI Electronics

  100402940001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
330
Tape on Reel Packaging
Verpackungseinheit: 560 Stück
Verpackt in Gurtverpackung
Packaging unit: 560 pcs
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse 0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
0,1 mm
Abspulrichtung -
Reel off Direction
1
BA7-03 - Standard Bauhöhe
type7-03 - Standard Assembly Height
Index
SMCB
contact one of the ERNI companies
A3
Class
d
Male SMC-B 12-SMD-type7-03
Messerl. SMC-B 12-SMD-BA7-03
100402940001
3:1
K
02.09.2013
www.ERNI.com
before using.
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
Scale
Tolerances
Information:
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
0,75 -0,05
4,25
b1
16
Leiterplatten-Layout Vorschlag für SMT
PCB-Layout Proposal for SMT
a1
0,3
1,6
±0,03
5 x 1,27 = 6,35
±0,03
10,77
1,2
0,8
2,21
-0,03
1,27
9,57
±0,03
8,57
10,77
12,7
b6
b1
6,35
10,37
5 x 1,27 =
1,27


Similar Part No. - 100402940001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100402000001 ERNI-100402000001 Datasheet
61Kb / 1P
   M 2,54 SRC-P, 5-polig
100402000003 ERNI-100402000003 Datasheet
76Kb / 1P
   Federkontakte 2.54 SRC-A BA 2
100402070001 ERNI-100402070001 Datasheet
35Kb / 1P
   F 2,54 SRC-A, 2-polig
100402070003 ERNI-100402070003 Datasheet
198Kb / 1P
   ERmet Messerleiste AB 22
logo
Winchester Electronics ...
1004020P WINCHESTER-1004020P Datasheet
125Kb / 1P
   MARC REMOVABLE PIN&SOCKET CONTACTS
More results

Similar Description - 100402940001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100200160003 ERNI-100200160003 Datasheet
59Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
101800100001 ERNI-101800100001 Datasheet
59Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
100402780004 ERNI-100402780004 Datasheet
61Kb / 1P
   Messerl.. SMC-B 12-SMD-BA7-03
100103210101 ERNI-100103210101 Datasheet
61Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
100101880004 ERNI-100101880004 Datasheet
66Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
100403210103 ERNI-100403210103 Datasheet
61Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
254273 ERNI-254273 Datasheet
61Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
100201030001 ERNI-100201030001 Datasheet
59Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
154763 ERNI-154763 Datasheet
61Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
101603210089 ERNI-101603210089 Datasheet
61Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com