Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15068 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX15068
Description  Dual ORing, Single Hot-Swap Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15068 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX15068 Datasheet HTML 4Page - Maxim Integrated Products MAX15068 Datasheet HTML 5Page - Maxim Integrated Products MAX15068 Datasheet HTML 6Page - Maxim Integrated Products MAX15068 Datasheet HTML 7Page - Maxim Integrated Products MAX15068 Datasheet HTML 8Page - Maxim Integrated Products MAX15068 Datasheet HTML 9Page - Maxim Integrated Products MAX15068 Datasheet HTML 10Page - Maxim Integrated Products MAX15068 Datasheet HTML 11Page - Maxim Integrated Products MAX15068 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
(VIN1 = VIN2 = 12V, CIN1 = CIN2 = CVS = 1µF, RSENSE = 3mΩ, unless otherwise noted.)
OUT SHORT-CIRCUIT RESPONSE
10V/div
20V/div
10V/div
toc23
40µs/div
VIN1
VOUT
VGATE
IIN1
10A/div
AUTORETY WAVEFORM
10V/div
20V/div
10V/div
toc24
200ms/div
VIN1
VOUT
VGATE
IOUT
20A/div
STARTUP WAVEFORM
(VIN = 3.7V)
2V/div
5V/div
5V/div
toc17
40ms/div
VIN1
VOG1
VGATE
STARTUP WAVEFORM
(VIN = 12V)
5V/div
5V/div
10V/div
toc18
40ms/div
VIN1
VOG1
VGATE
STARTUP WAVEFORM
(VIN = 18V)
10V/div
10V/div
10V/div
toc19
40ms/div
VIN1
VOG1
VGATE
OVERCURRENT-FAULT WAVEFORM
(CB = GND)
10V/div
20V/div
10V/div
toc20
200µs/div
VIN1
VGATE
VOUT
IOUT
20A/div
OVERCURRENT-FAULT WAVEFORM
(CB = Hi-Z)
10V/div
20V/div
10V/div
toc21
200µs/div
VIN1
VGATE
VOUT
IOUT
20A/div
OVERCURRENT-FAULT WAVEFORM
(CB = VS)
10V/div
20V/div
10V/div
toc22
200µs/div
VIN1
VGATE
VOUT
IOUT
20A/div
MAX15068
Dual ORing, Single Hot-Swap Controller with
Accurate Current Monitoring
Maxim Integrated │ 8
www.maximintegrated.com
Typical Operating Characteristics (continued)


Similar Part No. - MAX15068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15061 MAXIM-MAX15061 Datasheet
414Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
MAX15061ATE++ MAXIM-MAX15061ATE+ Datasheet
414Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX15062 MAXIM-MAX15062 Datasheet
3Mb / 23P
   60V, 300mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converters
2016
MAX15062A MAXIM-MAX15062A Datasheet
863Kb / 8P
   60V adjustable, 0.5A DC power supply
Rev 1; 4/19
More results

Similar Description - MAX15068

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4814 SUMMIT-SMH4814 Datasheet
926Kb / 44P
   Dual Feed Active-ORing Programmable Hot Swap Controller
logo
Maxim Integrated Produc...
MAX5963 MAXIM-MAX5963 Datasheet
295Kb / 20P
   Dual, 7.5V to 76V, Hot-Swap and Diode ORing Controller
Rev 0; 10/08
logo
Linear Technology
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
   Dual Supply Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
LT4220 LINER-LT4220 Datasheet
267Kb / 16P
   Dual Supply Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC4227 LINER-LTC4227_15 Datasheet
695Kb / 22P
   Dual Ideal Diode and Single Hot Swap Controller
LTC4227-1 LINER-LTC4227-1 Datasheet
250Kb / 8P
   Dual Ideal Diode and Single Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com