Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15096D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15096D
Description  Integrated Hot-Swap/Electronic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15096D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15096D Datasheet HTML 1Page - Maxim Integrated Products MAX15096D Datasheet HTML 2Page - Maxim Integrated Products MAX15096D Datasheet HTML 3Page - Maxim Integrated Products MAX15096D Datasheet HTML 4Page - Maxim Integrated Products MAX15096D Datasheet HTML 5Page - Maxim Integrated Products MAX15096D Datasheet HTML 6Page - Maxim Integrated Products MAX15096D Datasheet HTML 7Page - Maxim Integrated Products MAX15096D Datasheet HTML 8Page - Maxim Integrated Products MAX15096D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX15096/MAX15096A/MAX15096D ICs are inte-
grated solutions for hot-swap applications requiring the
safe insertion and removal of circuit line cards from a live
backplane. They can also be used as electronics circuit
breaker for hard drive and solid-state drive and fans. The
devices integrate a hot-swap controller, 12mΩ (typ) power
MOSFET, and an electronic circuit-breaker protection in a
single package.
The devices are designed for protection of 2.7V to 18V
supply voltages. These devices implement a foldback
current limit during startup to control inrush current, lower-
ing di/dt and keeping the MOSFET operating under safe
operating area (SOA) conditions. After the startup cycle
is complete, on-chip comparators provide VariableSpeed/
BiLevel™ protection against short-circuit and overcur-
rent faults, and immunity against system noise and load
transients. The load is disconnected in the event of a fault
condition. The devices are factory calibrated to deliver
accurate overcurrent protection with ±10% accuracy.
During a fault condition, PG goes low and the devices
latch off (MAX15096) or automatic retry (MAX15096A);
the output could also be discharged after a fault event
(MAX15096D).
The devices feature an IN-to-OUT short-circuit detection
before startup. The devices provide a power-MOSFET
GATE pin to program the slew rate during startup by
adding an external capacitor. The devices have an under-
voltage/overvoltage input pin (UVOV) that can detect an
undervoltage/overvoltage fault and disconnect the IN from
the OUT. Additional features include internal overtem-
perature protection and a power-good output (PG).
The devices are available in a 16-bump, 2mm x 2mm
wafer-level package (WLP) and are rated over the -40°C
to +105°C extended temperature range.
Features
● 2.7V to 18V Operating Voltage Range
● 12mΩ (typ) Internal Power MOSFET
● 6A (typ) Load-Current Capability
● ±10% Circuit-Breaker Threshold Accuracy
● Programmable Inrush Current Control Under SOA
Operation
● Adjustable Circuit-Breaker Current/Current-Limit
Threshold
● Programmable Slew-Rate Control
● Variable-Speed Circuit-Breaker Response
● Thermal Protection
● Programmable Overvoltage Protection and
Undervoltage-Lockout Threshold
● Latchoff or Automatic Retry Options
● Drive Present Signal Input
● Enable Input (EN)
● IN-to-OUT Short-Circuit Detection
● Open-Drain PG Output
● Output Discharge After a Fault Event
(MAX15096D Only)
● Programmable Additional Delay (2μs max) to Fast-
Comparator Response Time Through External
Resistor on TIMER Pin
Applications
● Blade Servers
● Server I/O Cards
● RAID Systems
● Disk Drive Power
● Storage Applications
● Industrial Applications
Ordering Information appears at end of data sheet.
VariableSpeed/BiLevel is a trademark of Maxim Integrated
Products, Inc.
19-7304; Rev 0; 3/14
MAX15096/MAX15096A/
MAX15096D
2.7V to 18V, 6A Integrated Hot-Swap/Electronic
Circuit Breaker
EVALUATION KIT AVAILABLE


Similar Part No. - MAX15096D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 0; 9/12
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 1; 12/12
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 8P
   2.7V to 18V Operating Voltage Range
Rev 0; 11/12
MAX15090A MAXIM-MAX15090A Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 0; 9/12
MAX15090A MAXIM-MAX15090A Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 1; 12/12
More results

Similar Description - MAX15096D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15095 MAXIM-MAX15095 Datasheet
751Kb / 14P
   2.7V to 18V, 6.6A Integrated Hot-Swap/ Electronic Circuit Breaker
2019
logo
Linear Technology
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
185Kb / 18P
   2A Integrated Hot Swap Controller
LTC4232 LINER-LTC4232_15 Datasheet
738Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232-1 LINER-LTC4232-1_15 Datasheet
564Kb / 16P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_15 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_V01 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com