Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15096A Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX15096A
Description  Integrated Hot-Swap/Electronic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15096A Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX15096A Datasheet HTML 5Page - Maxim Integrated Products MAX15096A Datasheet HTML 6Page - Maxim Integrated Products MAX15096A Datasheet HTML 7Page - Maxim Integrated Products MAX15096A Datasheet HTML 8Page - Maxim Integrated Products MAX15096A Datasheet HTML 9Page - Maxim Integrated Products MAX15096A Datasheet HTML 10Page - Maxim Integrated Products MAX15096A Datasheet HTML 11Page - Maxim Integrated Products MAX15096A Datasheet HTML 12Page - Maxim Integrated Products MAX15096A Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Table 1. Timing
TIMING PARAMETER
MIN
TYP
MAX
UNITS
t0
400
μs
t1
100
μs
t2
12
16
20
ms
t3
100
μs
t4
0.5
μs
PRSNT#
100µs DEBOUNCING TIME
100µs FILTER TIME
GATE-OUT
t2
VTH_UV
3V
VTH_REG
SYSTEM IDLE TIME
VTH_OV
DISCHARGING
(MAX15096D)
IDISCHARGE
IN
UVOV
REG
EN
OUT
PG
0.9 x VIN
t1
t0
t3
t4
MAX15096/MAX15096A/
MAX15096D
2.7V to 18V, 6A Integrated Hot-Swap/
Electronic Circuit Breaker
www.maximintegrated.com
Maxim Integrated │ 9
Timing Diagram


Similar Part No. - MAX15096A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 0; 9/12
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 1; 12/12
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 8P
   2.7V to 18V Operating Voltage Range
Rev 0; 11/12
MAX15090A MAXIM-MAX15090A Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 0; 9/12
MAX15090A MAXIM-MAX15090A Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 1; 12/12
More results

Similar Description - MAX15096A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15095 MAXIM-MAX15095 Datasheet
751Kb / 14P
   2.7V to 18V, 6.6A Integrated Hot-Swap/ Electronic Circuit Breaker
2019
logo
Linear Technology
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
185Kb / 18P
   2A Integrated Hot Swap Controller
LTC4232 LINER-LTC4232_15 Datasheet
738Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232-1 LINER-LTC4232-1_15 Datasheet
564Kb / 16P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_15 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_V01 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com