Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15569 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX15569
Description  2-Phase/1-Phase QuickTune-PWM Controller with Serial I2C Interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15569 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX15569 Datasheet HTML 4Page - Maxim Integrated Products MAX15569 Datasheet HTML 5Page - Maxim Integrated Products MAX15569 Datasheet HTML 6Page - Maxim Integrated Products MAX15569 Datasheet HTML 7Page - Maxim Integrated Products MAX15569 Datasheet HTML 8Page - Maxim Integrated Products MAX15569 Datasheet HTML 9Page - Maxim Integrated Products MAX15569 Datasheet HTML 10Page - Maxim Integrated Products MAX15569 Datasheet HTML 11Page - Maxim Integrated Products MAX15569 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
(Circuit of Figure 1. VIN = 10V, VBIAS = 5V, VTT=1.8V,EN=BIAS,GNDS=AGND,VFBAC = VFB = VCSP_ = VCSN_ = 1V
[SETVOUTregister0x07hsetto0x33h].TA = -40°C to +105°C, unless otherwise noted.)
Note 2: The equation for the target voltage VTARGET is: VTARGET=theoutputofslewcontrolDAC,whereVDAC = 0V for
shutdown, VDAC = VBOOT during startup; otherwise VDAC = SETVOUT. The output voltages for all possible codes are
given in Table 3.
Note 3: On-timeandminimumoff-timespecificationsaremeasuredfrom50%riseto50%fallattheDRVPWM_pin.Actualin-circuit
times can be different due to MOSFET driver characteristics.
Note 4: Guaranteedbydesign.Notproductiontested.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
I2C TIMING REQUIREMENTS
I2C Clock Frequency
3.4
MHz
Hold Time Repeated START
Condition
tHD_STA (Note4)
160
ns
SCLLowPeriod
tLOW
(Note4)
160
ns
SCLHighPeriod
tHIGH
(Note4)
60
ns
Setup Time Repeated START
Condition
tSU_STA (Note4)
160
ns
SDAHoldTime
tHD_DAT (Note4)
0
70
ns
SDASetupTime
tSU_DAT (Note4)
10
ns
Setup Time for STOP Condition
tSU_STO (Note4)
160
ns
23
24
22
21
8
7
9
10
1
2
N.C.
4
5
6
17
18
16
14
13
CSN2
CSP2
*EP
I.C. (BIAS)
SCL
SDA
AGND
MAX15569
3
15
CSN1
20
11 I.C. (BIAS)
CSP1
19
12 EN
INT
TQFN
(4mm x 4mm)
TOP VIEW
+
*EP = EXPOSED PAD. CONNECT TO GROUND.
MAX15569
2-Phase/1-Phase QuickTune-PWM Controller with
Serial I2C Interface
www.maximintegrated.com
Maxim Integrated │ 8
Electrical Characteristics (-40°C to +105°C) (continued)
Pin Configuration


Similar Part No. - MAX15569

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556 Datasheet
510Kb / 6P
   MAX1556 Evaluation Kit
Rev 0; 9/04
MAX1556 MAXIM-MAX1556 Datasheet
718Kb / 12P
   16關A IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 0; 7/04
MAX1556 MAXIM-MAX1556 Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
MAX1556A MAXIM-MAX1556A Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
MAX1556AETB++ MAXIM-MAX1556AETB+ Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
More results

Similar Description - MAX15569

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1664 UPI-UP1664 Datasheet
408Kb / 31P
   2-Phase 1-Phase PWM Controller
UP9508Q UPI-UP9508Q Datasheet
706Kb / 49P
   3/2/12/1-Phase PWM Controller
UP9508 UPI-UP9508 Datasheet
1Mb / 45P
   3/2/12/1-Phase PWM Controller
logo
Feature Integration Tec...
F72830 FINTEK-F72830 Datasheet
743Kb / 23P
   Four-Phase Linear Controller with I2C Interface
logo
Intersil Corporation
ISL6322G INTERSIL-ISL6322G Datasheet
638Kb / 39P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface and Phase Dropping
logo
Renesas Technology Corp
ISL6322G RENESAS-ISL6322G Datasheet
1Mb / 39P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping
logo
ON Semiconductor
NCP81611 ONSEMI-NCP81611 Datasheet
499Kb / 30P
   4/3/2/1 Multi-Phase Buck Controller with PWM_VID and I2C Interface
May, 2020 - Rev. 4
logo
uPI Group Inc.
UP1651Q UPI-UP1651Q Datasheet
277Kb / 21P
   2/1-Phase PWM Controller with SVID for VR12.5
logo
Richtek Technology Corp...
RT8801 RICHTEK-RT8801 Datasheet
474Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply with Serial Programming Interface
logo
uPI Group Inc.
UP1651 UPI-UP1651 Datasheet
318Kb / 21P
   1/2/3/4-Phase PWM Controller with SVID for VR12.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com