Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15569 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15569
Description  2-Phase/1-Phase QuickTune-PWM Controller with Serial I2C Interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15569 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15569 Datasheet HTML 1Page - Maxim Integrated Products MAX15569 Datasheet HTML 2Page - Maxim Integrated Products MAX15569 Datasheet HTML 3Page - Maxim Integrated Products MAX15569 Datasheet HTML 4Page - Maxim Integrated Products MAX15569 Datasheet HTML 5Page - Maxim Integrated Products MAX15569 Datasheet HTML 6Page - Maxim Integrated Products MAX15569 Datasheet HTML 7Page - Maxim Integrated Products MAX15569 Datasheet HTML 8Page - Maxim Integrated Products MAX15569 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
General Description
The MAX15569 step-down controller consists of one
multiphase regulator. The multiphase CPU regulator uses
Maxim’s unique 2-phase QuickTune-PWM constant “on-
time” architecture. The 2-phase CPU regulator runs 180°
out-of-phase for true interleaved operation, minimizing
input capacitance.
The device’s VR is controlled by writing appropriate
data into a function-mapped register file. Output volt-
ages are dynamically changed through a 2-wire, fast I2C
interface (clock, data), allowing the switching regula-
tor to be programmed to different voltages. A slew-
rate controller allows controlled voltage transition and
controlled soft-start. The regulator runs in a unique
smart, low-power pulse-skipping-state algorithm for
best efficiency over the full load range and the best
transient response with respect to common pulse-
skipping methods.
The device includes multiple fault-protection features:
Output overvoltage protection (OVP), undervoltage pro-
tection (UVP), and thermal protection. When any of these
fault-protection features detect a fault condition, the con-
troller shuts down. A multifunction INT output monitors
output voltage, overcurrent (OC), overrange (VOUTMAX),
and thermal faults (VRHOT).
The controller has a programmable switching frequency,
allowing 300kHz to 1400kHz per each phase of opera-
tion. The controller operates with a wide variety of drivers
and MOSFETs, such as the MAX15492 MOSFET driver
with standard MOSFETs, or with the power stage that
integrates the drivers and MOSFETs together in a single
device.
Applications
● ARMCorePowerSupply
● UltrabooksandTabletCoreSupply
● Voltage-PositionedStep-DownConverter
● MultiphaseDC-DCControllers
Benefits and Features
● 2-PhaseQuickTune-PWMCPUCoreRegulator
• Transient Phase Overlap Reduces Output
Capacitance
● I2C Serial-Interface Control
• Output-Voltage Control
• System Status Register
• Current Monitor Register
● MultifunctionINT Output
• Overcurrent, Output Voltage Overrange,
Overvoltage, Undervoltage, and Thermal Fault
Protection
● ±5mVFBAccuracyOverLineandLoad
● 7-BitDAC(0.5Vto1.6V,10mV/LSB)
● TrueDifferentialRemoteOutputSense
● ActiveLoad-LinewithAdjustableGain
● AccurateCurrentBalanceandCurrentLimit
● 4.5Vto24VBatteryInputRange
● Programmable300kHzto1400kHzSwitching
Frequency
● ProgrammableSlewRateandSoft-Start
● PassiveSoft-Shutdown(2kΩDischargeSwitch)
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part, refer
to
www.maximintegrated.com/MAX15569.related.
MAX15569
2-Phase/1-Phase QuickTune-PWM Controller
with Serial I2C Interface
19-6646; Rev 0; 3/13
EVALUATION KIT AVAILABLE


Similar Part No. - MAX15569

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556 Datasheet
510Kb / 6P
   MAX1556 Evaluation Kit
Rev 0; 9/04
MAX1556 MAXIM-MAX1556 Datasheet
718Kb / 12P
   16關A IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 0; 7/04
MAX1556 MAXIM-MAX1556 Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
MAX1556A MAXIM-MAX1556A Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
MAX1556AETB++ MAXIM-MAX1556AETB+ Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
More results

Similar Description - MAX15569

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1664 UPI-UP1664 Datasheet
408Kb / 31P
   2-Phase 1-Phase PWM Controller
UP9508Q UPI-UP9508Q Datasheet
706Kb / 49P
   3/2/12/1-Phase PWM Controller
UP9508 UPI-UP9508 Datasheet
1Mb / 45P
   3/2/12/1-Phase PWM Controller
logo
Feature Integration Tec...
F72830 FINTEK-F72830 Datasheet
743Kb / 23P
   Four-Phase Linear Controller with I2C Interface
logo
Intersil Corporation
ISL6322G INTERSIL-ISL6322G Datasheet
638Kb / 39P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface and Phase Dropping
logo
Renesas Technology Corp
ISL6322G RENESAS-ISL6322G Datasheet
1Mb / 39P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping
logo
ON Semiconductor
NCP81611 ONSEMI-NCP81611 Datasheet
499Kb / 30P
   4/3/2/1 Multi-Phase Buck Controller with PWM_VID and I2C Interface
May, 2020 - Rev. 4
logo
uPI Group Inc.
UP1651Q UPI-UP1651Q Datasheet
277Kb / 21P
   2/1-Phase PWM Controller with SVID for VR12.5
logo
Richtek Technology Corp...
RT8801 RICHTEK-RT8801 Datasheet
474Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply with Serial Programming Interface
logo
uPI Group Inc.
UP1651 UPI-UP1651 Datasheet
318Kb / 21P
   1/2/3/4-Phase PWM Controller with SVID for VR12.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com