Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17504 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17504
Description  Step-Down DC-DC Converter with Internal Compensation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17504 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17504 Datasheet HTML 1Page - Maxim Integrated Products MAX17504 Datasheet HTML 2Page - Maxim Integrated Products MAX17504 Datasheet HTML 3Page - Maxim Integrated Products MAX17504 Datasheet HTML 4Page - Maxim Integrated Products MAX17504 Datasheet HTML 5Page - Maxim Integrated Products MAX17504 Datasheet HTML 6Page - Maxim Integrated Products MAX17504 Datasheet HTML 7Page - Maxim Integrated Products MAX17504 Datasheet HTML 8Page - Maxim Integrated Products MAX17504 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Maxim Integrated │ 4
MAX17504
4.5V–60V, 3.5A, High-Efficiency, Synchronous
Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com
Electrical Characteristics (continued)
(VIN = VEN/UVLO=24V,RRT = 40.2kI(500kHz),CVCC = 2.2µF, VPGND = VSGND = VMODE = VSYNC = 0V, LX = SS = RESET = open,
VBST to VLX = 5V, VFB = 1V, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are
referencedtoSGND,unlessotherwisenoted.)(Note2)
Note 2: All limits are 100% tested at +25°C. Limits over temperature are guaranteed by design.
Note 3: See the Overcurrent Protection/HICCUP Mode section for more details.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
VFB Undervoltage Trip Level to
CauseHiccup
VFB-HICF
0.56
0.58
0.6
V
HICCUPTimeout
(Note 3)
32768
Cycles
Minimum On-Time
tON-MIN
135
ns
Minimum Off-Time
tOFF-MIN
140
160
ns
LX Dead Time
5
ns
RESET
RESET Output Level Low
IRESET = 1mA
0.4
V
RESET Output Leakage Current
TA = TJ = +25ºC, VRESET = 5.5V
-0.1
+0.1
µA
VOUT Threshold for RESET
Assertion
VFB-OKF
VFB falling
90.5
92
94
%
VOUT Threshold for RESET
Deassertion
VFB-OKR
VFB rising
93.8
95
97.2
%
RESET Deassertion Delay After FB
Reaches95%Regulation
1024
Cycles
THERMAL SHUTDOWN
Thermal Shutdown Threshold
Temperature rising
165
ºC
ThermalShutdownHysteresis
10
ºC


Similar Part No. - MAX17504

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17504 MAXIM-MAX17504 Datasheet
1Mb / 26P
   4.5V??0V, 3.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2017
MAX17504ATP++ MAXIM-MAX17504ATP+ Datasheet
1Mb / 26P
   4.5V??0V, 3.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2017
MAX17504EVKITA MAXIM-MAX17504EVKITA Datasheet
462Kb / 11P
   3.3V Output-Voltage Application
Rev 1; 2/14
MAX17504EVKITB MAXIM-MAX17504EVKITB Datasheet
431Kb / 11P
   5V Output-Voltage Application
Rev 1; 2/14
MAX17504SATP++ MAXIM-MAX17504SATP+ Datasheet
1Mb / 26P
   4.5V??0V, 3.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2017
More results

Similar Description - MAX17504

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17546 MAXIM-MAX17546 Datasheet
819Kb / 19P
   4.5V–42V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 0; 6/15
MAX17572 MAXIM-MAX17572 Datasheet
936Kb / 16P
   4.5V–60V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 0; 9/16
MAX17544 MAXIM-MAX17544_V01 Datasheet
864Kb / 21P
   4.5V??2V, 3.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2016
MAX17575 MAXIM-MAX17575 Datasheet
1Mb / 16P
   4.5V–60V, 1.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 3; 12/19
MAX17572 MAXIM-MAX17572_V01 Datasheet
815Kb / 16P
   4.5V??0V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
MAX17545 MAXIM-MAX17545_V01 Datasheet
1Mb / 21P
   4.5V??2V, 1.7A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2016
MAX17504 MAXIM-MAX17504_V01 Datasheet
1Mb / 26P
   4.5V??0V, 3.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2017
MAX17503 MAXIM-MAX17503_V01 Datasheet
5Mb / 27P
   4.5V-60V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2021
MAX17543 MAXIM-MAX17543_V01 Datasheet
2Mb / 19P
   4.5V??2V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2016
MAX17506 MAXIM-MAX17506_V01 Datasheet
739Kb / 20P
   4.5V??0V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com