Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17551 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17551
Description  Synchronous Step-Down DC-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17551 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17551 Datasheet HTML 1Page - Maxim Integrated Products MAX17551 Datasheet HTML 2Page - Maxim Integrated Products MAX17551 Datasheet HTML 3Page - Maxim Integrated Products MAX17551 Datasheet HTML 4Page - Maxim Integrated Products MAX17551 Datasheet HTML 5Page - Maxim Integrated Products MAX17551 Datasheet HTML 6Page - Maxim Integrated Products MAX17551 Datasheet HTML 7Page - Maxim Integrated Products MAX17551 Datasheet HTML 8Page - Maxim Integrated Products MAX17551 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
(VIN = 24V, VGND = 0V, VOUT = 3.3V, VFB = 0.85V, VEN/UVLO = 1.5V, RT/SYNC = 191kΩ, LX = SS = MODE = RESET = unconnected;
TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are referenced to GND, unless
otherwise noted.) (Note 3)
Note 2: Actual IQ-PFM in the application circuit is higher due to additional current in the output voltage feedback resistor divider.
For example, IQ-PFM (MODE = unconnected) = 26µA for Figure 6, 22µA for Figure 7, and 78µA for Figure 11.
Note 3: Limits are 100% tested at TA = +25°C. Limits over the operating temperature range and relevant supply voltage range are
guaranteed by design and characterization.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RESET
FB Threshold for RESET Rising
VFB-OKR
VFB rising
93
95
97
%
FB Threshold for RESET Falling
VFB-OKF
VFB falling
90
92
94
%
RESET Delay after FB Reaches
95% Regulation
2.1
ms
RESET Output Level Low
IRESET = 1mA
0.23
V
RESET Output Leakage Current
VFB = 1.01 x VFB-REG, TA = +25°C
1
µA
MODE
MODE PFM Threshold
VMODE-PFM
1
1.22
1.44
V
MODE Hysteresis
VMODE-HYS
0.19
V
MODE Internal Pullup Resistor
VMODE = unconnected
123
VMODE = GND
1390
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
Temperature rising
160
°C
Thermal-Shutdown Hysteresis
20
°C
MAX17551
60V, 50mA, Ultra-Small, High-Efficiency
Synchronous Step-Down DC-DC Converter
with 22µA No-Load Supply Current
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)


Similar Part No. - MAX17551

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17551ATB++ MAXIM-MAX17551ATB+ Datasheet
1Mb / 25P
   60V, 50mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2021
MAX17551AUB++ MAXIM-MAX17551AUB+ Datasheet
1Mb / 25P
   60V, 50mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2021
MAX17551 MAXIM-MAX17551_V01 Datasheet
1Mb / 25P
   60V, 50mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2021
More results

Similar Description - MAX17551

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
   SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
ELM613DA ELM-TECH-ELM613DA Datasheet
1Mb / 11P
   synchronous step-down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com