Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX44241 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX44241
Description  Single/Quad/Dual Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44241 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX44241 Datasheet HTML 2Page - Maxim Integrated Products MAX44241 Datasheet HTML 3Page - Maxim Integrated Products MAX44241 Datasheet HTML 4Page - Maxim Integrated Products MAX44241 Datasheet HTML 5Page - Maxim Integrated Products MAX44241 Datasheet HTML 6Page - Maxim Integrated Products MAX44241 Datasheet HTML 7Page - Maxim Integrated Products MAX44241 Datasheet HTML 8Page - Maxim Integrated Products MAX44241 Datasheet HTML 9Page - Maxim Integrated Products MAX44241 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Maxim Integrated
MAX44241/MAX44243/MAX44246
36V, Low-Noise, Precision,
Single/Quad/Dual Op Amps
Typical Operating Characteristics (continued)
(VDD = 10V, VGND = 0V, VIN+ = VIN- = VDD/2, RL = 5kΩ to VDD/2, TA = -40°C to +125°C, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 3)
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
1M
100k
1k
10k
10 100
1
0
-20
20
40
60
80
100
120
140
160
-40
0.1
10M
100mVP-P
90
100
110
120
140
150
160
170
130
POWER-SUPPLY REJECTION RATIO
vs. TEMPERATURE
180
80
TEMPERATURE (°C)
100
75
50
25
0
-25
-50
125
OPEN-LOOP GAIN vs. FREQUENCY
FREQUENCY (Hz)
1M
100k
1k 10k
10 100
1
0.01 0.1
10M100M
200
-50
0
50
100
150
VIN = 100mVP-P
OUTPUT VOLTAGE LOW
vs. TEMPERATURE
70
0
TEMPERATURE (°C)
100
75
50
25
0
-25
-50
125
10
20
30
40
50
60
OUTPUT VOLTAGE LOW
vs. OUTPUT SINK CURRENT
OUTPUT SINK CURRENT (mA)
8
6
4
2
010
50
100
150
200
300
350
400
450
250
500
0
OUTPUT VOLTAGE HIGH
vs. TEMPERATURE
9.970
9.930
TEMPERATURE (°C)
100
75
50
25
0
-25
-50
125
9.940
9.935
9.945
9.955
9.950
9.965
9.960
OUTPUT VOLTAGE HIGH
vs. OUTPUT SOURCE CURRENT
OUTPUT SOURCE CURRENT (mA)
8
6
4
2
50
100
150
200
250
300
350
400
450
0
0
10
SMALL-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (Hz)
1M
100k
1k
10k
100
2
-20
10
100M
10M
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
NORMALIZED GAIN,
VIN = 100mVP-P
LARGE-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
10k 100k
1k
100
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
-50
10
100M
NORMALIZED GAIN,
VIN = 2VP-P


Similar Part No. - MAX44241

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44241AUA++ MAXIM-MAX44241AUA+ Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
MAX44241AUK++ MAXIM-MAX44241AUK+ Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
More results

Similar Description - MAX44241

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
logo
Intersil Corporation
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Maxim Integrated Produc...
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
logo
Maxim Integrated Produc...
MXL1013 MAXIM-MXL1013 Datasheet
160Kb / 8P
   Dual/Quad Precision Op Amps
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
logo
Linear Technology
LT6205 LINER-LT6205_1 Datasheet
261Kb / 18P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
LT6205 LINER-LT6205_15 Datasheet
266Kb / 18P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com