Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISDF-07-D-M Datasheet(PDF) 1 Page - Samtec, Inc

Part # ISDF-07-D-M
Description  DISCRETE WIRE COMPONENTS TOOLING
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

ISDF-07-D-M Datasheet(HTML) 1 Page - Samtec, Inc

  ISDF-07-D-M Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISDF, CC03R, CC03M, TFM SERIES
(1,27 mm) .050"
ISDF–07–D–M
ISDF–10–D–S
CC03R–2830–01–G
WWW.SAMTEC.COM
SPECIFICATIONS
Note: Some lengths, styles
and options are non-standard,
non-returnable.
–M
= Metal
Retention
Latch
–S
= Screw
Down
(–D only)
POSITIONS
PER ROW
OPTION
ROW
OPTION
No. of Positions
x (1,27) .050
+ (0,38) .015
(1,27)
.050
(1,27)
.050
(3,68)
.145
(1,27)
.050
(2,03) .080
(6,32)
.249
(6,35)
.250
(5,08)
.200
(11,18)
.440
(2,03)
.080
(1,78)
.070
(2,00)
.079
DIA
(1,27)
.050
DIA
(1,91)
.075
(3,81)
.150
(0,38)
.015
(3,81)
.150
(15,37)
.605
TYPE
TYPE
CC03R
= Contact,
Full Reel
(35,000 Parts
per Reel)
CC03M
= Contact,
Mini Reel
(5,000 Parts
per Reel)
–2830
= 28 to 30 AWG
WIRE
GAUGE
ISDF
= Housing
–S
= Single Row
–D
= Double Row
–03, –04,
–05, –07,
–10, –15,
–20, –25,
–40, –50
(Standard sizes)
–D
–S
–M
–S
For complete specifications
see www.samtec.com?ISDF
or www.samtec.com?CC03R
PLATING
–GF
= Gold flash
on contact
–G
= 10µ"
(0,25 µm)
Gold on
contact
DISCRETE WIRE COMPONENTS & TOOLING
SYSTEM
Contact Material:
BeCu
Insulator
Material:
Black LCP
For complete scope
of recognitions see
www.samtec.com/quality
RECOGNITIONS
NO. PINS
PER ROW
1
TFM
PLATING
OPTION
LEAD
STYLE
ROW
OPTION
OPTION
03, 04, 05, 07, 10,
15, 20, 25, 40, 50
–L
= 15µ" (0,38 µm)
Gold on post,
Matte Tin on tail
–01
= Through-hole
–02
= Surface Mount
–S
= Single Row
–D
= Double Row
–DS
= Dual Screw
Down for
(1,60 mm)
.062" PCB
(05, 07, 10, 15,
20, 25, 40
positions only)
(Requires –D
row option)
(Mates with
SFSD/SFSDT
–SS and –DS
option only)
–WT
= Weld Tab
(Mates to
SFSS/SFSD
–SR and –DR
option only)
(05, 07, 10, 15,
20, 25, 40, 50
positions only)
Mates with:
SFSD(T), SFSS(T)
For complete specifications and
recommended PCB layouts
see www.samtec.com?TFM
Insulator Material:
Black Liquid Crystal Polymer
Terminal Material:
Phosphor Bronze
Plating:
Au or Sn over
50µ" (1,27 µm) Ni
Voltage Rating:
250 VAC mated with SFM
Operating Temp Range:
-55°C to +125°C
RoHS Compliant: Yes
Processing:
Lead-Free Solderable: Yes
SMT Lead Coplanarity:
(0,10 mm) .004" max (05-25)
(0,15 mm) .006" max (30-50)
For complete scope
of recognitions see
www.samtec.com/quality
RECOGNITIONS
FILE NO: 090871_0_000
SPECIFICATIONS
THROUGH-HOLE
(0,36) .014
(0,46)
.018 DIA
(5,72)
.225
(5,59)
.220
(2,35)
.093
(3,81)
.150
(0,64)
.025
(1,27) .050
(1,97) .078
(1,27)
.050
(2,79)
.110
(1,27) .050 x
No. of Positions + (3,18) .125
(4,45)
.175
(See website for –DS & –WT OAL)
–REX = (1,27) .050 x
No. of Positions + (6,68) .263
(5,72)
.225
01
01
02
(1,99)
.079
OTHER
SOLUTIONS
• Many other options
available. See TFM,
TFML, TFC Series
or contact Samtec
SURFACE MOUNT
–DS
–WT
TOOLING
• Hand tool:
CAT-HT-203-2830-12
• Clamp for mounting
hand tool to work table:
CAT-HT-MNT-01
• Mini Applicator:
CAT-MA-203-2830-XX-01
01
F214 (Rev 23APR14)


Similar Part No. - ISDF-07-D-M

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ISDF-07-S-M SAMTEC-ISDF-07-S-M Datasheet
658Kb / 2P
   (1.27 mm) .050" PITCH • DISCRETE WIRE ASSEMBLY/COMPONENTS
More results

Similar Description - ISDF-07-D-M

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
IPL1-102-02-S-D SAMTEC-IPL1-102-02-S-D Datasheet
404Kb / 1P
   DISCRETE WIRE COMPONENTS & TOOLING
ISD2-05-D-M SAMTEC-ISD2-05-D-M Datasheet
529Kb / 1P
   DISCRETE WIRE COMPONENTS & TOOLING
PMSD SAMTEC-PMSD Datasheet
257Kb / 1P
   (4.19 mm) .165" PITCH • DISCRETE WIRE CABLE & COMPONENTS
SFSS SAMTEC-SFSS Datasheet
658Kb / 2P
   (1.27 mm) .050" PITCH • DISCRETE WIRE ASSEMBLY/COMPONENTS
logo
Molex Electronics Ltd.
0639106500 MOLEX11-0639106500 Datasheet
29Kb / 1P
   T2 Terminator Tooling Die for Discrete Wire Crimp Terminal, 24-28 AWG Wire
logo
Samtec, Inc
SESDT SAMTEC-SESDT Datasheet
333Kb / 1P
   (0.80 mm) .0315" PITCH • DISCRETE WIRE CABLE ASSEMBLY/COMPONENTS
logo
List of Unclassifed Man...
6908 ETC1-6908 Datasheet
145Kb / 1P
   60000 SERIES FOR DISCRETE COMPONENTS
logo
Molex Electronics Ltd.
91935-9004 MOLEX-91935-9004 Datasheet
106Kb / 2P
   Picoflex짰 Discrete Wire
logo
AVX Corporation
00-9176-002-001-106 AVX-00-9176-002-001-106 Datasheet
368Kb / 9P
   Discrete Wire IDC
009175003001006 AVX-009175003001006 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com