Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1D18M7 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LC1D18M7
Description  Contactorsand Thermal Overload Relays from 6to 2750 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC1D18M7 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LC1D18M7 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1D18M7 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1D18M7 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC1D18M7 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC1D18M7 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC1D18M7 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC1D18M7 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC1D18M7 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC1D18M7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
vv
s s
s s
Low Consumption
ww
w
AC
DC
DC
AC/DC AC
Hz
50/60
50*
60*
…400
40/400
24 V
B7
B5
B6
BD
BL
-
48 V
E7
E5
E6
ED
EL
-
72 V
---
SD
SL
-
110 V
F7
F5
F6
FD
FW
F
120 V G7
-
G6
-
FW
-
208 V
--
L6
-
-
220 V M7
M5
M6
MD
MW
M
230 V P7
P5
-
-
MW
P
240 V U7
U5
U6
-
MW
U
250 V
---
UD
-
380 V Q7
Q5
Q6
-
QW
Q
400 V V7
V5
-
-
QW
V
415 V N7
N5
-
-
QW
N
440 V R7
R5
R6 RD*
QW
R
*Except K
0.11
0.16
0.23
0.36
0.36
0.54
0.8
1.2
1.2
1.8
2.6
3.7
3.7
5.5
8
11.5
10
14
12
18
A
A
AWG
220/230 V
kW
380/400 V
kW
415 V
kW
500 V
kW
660/690 V
kW
1000 V
kW
200 V
HP
230 V
HP
460/480 V
HP
575 V
HP
10
01
004
008
10
01
Front mounted
additional blocks
Contactors
008
Standard overload relays
Direct mounting on the contactor
NO NC NC NO
1111
LAD-C22
NO
2
LA1-DX20
NO NO NC
22
-
LA1-DZ40
211
LA1-DZ31
NO
22
LA1-DY20
NC
NO
0.1 - 3s
LAD-T0
1
- 30s
LAD-T2
10
- 180s LAD-T4
NO
NC
0.1 - 3s
LAD-R0
1
- 30s
LAD-R2
10
- 180s LAD-R4
NC
NO
1- 30s
LAD-S2
NO NC
2-
LAD-N20
11
LAD-N11
-2
LAD-N02
NO NC
2-
LA1-KN20
11
LA1-KN11
-2
LA1-KN02
NO NC
4-
LA1-KN40
31
LA1-KN31
22
LA1-KN22
13
LA1-KN13
-4
LA1-KN04
NO NC
4-
LAD-N40
31
LAD-N31
22
LAD-N22
13
LAD-N13
-4
LAD-N04
NO NC
11
LAD-8N11(1)
2-
LAD-8N20(1)
12
LAD-8N02(1)
LRD-01
LRD-10
LRD-12
LRD-14
LRD-16
LRD-21
LRD-22
LRD-32
LRD-35
LRD-02
LRD-03
LRD-04
LRD-05
LRD-06
LRD-07
LRD-08
LRD-3322
LRD-3353
LRD-3355
LRD-3357
0.1
0.16
0.25
0.4
0.63
1
1.6
2.5
4
46
7
10
12
18
23
32
5.5
8
9
13
17
25
30
38
17
25
30
40
48
65
LRD-3363
23
32
37
50
55
70
80
104
63
80
90
150
60
100
LR9-F5363
LR9-F5371
LR9-F5369
48
80
90
150
132
220
Class 10
LT6-P0M005FM
0.2 A
5 A
25 A
LR9-F7375
LR9-F7379
LR9-F7381
200
330
380
630
300
500
LR2-K0301
LR2-K0304
LR2-K0305
LR2-K0304
LR2-K0307
LR2-K0308
LR2-K0307
LR2-K0312
LR2-K0314
LR2-K0312
LR2-K0320
LR2-K0321
Multifunction overload relays
630
1A + LR2D1305
5A + LR2D1310
LT6-P0M005FM + LTC-CT•001
1A
5A
NO NC
22
115
150
185
225
265
330
400
500
630
800
780
750
1000
1500
1800
A
175
200
200
200
285
360
420
700
1000
1000
1350
800
1250
2000
2750
A
Ø
3/Ø
3/Ø
300 MCM
300 MCM
300 MCM
600 MCM
2 x 600 MCM
3 x 600 MCM
3 x 600 MCM
4 x 750 MCM
2 x 80mm x 5mm55552 x 80mm x 5mm5555
3 x 100mm x 5mm5555
4 x 100mm x 5mm5555
AWG
30
40
55
63
75
100
110
147
200
250
220
280
425
500
kW
55
77559900
110
132
160
200
250
335
450
400
500
750
900
kW
59
80
100
110
140
180
220
280
375
450
425
590
800
900
kW
75
90
110
129
160
200
257
355
400
450
500
600
750
900
kW
80
100
110
129
160
220
280
335
450
475
560
670
750
900
kW
65
65
100
100
147
160
185
335
450
450
530
530
670
750
kW
30
40
50
60
60
75
100
150
250
-
-
-
-
-
-
HP
40
50
60
75
75
100
125
200
300
450
450
-
-
-
-
HP
75
100
125
150
150
200
250
400
600
800
900
--
-
-
HP
100
125
150
150
200
250
300
500
800
900
900
-
-
-
-
HP
Coil Suffixes
11
004
00
01
10
Part number suffixes to specify power pole/
auxiliary contact configuration
Built-in auxiliary contacts
10
01
LRD-3361
LRD-3365
LRD-3359
2750 A
2750 A
(1) Except LC1-D115, LC1-D150
(2) Only LCI, LPI
(3) For LP4-D
For more information refer to publication 8502CT0101
A1
A2
LC1-F115 s s
LC1-F150 s s
LC1-F185 s s
LC1-F225 s s
LC1-F265 s s
LC1-F330 s s
LC1-F400 s s
LC1-F500 s s
LC1-F630 s s
LC1-F800 w w
LC1-F780 s s
LC1BL3 ❍ w 22
LC1BM3 ❍ w 22
LC1BP3 ❍ w 22
LC1BR3 ❍ w 22
LR9-F5357
LR9-F5367
30
50
60
100
AC
DC
LR9-D5367
LR9-D5369
6
9
12
9
12
18253240506580
115
150
20
20
20
25
25
32
40
50
60
80
80
125
250
250
10
10
10
10
10
8663332
250 MCM
250 MCM
1.5
2.2
3
2.2
3
4
5.5
7.5
11
15
18.5
22
30
40
2.2
4
5.5
4
5.5
7.5
1111
15
18.5
22
30
37
55
75
2.2
4
5.5
4
5.5
9
11
15222537455980
3
4
4
5.5
7.5
10
15
18.5
22
30
37
55
75
90
3
4
4
5.5
7.5
10
15
18.5
30
33
37
45
80
100
----
-
-------
75
90
----
-
---------
1.5
3
3
2
3
5
7.5
10
10
15
20
30
40
50
3
5
7.5
5
7.5
10
15
20
30
40
50
60
75
100
3
5
10
7.5
10
15
20
30
30
40
50
60
100
125
LC1-K06 qq s s
LC1-K09 qq s s
LC1-K12qq s s
LC1-D09 s s
LC1-D12 s s
LC1-D18 s s
LC1-D25 s s
LC1-D32 s s
LC1-D40 s s
LC1-D50 s s
LC1-D65 s s
LC1-D80 s s
LC1-D115 s s
LC1-D150 7
LP1-K06 qq s s
LP1-K09 qq s s
LC1-K12qq s s
LC1-D09 s s
LC1-D02 s s
LC1-D18 s s
LC1-D25 s s
LC1-D32 s s
LC1-D40 s s
LC1-D50 s s
LC1-D65 s s
LC1-D80 s s
LC1-D115 s s
LC1-D150 s s
LP4-K06 qq
3
LP4-K09 qq
3
LP4-K12 qq
3
LC1-D09
LC1-D02
LC1-D18
LC1-D25
LR2-K0301
LR2-K0302
Max. inductive current AC3
Max. resistive current AC1
Max. wire size
Maximum 3 phase
power ratings per
IEC 947-4
Maximum 3 phase
horsepower
ratings
AC
DC
Low Consumption DC (< 2.4 W)
LT6-P0M025FM


Similar Part No. - LC1D18M7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1D18 SCHNEIDER-LC1D18 Datasheet
971Kb / 2P
   AC/DC
LC1D18 SCHNEIDER-LC1D18 Datasheet
120Kb / 3P
   TeSys LRD - electronic thermal overload relay - 3P - 6.4...32 A
LC1D183B7 SCHNEIDER-LC1D183B7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 18 A - 24 V AC coil
LC1D183BD SCHNEIDER-LC1D183BD Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 18 A - 24 V DC coil
LC1D183BL SCHNEIDER-LC1D183BL Datasheet
157Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 18 A - 24 V DC coil
More results

Similar Description - LC1D18M7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1K0910BD ETC2-LP1K0910BD Datasheet
301Kb / 10P
   Contactorsand Thermal Overload Relays from 6to 2750 A
logo
Schneider Electric
LR3D08 SCHNEIDER-LR3D08 Datasheet
181Kb / 3P
   TeSys LRD thermal overload relays - 2.5...4 A - v
LRD21L SCHNEIDER-LRD21L Datasheet
139Kb / 3P
   TeSys LRD thermal overload relays - 12...18 A - class 20
LRD066 SCHNEIDER-LRD066 Datasheet
185Kb / 3P
   TeSys LRD thermal overload relays - 1...1.6 A - class 10A
LRD083 SCHNEIDER-LRD083 Datasheet
144Kb / 3P
   TeSys LRD thermal overload relays - 2.5...4 A - class 10A
LRD12L SCHNEIDER-LRD12L_V01 Datasheet
116Kb / 3P
   TeSys Deca thermal overload relays - 5.5...8 A - class 20
May 25, 2022
LR3D3522 SCHNEIDER-LR3D3522 Datasheet
161Kb / 3P
   TeSys LRD thermal overload relays - 17...25 A - class 20
LR3D3656 SCHNEIDER-LR3D3656 Datasheet
136Kb / 3P
   TeSys LRD thermal overload relays - 48...65 A - class 10A
LRD05L6 SCHNEIDER-LRD05L6 Datasheet
130Kb / 3P
   TeSys LRD thermal overload relays - 0.63...1 A - class 20
LR3D05L6 SCHNEIDER-LR3D05L6 Datasheet
130Kb / 3P
   TeSys LRD thermal overload relays - 0.63...1 A - class 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com