Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3810U Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N3810U
Description  PNP SILICON DUAL TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3810U Datasheet(HTML) 3 Page - Microsemi Corporation

  2N3810U Datasheet HTML 1Page - Microsemi Corporation 2N3810U Datasheet HTML 2Page - Microsemi Corporation 2N3810U Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
PNP SILICON DUAL TRANSISTOR
Qualified per MIL-PRF-19500 /336
T4-LDS-0118 Rev. 1 (091095)
Page 3 of 3
DYNAMIC CHARACTERISTICS (cont.)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Noise Figure
IC = 100μAdc, VCE = 10Vdc, f = 100Hz, RG = 3.0kΩ
2N3810, L, U
F1
7.0
IC = 100μAdc, VCE = 10Vdc, f = 1.0kHz, RG = 3.0kΩ
2N3810, L, U
F2
3.0
IC = 100μAdc, VCE = 10Vdc, f = 10kHz, RG = 3.0kΩ
2N3810, L, U
F3
2.5
IC = 100μAdc, VCE = 10Vdc, f = 10Hz to 15.7kHz, RG = 3.0kΩ
2N3810, L, U
F4
3.5
dB
IC = 100μAdc, VCE = 10Vdc, f = 100Hz, RG = 3.0kΩ
2N3811, L, U
F1
4.0
IC = 100μAdc, VCE = 10Vdc, f = 1.0kHz, RG = 3.0kΩ
2N3811, L, U
F2
1.5
IC = 100μAdc, VCE = 10Vdc, f = 10kHz, RG = 3.0kΩ
2N3811, L, U
F3
2.0
IC = 100μAdc, VCE = 10Vdc, f = 10Hz to 15.7kHz, RG = 3.0kΩ
2N3811, L, U
F4
2.5
dB


Similar Part No. - 2N3810U

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3810U MICROSEMI-2N3810U Datasheet
61Kb / 2P
   PNP SILICON DUAL TRANSISTOR
2N3810U MICROSEMI-2N3810U Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
2N3810U MICROSEMI-2N3810U Datasheet
310Kb / 5P
   PNP SILICON DUAL TRANSISTOR
2N3810U MICROSEMI-2N3810U Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
More results

Similar Description - 2N3810U

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3726 CENTRAL-2N3726_15 Datasheet
112Kb / 2P
   PNP DUAL SILICON TRANSISTOR
2N3726 CENTRAL-2N3726 Datasheet
108Kb / 2P
   PNP DUAL SILICON TRANSISTOR
logo
Microsemi Corporation
JANTX2N3810 MICROSEMI-JANTX2N3810 Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
logo
Central Semiconductor C...
MD3250 CENTRAL-MD3250 Datasheet
494Kb / 2P
   DUAL PNP SILICON TRANSISTOR
2N3810 CENTRAL-2N3810 Datasheet
113Kb / 2P
   DUAL PNP SILICON TRANSISTOR
logo
Microsemi Corporation
2N3810 MICROSEMI-2N3810 Datasheet
61Kb / 2P
   PNP SILICON DUAL TRANSISTOR
2N5795 MICROSEMI-2N5795 Datasheet
127Kb / 2P
   PNP DUAL SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SA1928 ETC-2SA1928 Datasheet
113Kb / 5P
   SILICON PNP DUAL TRANSISTOR
logo
Microsemi Corporation
2N3810 MICROSEMI-2N3810_1 Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
2N3810 MICROSEMI-2N3810_11 Datasheet
310Kb / 5P
   PNP SILICON DUAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com