Electronic Components Datasheet Search |
|
36757-0067 Datasheet(PDF) 2 Page - Molex Electronics Ltd. |
|
36757-0067 Datasheet(HTML) 2 Page - Molex Electronics Ltd. |
2 / 2 page Material - Resin Polyester Number of Rows 5 Orientation Vertical PC Tail Length 4.30mm PCB Locator Yes PCB Retention Yes PCB Thickness - Recommended 1.60mm Packaging Type Tray Pitch - Mating Interface 6.35mm Pitch - Termination Interface 6.35mm Polarized to Mating Part Yes Polarized to PCB Yes Shrouded Fully Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -55°C to +105°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 20A, 9A Voltage - Maximum 600V Material Info Reference - Drawing Numbers Product Specification PSX-42002-0001 Sales Drawing SDA-43255-00** This document was generated on 09/25/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 36757-0067 |
|
Similar Description - 36757-0067 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |