Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRX120-T Datasheet(PDF) 4 Page - Micro Commercial Components

Part # MBRX120-T
Description  1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRX120-T Datasheet(HTML) 4 Page - Micro Commercial Components

  MBRX120-T Datasheet HTML 1Page - Micro Commercial Components MBRX120-T Datasheet HTML 2Page - Micro Commercial Components MBRX120-T Datasheet HTML 3Page - Micro Commercial Components MBRX120-T Datasheet HTML 4Page - Micro Commercial Components MBRX120-T Datasheet HTML 5Page - Micro Commercial Components MBRX120-T Datasheet HTML 6Page - Micro Commercial Components MBRX120-T Datasheet HTML 7Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SURFACE MOUNT
TAPE DIMENSIONS AND ORIENTATION
(in millimeters)
8mm Tape
SOD123
SURFACE MOUNT
TYPE
TAPE SIZE
BULK/TUBE
7 INCH REEL
13 INCH REEL
(mm)
QUANTITY
QUANTITY
QUANTITY
SOD123
8
-----
3000
-----
DIRECTION OF UNREELING
MCC
TM
Micro Commercial Components
www.mccsemi.com
4 of 6
Revision: A
20
11/01/01
Embossed Carrier Tape Specifications
(8mm Tape)
A
B
Cover
Tape
D
E
F
G
H
J
K
L
M
N
P
R
For Machine Reference Only
Including Draft And Radii
Concentric Around Dimension ‘F’
10 Pitches Cumulative
Tolerance On Ta e
r 0.2
(For Components
20mm x 12mm
And Larger)
Feed Direction
Tape Size
H
L
J
B (Max)
D, F, P
Constant
8
1.5 +0.1, -0.0
1.75
r0.10
4.0
r0.1
0.600
See Note 1
Dimensions
Tape
Size
E
(Max)
R
(Min)
N
A
(Max)
K
M
Variable
Dimensions
8mm
4.2
1.0
3.5
r0.05
2.4
2.0
r0.05
8.0
r0.30
Tape Size
G
4.0
r0.10
8.0
r0.10
12.0
r0.10
16.0
r0.10
8mm
X


Similar Part No. - MBRX120-T

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRX120 MCC-MBRX120 Datasheet
113Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
MBRX120 LEIDITECH-MBRX120 Datasheet
657Kb / 5P
   Lead Free Finish/RoHS Compliant (Note1)("P"Suffix designates Compliant. See ordering information)
logo
Micro Commercial Compon...
MBRX120 MCC-MBRX120 Datasheet
335Kb / 6P
   1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Galaxy Semi-Conductor H...
MBRX120 BILIN-MBRX120 Datasheet
225Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
MBRX120 LUGUANG-MBRX120 Datasheet
251Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - MBRX120-T

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRX120 MCC-MBRX120_11 Datasheet
335Kb / 6P
   1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRX120 MCC-MBRX120_15 Datasheet
483Kb / 6P
   1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Central Semiconductor C...
CMSH1-20M CENTRAL-CMSH1-20M Datasheet
86Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 60 VOLTS
logo
Micro Commercial Compon...
RB491DS MCC-RB491DS Datasheet
216Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
RB491DS MCC-RB491DS_13 Datasheet
253Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
RB491D MCC-RB491D_06 Datasheet
868Kb / 4P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
MBRX120 MCC-MBRX120 Datasheet
113Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
1S20 MCC-1S20 Datasheet
86Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
1N17 MCC-1N17_11 Datasheet
679Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
1S20 MCC-1S20_11 Datasheet
448Kb / 4P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com