Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL106F Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # RL106F
Description  FAST SWITCHING PLASITC RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

RL106F Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  RL106F Datasheet HTML 1Page - GOOD-ARK Electronics RL106F Datasheet HTML 2Page - GOOD-ARK Electronics RL106F Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes:
(1) Reverse recovery test conditions: I
F=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
(3) Pulse test: pulse width 300uSec, Duty cycle 2%
Symbols
RL101F RL102F RL103F RL104F RL105F RL106F RL107F
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
V
RMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
V
DC
50
100
200
400
600
800
1000
Volts
Average forward current
at T
A=55
I
(AV)
1.0
Amp
Peak forward surge current
8.3mS single half sine-wave
I
FSM
30.0
Amps
Maximum instantaneous forward voltage
at I
FM=1.0A; TJ=25
(Note 3)
V
F
1.30
Volts
Maximum DC reverse current
T
J=25
at rated DC blocking voltage
T
J=100
I
R
5.0
100.0
A
Maximum reverse recovery time (Note 1)
T
rr
150
250
500
nS
Typical junction capacitance (Note 2)
C
J
15.0
F
Maximum thermal resistance
R
JL
50
/W
Operating and storage temperature range
T
J, TSTG
-65 to +175
Features
RL101F THRU RL107F
FAST SWITCHING PLASITC RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
Maximum Ratings and Electrical Characteristics @25 unless otherwise specified
1
Maximum Ratings
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.165
0.205
4.2
5.2
B
0.079
0.106
2.0
2.7
C
0.020
0.024
0.5
0.6
D
1.000
-
25.40
-
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Fast switching for high efficiency
Construction utilizes void-free molded plastic technique
1.0 ampere operation at T
A=55
with no thermal
runaway
High temperature soldering guaranteed:
250 /10 seconds, 0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
Case: A-405 molded plastic body
Terminals: Plated axial leads, solderable per
MIL-STD-750, method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.008 ounce, 0.23 gram


Similar Part No. - RL106F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL106F RECTRON-RL106F Datasheet
25Kb / 2P
   FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Shanghai Shunye Electro...
RL106F SHUNYE-RL106F Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Bytes
RL106F BYTES-RL106F Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Nantong Hornby Electron...
RL106F HORNBY-RL106F Datasheet
236Kb / 3P
   FAST RECOVERY RECTIFIER
logo
Dc Components
RL106F DCCOM-RL106F Datasheet
457Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Similar Description - RL106F

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SRA7 GOOD-ARK-SRA7 Datasheet
202Kb / 3P
   FAST SWITCHING PLASITC RECTIFIER
BA157 GOOD-ARK-BA157 Datasheet
178Kb / 2P
   FAST SWITCHING PLASITC RECTIFIER
RL101 GOOD-ARK-RL101 Datasheet
199Kb / 2P
   GENERAL PURPOSE PLASITC RECTIFIER
SN21 GOOD-ARK-SN21 Datasheet
197Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE PLASITC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
FR101 CHENG-YI-FR101 Datasheet
114Kb / 2P
   FAST SWITCHING RECTIFIER
IN4933 CHENG-YI-IN4933 Datasheet
118Kb / 2P
   FAST SWITCHING RECTIFIER
FR301 CHENG-YI-FR301 Datasheet
119Kb / 2P
   FAST SWITCHING RECTIFIER
logo
Chenmko Enterprise Co. ...
SFR301PT CHENMKO-SFR301PT Datasheet
77Kb / 2P
   FAST SWITCHING RECTIFIER
logo
Digitron Semiconductors
1N5415 DIGITRON-1N5415 Datasheet
95Kb / 1P
   FAST SWITCHING RECTIFIER
logo
Chenmko Enterprise Co. ...
SFR101PT CHENMKO-SFR101PT Datasheet
70Kb / 2P
   FAST SWITCHING RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com