Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V24ZA20P Datasheet(PDF) 9 Page - Littelfuse

Part # V24ZA20P
Description  Lead?밼ree, Halogen-Free and RoHS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V24ZA20P Datasheet(HTML) 9 Page - Littelfuse

Back Button V24ZA20P Datasheet HTML 5Page - Littelfuse V24ZA20P Datasheet HTML 6Page - Littelfuse V24ZA20P Datasheet HTML 7Page - Littelfuse V24ZA20P Datasheet HTML 8Page - Littelfuse V24ZA20P Datasheet HTML 9Page - Littelfuse V24ZA20P Datasheet HTML 10Page - Littelfuse V24ZA20P Datasheet HTML 11Page - Littelfuse V24ZA20P Datasheet HTML 12Page - Littelfuse V24ZA20P Datasheet HTML 13Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 07/11/14
Varistor Products
Radial Lead Varistors > ZA Series
Repetitive Surge Capability for 14mm Parts
V18ZA3(P) - V68ZA10(P)
V82ZA12(P) - V180ZA10(P)
FIGURE 22. SURGE CURRENT RATING CURVES FOR
V82ZA4(P) - V180ZA5(P)
FIGURE 23. SURGE CURRENT RATING CURVES FOR
V18ZA3(P) - V68ZA10(P)
FIGURE 24. SURGE CURRENT RATING CURVES FOR
V82ZA12(P) - V180ZA10(P)
FIGURE 25. SURGE CURRENT RATING CURRENT FOR
V18ZA40(P) - V68ZA20(P)
FIGURE 26. SURGE CURRENT RATING CURVES FOR V120ZA20(P) - V180ZA20(P)
5,000
2,000
1,000
500
200
100
50
20
10
5
2
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
10
102
2
103
INDEFINITE
104
105
106
MODEL SIZE 10mm
V82ZA4(P) - V180ZA5(P)
200
100
50
20
10
5
1
2
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
102
104
105
106
103
INDEFINITE
1,000
500
MODEL SIZE 14mm
V18ZA3(P) - V68ZA10(P)
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
103
INDEFINITE
1,000
102
MODEL SIZE 14mm
V82ZA12(P) - V180ZA10(P)
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
1,000
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V18ZA40(P) - V68ZA20(P)
10,000
1,000
100
20
IMPULSE DURATION (
µs)
5,000
10,000
2,000
500
100
20
10
2
1,000
200
50
1
5
1
2
10
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V120ZA20(P) - V180ZA20(P)
FIGURE 24. SURGE CURRENT RATING CURVES FOR
V82ZA12(P) - V180ZA10(P)
FIGURE 25. SURGE CURRENT RATING CURRENT FOR
V18ZA40(P) - V68ZA20(P)
FIGURE 26. SURGE CURRENT RATING CURVES FOR V120ZA20(P) - V180ZA20(P)
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
103
INDEFINITE
1,000
102
MODEL SIZE 14mm
V82ZA12(P) - V180ZA10(P)
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
1,000
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V18ZA40(P) - V68ZA20(P)
10,000
1,000
100
20
IMPULSE DURATION (
µs)
5,000
10,000
2,000
500
100
20
10
2
1,000
200
50
1
5
1
2
10
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V120ZA20(P) - V180ZA20(P)
V120ZA20(P) - V180ZA20(P)
FIGURE 24. SURGE CURRENT RATING CURVES FOR
V82ZA12(P) - V180ZA10(P)
FIGURE 25. SURGE CURRENT RATING CURRENT FOR
V18ZA40(P) - V68ZA20(P)
FIGURE 26. SURGE CURRENT RATING CURVES FOR V120ZA20(P) - V180ZA20(P)
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
103
INDEFINITE
1,000
102
MODEL SIZE 14mm
V82ZA12(P) - V180ZA10(P)
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
1,000
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V18ZA40(P) - V68ZA20(P)
10,000
1,000
100
20
IMPULSE DURATION (
µs)
5,000
10,000
2,000
500
100
20
10
2
1,000
200
50
1
5
1
2
10
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V120ZA20(P) - V180ZA20(P)
V18ZA40(P) - V68ZA20(P)
FIGURE 24. SURGE CURRENT RATING CURVES FOR
V82ZA12(P) - V180ZA10(P)
FIGURE 25. SURGE CURRENT RATING CURRENT FOR
V18ZA40(P) - V68ZA20(P)
FIGURE 26. SURGE CURRENT RATING CURVES FOR V120ZA20(P) - V180ZA20(P)
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
103
INDEFINITE
1,000
102
MODEL SIZE 14mm
V82ZA12(P) - V180ZA10(P)
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
1,000
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V18ZA40(P) - V68ZA20(P)
10,000
1,000
100
20
IMPULSE DURATION (
µs)
5,000
10,000
2,000
500
100
20
10
2
1,000
200
50
1
5
1
2
10
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V120ZA20(P) - V180ZA20(P)
NOTE: If pulse ratings are exceeded, a shift of V
N(DC)(at specified current) of more then +/-10% could result. This type of shift, which normally results
in a decrease of V
N(DC), may result in the device not meeting the original published specifications, but does not prevent the device from continuing to
function, and to provide ample protection.
Repetitive Surge Capability for 20mm Parts
Figure 21
Figure 22
Figure 23
Figure 24


Similar Part No. - V24ZA20P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V24ZA20P LITTELFUSE-V24ZA20P Datasheet
825Kb / 13P
   Radial Lead Varistors
V24ZA20P LITTELFUSE-V24ZA20P Datasheet
1Mb / 14P
   ZA Varistor Series
V24ZA20P LITTELFUSE-V24ZA20P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
V24ZA20P LITTELFUSE-V24ZA20P Datasheet
1Mb / 14P
   ZA Varistor Series
V24ZA20P LITTELFUSE-V24ZA20P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
More results

Similar Description - V24ZA20P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V39ZT1P LITTELFUSE-V39ZT1P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
WALSIN TECHNOLOGY CORPO...
MF06P WALSIN-MF06P Datasheet
601Kb / 10P
   RoHS compliant and Halogen free and Lead free products
logo
International Rectifier
IRF6728MPBF IRF-IRF6728MPBF_15 Datasheet
253Kb / 9P
   RoHS Compliant Containing No Lead and Halogen Free
IRF6708S2TRPBF IRF-IRF6708S2TRPBF Datasheet
309Kb / 10P
   RoHS Compliant Containing No Lead and Halogen Free
IRF6710S2PBF IRF-IRF6710S2PBF_15 Datasheet
307Kb / 10P
   RoHS Compliant Containing No Lead and Halogen Free
IRF6795MPBF IRF-IRF6795MPBF_15 Datasheet
268Kb / 9P
   RoHS Compliant Containing No Lead and Halogen Free
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com