Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V27ZA4P Datasheet(PDF) 6 Page - Littelfuse

Part # V27ZA4P
Description  Lead?밼ree, Halogen-Free and RoHS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V27ZA4P Datasheet(HTML) 6 Page - Littelfuse

Back Button V27ZA4P Datasheet HTML 2Page - Littelfuse V27ZA4P Datasheet HTML 3Page - Littelfuse V27ZA4P Datasheet HTML 4Page - Littelfuse V27ZA4P Datasheet HTML 5Page - Littelfuse V27ZA4P Datasheet HTML 6Page - Littelfuse V27ZA4P Datasheet HTML 7Page - Littelfuse V27ZA4P Datasheet HTML 8Page - Littelfuse V27ZA4P Datasheet HTML 9Page - Littelfuse V27ZA4P Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 07/11/14
Varistor Products
Radial Lead Varistors > ZA Series
Maximum Clamping Voltage for 10mm Parts
V8ZA2(P) - V68ZA3(P)
Maximum Clamping Voltage for 14mm Parts
V82ZA4(P) - V180ZA5(P)
V18ZA3(P) - V68ZA10(P)
FIGURE 5. CLAMPING VOLTAGE FOR V360ZA05(P) - V750ZA05(P)
FIGURE 6. CLAMPING VOLTAGE FOR V8ZA1(P) - V68ZA2(P)
FIGURE 7. CLAMPING VOLTAGE FOR V82ZA2(P) - V180ZA1(P)
FIGURE 8. CLAMPING VOLTAGE FOR V8ZA2(P) - V68ZA3(P)
FIGURE 9. CLAMPINGVOLTAGE FOR V82ZA4(P) - V180ZA5(P)
FIGURE 10.CLAMPINGVOLTAGE FOR V18ZA3(P) - V68ZA10(P)
3000
2000
1000
500
PEAK AMPERES (A)
0.01
0.1
110100
1000
0.001
0.0001
V750ZA05(P)
V715ZA05(P)
V680ZA05(P)
V620ZA05(P)
V470ZA05(P)
V430ZA05(P)
V390ZA05(P)
V360ZA05(P)
MAX CLAMPING VOLTAGE
MODEL SIZE 5mm
360 TO 750VN(DC) RATING
TA = -55oC TO 85oC
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10-3
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
8 TO 68VN(DC) RATING
TA = -55oC TO 85oC
PEAK AMPERES (A)
V68ZA2(P)
V56ZA2(P)
V47ZA1(P)
V39ZA1(P)
V33ZA1(P)
V27ZA1(P)
V22ZA1(P)
V12ZA1(P)
V18ZA1(P)
V8ZA1(P)
MODEL SIZE 7mm
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 7mm
82 TO 180VN(DC) RATING
TA = -55oC TO 85oC
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V180ZA1(P)
V150ZA1(P)
V120ZA1(P)
V100ZA3(P)
V82ZA2(P)
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V68ZA3(P)
V56ZA3(P)
V47ZA3(P)
V39ZA3(P)
V33ZA2(P)
V27ZA2(P)
V22ZA2(P)
V18ZA2(P)
V8ZA2(P)
V12ZA2(P)
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
8 TO 68VN(DC) RATING
TA = -55oC TO 85oC
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
82 TO 180VN(DC) RATING
TA = -55oC TO 85oC
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V180ZA5(P)
V150ZA4(P)
V120ZA4(P)
V100ZA4(P)
V82ZA4(P)
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V68ZA10(P)
V56ZA8(P)
V47ZA7(P)
V39ZA6(P)
V33ZA5(P)
V27ZA4(P)
V22ZA3(P)
V18ZA3(P)
MAXIMUM CLAMPING VOLTAGE
18 TO 68VN(DC) RATING
TA = -55oC TO 85oC
MODEL SIZE 14mm
FIGURE 5. CLAMPING VOLTAGE FOR V360ZA05(P) - V750ZA05(P)
FIGURE 6. CLAMPING VOLTAGE FOR V8ZA1(P) - V68ZA2(P)
FIGURE 7. CLAMPING VOLTAGE FOR V82ZA2(P) - V180ZA1(P)
FIGURE 8. CLAMPING VOLTAGE FOR V8ZA2(P) - V68ZA3(P)
FIGURE 9. CLAMPINGVOLTAGE FOR V82ZA4(P) - V180ZA5(P)
FIGURE 10.CLAMPINGVOLTAGE FOR V18ZA3(P) - V68ZA10(P)
3000
2000
1000
500
PEAK AMPERES (A)
0.01
0.1
110100
1000
0.001
0.0001
V750ZA05(P)
V715ZA05(P)
V680ZA05(P)
V620ZA05(P)
V470ZA05(P)
V430ZA05(P)
V390ZA05(P)
V360ZA05(P)
MAX CLAMPING VOLTAGE
MODEL SIZE 5mm
360 TO 750VN(DC) RATING
TA = -55oC TO 85oC
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10-3
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
8 TO 68VN(DC) RATING
TA = -55oC TO 85oC
PEAK AMPERES (A)
V68ZA2(P)
V56ZA2(P)
V47ZA1(P)
V39ZA1(P)
V33ZA1(P)
V27ZA1(P)
V22ZA1(P)
V12ZA1(P)
V18ZA1(P)
V8ZA1(P)
MODEL SIZE 7mm
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 7mm
82 TO 180VN(DC) RATING
TA = -55oC TO 85oC
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V180ZA1(P)
V150ZA1(P)
V120ZA1(P)
V100ZA3(P)
V82ZA2(P)
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V68ZA3(P)
V56ZA3(P)
V47ZA3(P)
V39ZA3(P)
V33ZA2(P)
V27ZA2(P)
V22ZA2(P)
V18ZA2(P)
V8ZA2(P)
V12ZA2(P)
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
8 TO 68VN(DC) RATING
TA = -55oC TO 85oC
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
82 TO 180VN(DC) RATING
TA = -55oC TO 85oC
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V180ZA5(P)
V150ZA4(P)
V120ZA4(P)
V100ZA4(P)
V82ZA4(P)
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V68ZA10(P)
V56ZA8(P)
V47ZA7(P)
V39ZA6(P)
V33ZA5(P)
V27ZA4(P)
V22ZA3(P)
V18ZA3(P)
MAXIMUM CLAMPING VOLTAGE
18 TO 68VN(DC) RATING
TA = -55oC TO 85oC
MODEL SIZE 14mm
FIGURE 5. CLAMPING VOLTAGE FOR V360ZA05(P) - V750ZA05(P)
FIGURE 6. CLAMPING VOLTAGE FOR V8ZA1(P) - V68ZA2(P)
FIGURE 7. CLAMPING VOLTAGE FOR V82ZA2(P) - V180ZA1(P)
FIGURE 8. CLAMPING VOLTAGE FOR V8ZA2(P) - V68ZA3(P)
FIGURE 9. CLAMPINGVOLTAGE FOR V82ZA4(P) - V180ZA5(P)
FIGURE 10.CLAMPINGVOLTAGE FOR V18ZA3(P) - V68ZA10(P)
3000
2000
1000
500
PEAK AMPERES (A)
0.01
0.1
110100
1000
0.001
0.0001
V750ZA05(P)
V715ZA05(P)
V680ZA05(P)
V620ZA05(P)
V470ZA05(P)
V430ZA05(P)
V390ZA05(P)
V360ZA05(P)
MAX CLAMPING VOLTAGE
MODEL SIZE 5mm
360 TO 750VN(DC) RATING
TA = -55oC TO 85oC
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10-3
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
8 TO 68VN(DC) RATING
TA = -55oC TO 85oC
PEAK AMPERES (A)
V68ZA2(P)
V56ZA2(P)
V47ZA1(P)
V39ZA1(P)
V33ZA1(P)
V27ZA1(P)
V22ZA1(P)
V12ZA1(P)
V18ZA1(P)
V8ZA1(P)
MODEL SIZE 7mm
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 7mm
82 TO 180VN(DC) RATING
TA = -55oC TO 85oC
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V180ZA1(P)
V150ZA1(P)
V120ZA1(P)
V100ZA3(P)
V82ZA2(P)
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V68ZA3(P)
V56ZA3(P)
V47ZA3(P)
V39ZA3(P)
V33ZA2(P)
V27ZA2(P)
V22ZA2(P)
V18ZA2(P)
V8ZA2(P)
V12ZA2(P)
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
8 TO 68VN(DC) RATING
TA = -55oC TO 85oC
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
82 TO 180VN(DC) RATING
TA = -55oC TO 85oC
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V180ZA5(P)
V150ZA4(P)
V120ZA4(P)
V100ZA4(P)
V82ZA4(P)
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V68ZA10(P)
V56ZA8(P)
V47ZA7(P)
V39ZA6(P)
V33ZA5(P)
V27ZA4(P)
V22ZA3(P)
V18ZA3(P)
MAXIMUM CLAMPING VOLTAGE
18 TO 68VN(DC) RATING
TA = -55oC TO 85oC
MODEL SIZE 14mm
V82ZA12(P) - V180ZA10(P)
FIGURE 11. CLAMPING VOLTAGE FOR V82ZA12(P) - V180ZA10(P)
FIGURE 12. CLAMPING VOLTAGE FOR V18ZA40(P) - V36ZA80(P)
FIGURE 13. CLAMPING VOLTAGE FOR V39ZA20(P) - V180ZA20(P)
Transient V-I Characteristic Curves (Continued)
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 14mm
82 TO 180VN(DC) RATING
TA = -55oC TO 85oC
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V180ZA10(P)
V150ZA8(P)
V120ZA6(P)
V100ZA15(P)
V82ZA12(P)
300
200
100
90
80
70
60
50
40
30
20
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
104
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 20mm
18 TO 36VN(DC) RATING
TA = -55oC TO 85oC
V36ZA20(P) V36ZA80(P)
V33ZA20(P) V33ZA70(P)
V27ZA60(P) V27ZA60(P)
V24ZA50(P) V24ZA50(P)
V18ZA40P(P) V18ZA40P(P)
10-3
10-2
10-1
100
101
102
104
103
1,000
500
300
200
30
PEAK AMPERES (A)
V56ZA20(P)
V47ZA20(P)
V39ZA20(P)
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 20mm
TA = -55oC TO 85oC
39 TO 180VM(AC) RATING
V180ZA20(P)
V150ZA20(P)
V120ZA20(P)
100
50
V68ZA20(P)
Pulse Rating Curves
FIGURE 14. SURGE CURRENT RATING CURVES FOR V8ZA05(P)
FIGURE 15. SURGE CURRENT RATING CURVES FOR
V12ZA05(P) - V68ZA05(P)
50
20
10
5
2
1
0.5
0.2
0.1
20
100
1,000
10,000
IMPULSE DURATION (s)
1
10
102
2
103
INDEFINITE
104
105
106
MODEL SIZE 5mm
V8ZA05(P)
100
50
20
10
2
1
0.5
0.2
0.1
20
100
1,000
10,000
INDEFINITE
104
105
106
MODEL SIZE 5mm
V12ZA05(P) - V68ZA05(P)
1
10
102
2
103
IMPULSE DURATION (s)
Figure 8
Figure 9
Figure 10
Figure 11


Similar Part No. - V27ZA4P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V27ZA4P LITTELFUSE-V27ZA4P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V27ZA4P LITTELFUSE-V27ZA4P Datasheet
825Kb / 13P
   Radial Lead Varistors
V27ZA4P LITTELFUSE-V27ZA4P Datasheet
1Mb / 14P
   ZA Varistor Series
V27ZA4P LITTELFUSE-V27ZA4P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V27ZA4P LITTELFUSE-V27ZA4P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
More results

Similar Description - V27ZA4P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V39ZT1P LITTELFUSE-V39ZT1P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
WALSIN TECHNOLOGY CORPO...
MF06P WALSIN-MF06P Datasheet
601Kb / 10P
   RoHS compliant and Halogen free and Lead free products
logo
International Rectifier
IRF6728MPBF IRF-IRF6728MPBF_15 Datasheet
253Kb / 9P
   RoHS Compliant Containing No Lead and Halogen Free
IRF6708S2TRPBF IRF-IRF6708S2TRPBF Datasheet
309Kb / 10P
   RoHS Compliant Containing No Lead and Halogen Free
IRF6710S2PBF IRF-IRF6710S2PBF_15 Datasheet
307Kb / 10P
   RoHS Compliant Containing No Lead and Halogen Free
IRF6795MPBF IRF-IRF6795MPBF_15 Datasheet
268Kb / 9P
   RoHS Compliant Containing No Lead and Halogen Free
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com