Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8K Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # KBU8K
Description  SINGLE-PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

KBU8K Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  KBU8K Datasheet HTML 1Page - GOOD-ARK Electronics KBU8K Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbols
KBU4A
KBU6A
KBU8A
RS601
KBU4B
KBU6B
KBU8B
RS602
KBU4D
KBU6D
KBU8D
RS603
KBU4G
KBU6G
KBU8G
RS604
KBU4J
KBU6J
KBU8J
RS605
KBU4K
KBU6K
KBU8K
RS606
KBU4M
KBU6M
KBU8M
RS607
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
400
600
800
1000
Volts
Maximum RMS bridge input voltage
V
RMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
V
DC
50
100
200
400
600
800
1000
Volts
Maximum average forward
T
C=100
rectified output current at
T
A=65
/40 /45
I
(AV)
KBU4
4.0
4.0
KBU6
RS6
6.0
6.0
KBU8
8.0
6.0
/
Amps
Peak forward surge current, 8.3mS single half sine-wave
superimposed on rated load
(MIL-STD-750 method 4066)
I
FSM
200.0
250.0
300.0
Amps
Maximum instantanous forward Voltage drop per
element at 3.0A/3.0A/8.0A
V
F
1.0
1.0
1.0
Volt
Maximum DC reverse leakage at rated
T
A=25
DC blocking voltage per element
T
C=100
I
R
10.0
100.0
10.0
200.0
10.0
300.0
uA
mA
Operating and storage temperature range
T
J, TSTG
-65 to +150
Features
KBU4,6,8/RS6 SERIES
SINGLE-PHASE SILICON BRIDGE
Reverse Voltage - 50 to 1000 Volts
Forward Current - 4.0/6.0/8.0 Amperes
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique
Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
Surge overload rating: 200 amperes peak
Mounting Position: Any
Mounting Torgue: 5 ln. Ib. max.
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For capacitive load, derate current by 20%.
D IM E NS IO NS
DIM
in c hes
m m
No te
Min .
Ma x .
Min .
Ma x .
A
-
0.760
-
19.3
B
1 .0
-
25.4
-
C
0 .895
0.935
22.7
23.7
D
0 .260
0.280
6.6
7 .1
E
0 .165
0.185
4.2
4 .7
F
0 .140
0.160
3.6
4 .1
G
0 .065
0.085
1.7
2 .2
H
0 .660
0.700
16.8
17.8
H 1
0.405
0.455
10.3
11.3
J
0 .180
0.260
4.5
6 .6
K
0 .180
0.220
4.6
5 .6
M
0 .185
0.205
4.7
5 .2
N
0 .048
0.052
1.2
1 .3
P
0 .075 (1 .9 ) R . Ty p. (2 P lac es )
Q4 5 O
1


Similar Part No. - KBU8K

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
KBU8K BILIN-KBU8K Datasheet
145Kb / 3P
   Silicon Bridge Rectifiers
logo
Pan Jit International I...
KBU8K PANJIT-KBU8K Datasheet
55Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Vishay Siliconix
KBU8K VISHAY-KBU8K Datasheet
100Kb / 4P
   Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
America Semiconductor, ...
KBU8K AMERICASEMI-KBU8K Datasheet
593Kb / 2P
   BRIDGE RECTIFIERS
logo
GeneSiC Semiconductor, ...
KBU8K GENESIC-KBU8K Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
More results

Similar Description - KBU8K

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP3005 LUGUANG-KBP3005 Datasheet
278Kb / 2P
   Single-phase Silicon Bridge
logo
CHENG-YI ELECTRONIC CO....
KBPC25 CHENG-YI-KBPC25 Datasheet
135Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
W005 CHENG-YI-W005 Datasheet
118Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 CHENG-YI-RB151 Datasheet
120Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com