Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100502000001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100502000001
Description  M 2,54 SRC-P, 6-polig
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100502000001 Datasheet(HTML) 1 Page - ERNI Electronics

  100502000001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abspulrichtung -
Reel off Direction
330
Verpackt in Gurtverpackung
Tape on Reel Packaging
Verpackungseinheit: 320 Stück
Packaging unit: 320 pcs
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse
0,1 mm
Coplanarity Area of Termination
0,1 mm
Index
SRCP
contact one of the ERNI companies
prior notice.
A3
Class
h
M 2,54 SRC-P, 6-polig
100502000001
3:1
coding black
K
30.04.2013
Scale
Tolerances
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
www.ERNI.com
before using.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
Information:
Codierung schwarz -
Date
Ansaughaube
hood
8,4
±0,05
-0,06
1,5
19
20,5
a1
21,7
18
2,54
5 x 2,54 = 12,7
5
6
Leiterplatten-Layout Vorschlag für SMT
PCB-Layout Proposal for SMT
a1
-0,03
19
2,54
0,4
±0,05
1,95
1,02
1,6
3,15 ±0,03
5 x 2,54 = 12,7
ohne Ansaughaube
without hood
1,2
6
0,6
6,6
a1
16


Similar Part No. - 100502000001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100502000003 ERNI-100502000003 Datasheet
108Kb / 1P
   F 2.54 DRC-B, 20-polig
More results

Similar Description - 100502000001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
101504240001 ERNI-101504240001 Datasheet
61Kb / 1P
   M 2,54 SRC-P, 6-polig
224915 ERNI-224915 Datasheet
79Kb / 1P
   M 2,54 SRC-P, 6-polig
105303880001 ERNI-105303880001 Datasheet
61Kb / 1P
   M 2,54 SRC-P, 6-polig
102303880001 ERNI-102303880001 Datasheet
58Kb / 1P
   M 2,54 SRC-P, 4-polig
105403880001 ERNI-105403880001 Datasheet
53Kb / 1P
   M 2,54 SRC-P, 2-polig
105503880001 ERNI-105503880001 Datasheet
53Kb / 1P
   M 2,54 SRC-P, 2-polig
224993 ERNI-224993 Datasheet
69Kb / 1P
   M 2,54 SRC-P, 2-polig
100904600001 ERNI-100904600001 Datasheet
58Kb / 1P
   M 2,54 SRC-A, 6-polig
224913 ERNI-224913 Datasheet
70Kb / 1P
   M 2,54 SRC-A, 6-polig
101304240001 ERNI-101304240001 Datasheet
53Kb / 1P
   M 2,54 SRC-P, 2-polig
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com