Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV8539 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # BZV8539
Description  SILICON PLANAR POWER ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BZV8539 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  BZV8539 Datasheet HTML 1Page - GOOD-ARK Electronics BZV8539 Datasheet HTML 2Page - GOOD-ARK Electronics BZV8539 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Note:
(1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Features
BZV85 ...
SILICON PLANAR POWER ZENER DIODES
Silicon Planar Power Zener Diodes
for use in stabilizing and clipping circuits with high power rating.
The Zener voltage are graded according to the international
E 24 standard. Other voltage tolerances and higher Zener
voltages upon request.
Absolute Maximum Ratings (T
a=25
)
1
Symbols
Values
Units
Zener current see Table "Characteristics"
Power dissipation at T
amb=25
P
tot
1 1)
W
Junction temperature
T
j
200
Storage temperature range
T
S
-65 to +200
Note:
(1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Characteristics at T
amb=25
Symbols
Min.
Typ.
Max.
Units
Thermal resistance
junction to ambient Air
R
thA
-
-
170 1)
K/W
Forward voltage at I
F=200mA
V
F
--
1.2
V
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
-
0.169
-
4.3
B
-
0.110
-
2.8
C
-
0.031
-
0.8
D
1.102
-
28.0
-


Similar Part No. - BZV8539

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV85 PHILIPS-BZV85 Datasheet
53Kb / 8P
   Voltage regulator diodes
1999 May 11
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
NXP Semiconductors
BZV85 NXP-BZV85 Datasheet
276Kb / 10P
   Voltage regulator diodes
Rev. 03-10 November 2009
logo
Nexperia B.V. All right...
BZV85 NEXPERIA-BZV85 Datasheet
1Mb / 10P
   Voltage regulator diodes
Rev. 03 - 10 November 2009
logo
NXP Semiconductors
BZV85-C10 PHILIPS-BZV85-C10 Datasheet
53Kb / 8P
   Voltage regulator diodes
1999 May 11
More results

Similar Description - BZV8539

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com