Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE2G Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SE2G
Description  SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SE2G Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SE2G Datasheet HTML 1Page - GOOD-ARK Electronics SE2G Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
(1) Reverse recovery test conditions: I
F=0.5A, IR=1.0A, IRR=0.25A
(2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
(3) 8.0mm2 (0.013mm thick) land areas
Symbols
SE2A
SE2B
SE2D
SE2E
SE2G
SE2J
SE2K
SE2M
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
300
400
600
800
1000
Volts
Maximum RMS voltage
V
RMS
35
70
140
210
280
420
560
700
Volts
Maximum DC blocking voltage
V
DC
50
100
200
300
400
600
800
1000
Volts
Maximum average forward rectified current,
at T
L=90
I
(AV)
2.0
Amps
Peak forward surge current,
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method) T
A=55
I
FSM
50.0
Amps
Maximum instantaneous forward voltage at 2.0A
V
F
1.00
1.30
1.50
1.70
Volts
Maximum DC reverse current
T
A=25
at rated DC blocking voltage
T
A=100
I
R
10.0
500.0
A
Maximum Reverse recovery time (Note 1) T
J=25
T
rr
50.0
100.0
nS
Typical junction capacitance (Note 2)
C
J
50.0
F
Maximum thermal resistance (Note 3)
R
JL
20.0
/W
Operating and storage temperature range
T
J, TSTG
-50 to +150
Features
Mechanical Data
SE2A THRU SE2M
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0 Amperes
For surface mounted applications
Low profile package
Built-in strain relief
Easy pick and place
Ultrafast recovery times for high efficiency
Plastic package has Underwriters Laboratory
Flammability classification 94V-0
High temperature soldering:
260 /10 seconds at terminals
Case: SMA molded plastic
Terminals: Solder plated solderable per
MIL-STD-750, method 2026
Polarity: Indicated by cathode band
Weight: 0.004 ounce, 0.11 gram
Maximum Ratings and Electrical Characteristics
1
Ratings at 25 ambient temperature unless otherwise specified.
Resistive or inductive load.
For capacitive load, derate current by 20%.
DI M E NS I O NS
DI M
i n c hes
m m
No t e
Mi n .
Ma x .
Mi n .
Ma x .
A
0 . 216
0. 226
5. 48
5. 74
B
0 . 176
0. 182
4. 48
4. 63
C
0 . 094
0. 100
2. 40
2. 55
D
0 . 170
0. 176
4. 33
4. 48
E
0 . 039
0. 055
1. 00
1. 40
F
0 . 080
0. 081
2. 03
2. 07
G
0 . 068
0. 083
1. 72
2. 10
H
0 .1 1 2
0 . 1 1 8
2 .8 5
3 .0 0
J
0 . 057
-
1 . 4 4
-
K
-
0. 018
-
0 . 4 5
L
0 . 016
-
0 . 4 0
-
M
0 . 109
0. 1 1 5
2 . 7 7
2 . 9 3
N
0 . 105
0. 107
2. 67
2. 73
P
0 . 078
0. 081
2. 00
2. 05


Similar Part No. - SE2G

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SE2G SEMTECH_ELEC-SE2G Datasheet
177Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
SynSemi, Inc.
SE2G SYNSEMI-SE2G Datasheet
49Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
EIC discrete Semiconduc...
SE2G EIC-SE2G Datasheet
55Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
More results

Similar Description - SE2G

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
UF07A CHENDA-UF07A Datasheet
87Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
GOOD-ARK Electronics
SE3A GOOD-ARK-SE3A Datasheet
183Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Yixinwei Techn...
US3A YIXIN-US3A Datasheet
156Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Microdiode Electronics ...
HFM101-M CHENDA-HFM101-M Datasheet
548Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
DHE1A CHENDA-DHE1A Datasheet
547Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
SOD1H1 CHENDA-SOD1H1_V01 Datasheet
1Mb / 3P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
First Silicon Co., Ltd
U1A FS-U1A Datasheet
111Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Gaomi Xinghe Electronic...
US1AL GXELECTRONICS-US1AL Datasheet
483Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A Datasheet
158Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Microdiode Electronics ...
US2AW CHENDA-US2AW Datasheet
642Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Rectron Semiconductor
SH9 RECTRON-SH9 Datasheet
219Kb / 7P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com