Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UV3TZ-405-30 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # UV3TZ-405-30
Description  Tight Tolerance Ultraviolet LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UV3TZ-405-30 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  UV3TZ-405-30 Datasheet HTML 1Page - List of Unclassifed Manufacturers UV3TZ-405-30 Datasheet HTML 2Page - List of Unclassifed Manufacturers UV3TZ-405-30 Datasheet HTML 3Page - List of Unclassifed Manufacturers UV3TZ-405-30 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision B
04/09
Page 4 of 4
Preheat Temperature: 100ºC Max.
Peak Profile Temperature: 260ºC Max.
Preheat Time: 20 ~ 50 Seconds
Solder Time Above 217ºC: 5 Seconds Max.
Note:
1. All top preheat stages are to be turned off so that the lamp body is not directly exposed to the heat source.
2. Profile taken on the LED lead at the bottom of the PCB.
Recommended Lead Free Wave Soldering Profile
Recommended Soldering Conditions
Packaging and labeling plan
Antistatic poly bag with desiccant
(500 pieces max per bag)
Tight Tolerance Ultraviolet LED Lamp
UV3TZ-XXX-XX


Similar Part No. - UV3TZ-405-30

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
UV3TZ-405-30 BIVAR-UV3TZ-405-30 Datasheet
722Kb / 4P
   Tight Tolerance Ultraviolet LED Lamp TZ Series (T1, 3mm Round / 15° & 30°)
Revision D 10/15
UV3TZ-405-30 BIVAR-UV3TZ-405-30 Datasheet
722Kb / 4P
   Tight Tolerance Ultraviolet LED Lamp TZ Series (T1, 3mm Round / 15° & 30°)
Revision D 10/15
UV3TZ-405-30 BIVAR-UV3TZ-405-30 Datasheet
722Kb / 4P
   Tight Tolerance Ultraviolet LED Lamp TZ Series (T1, 3mm Round / 15° & 30°)
Revision D 10/15
UV3TZ-405-30 BIVAR-UV3TZ-405-30 Datasheet
722Kb / 4P
   Tight Tolerance Ultraviolet LED Lamp TZ Series (T1, 3mm Round / 15° & 30°)
Revision D 10/15
UV3TZ-405-30 BIVAR-UV3TZ-405-30 Datasheet
722Kb / 4P
   Tight Tolerance Ultraviolet LED Lamp TZ Series (T1, 3mm Round / 15° & 30°)
Revision D 10/15
More results

Similar Description - UV3TZ-405-30

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
UV5TZ-405-30 BIVAR-UV5TZ-405-30 Datasheet
716Kb / 4P
   Tight Tolerance Ultraviolet LED Lamp TZ Series (T1¾, 5mm Round / 15° & 30°)
Revision D 10/15
UV3TZ-395-15 BIVAR-UV3TZ-395-15 Datasheet
722Kb / 4P
   Tight Tolerance Ultraviolet LED Lamp TZ Series (T1, 3mm Round / 15° & 30°)
Revision D 10/15
UV5TZ-390-30 BIVAR-UV5TZ-390-30 Datasheet
716Kb / 4P
   Tight Tolerance Ultraviolet LED Lamp TZ Series (T1¾, 5mm Round / 15° & 30°)
Revision D 10/15
UV5TZ-385-30 BIVAR-UV5TZ-385-30 Datasheet
716Kb / 4P
   Tight Tolerance Ultraviolet LED Lamp TZ Series (T1¾, 5mm Round / 15° & 30°)
Revision D 10/15
UV5TZ-395-15 BIVAR-UV5TZ-395-15 Datasheet
716Kb / 4P
   Tight Tolerance Ultraviolet LED Lamp TZ Series (T1¾, 5mm Round / 15° & 30°)
Revision D 10/15
UV3TZ-405-30 BIVAR-UV3TZ-405-30 Datasheet
722Kb / 4P
   Tight Tolerance Ultraviolet LED Lamp TZ Series (T1, 3mm Round / 15° & 30°)
Revision D 10/15
UV5TZ-400-15 BIVAR-UV5TZ-400-15 Datasheet
716Kb / 4P
   Tight Tolerance Ultraviolet LED Lamp TZ Series (T1¾, 5mm Round / 15° & 30°)
Revision D 10/15
UV3TZ-385-15 BIVAR-UV3TZ-385-15 Datasheet
722Kb / 4P
   Tight Tolerance Ultraviolet LED Lamp TZ Series (T1, 3mm Round / 15° & 30°)
Revision D 10/15
UV3TZ-405-15 BIVAR-UV3TZ-405-15 Datasheet
722Kb / 4P
   Tight Tolerance Ultraviolet LED Lamp TZ Series (T1, 3mm Round / 15° & 30°)
Revision D 10/15
UV5TZ-385-15 BIVAR-UV5TZ-385-15 Datasheet
716Kb / 4P
   Tight Tolerance Ultraviolet LED Lamp TZ Series (T1¾, 5mm Round / 15° & 30°)
Revision D 10/15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com