Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62783FNG Datasheet(PDF) 2 Page - Marktech Corporate

Part # TB62783FNG
Description  8-Channel Constant-Current LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62783FNG Datasheet(HTML) 2 Page - Marktech Corporate

  TB62783FNG Datasheet HTML 1Page - Marktech Corporate TB62783FNG Datasheet HTML 2Page - Marktech Corporate TB62783FNG Datasheet HTML 3Page - Marktech Corporate TB62783FNG Datasheet HTML 4Page - Marktech Corporate TB62783FNG Datasheet HTML 5Page - Marktech Corporate TB62783FNG Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TB62783FNG
2011-06-21
2
Operating Condition (Unless otherwise specified, VDD = 3.0~5.5 V Ta = −40~85 °C)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
Pow e r
su pply
volt age
VDD
3.0
5.5
V
High le vel lo gic input volt age
VIH
SERIAL-IN/CLOCK/
LATCH / ENABLE
0.7
× VDD
VDD
V
Low le ve l lo gi c inp u t vo l t age
VIL
SERIAL-IN/CLOCK/
LATCH / ENABLE
GND
0.3
× VDD
V
C l ock
f r e q uen c y
fCLK
Cascade connection
5
MHz
Electrical Characteristics (Unless otherwise specified, VDD = 3.3 V or 5.0 V, Ta = 25 °C)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
Output current error between ICs
∆IOUT1
VOUT = 0.4 V, R-EXT = 1.2 kΩ
All channels ON VDD = 5 V,
±3
±6
%
Output current error between
channels
∆IOUT2
VOUT = 0.4 V, R-EXT = 1.2 kΩ
All channels ON VDD = 5 V,
±1
±3
%
Pin Assignment
Package
Pin No.
Name
1
GND
2
SERIAL-IN
3
CLOCK
4
LATCH
5
OUT0
6
1
OUT
7
2
OUT
8
3
OUT
9
4
OUT
10
5
OUT
11
6
OUT
12
7
OUT
13
ENABLE
14
SERIAL-OUT
15
R-EXT
16
VDD
Weight:0.07 g (typ)


Similar Part No. - TB62783FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62783FNG TOSHIBA-TB62783FNG Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver of the 3.3V and 5V Power Supply Voltage Operation
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
More results

Similar Description - TB62783FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Catalyst Semiconductor
CAT4008 CATALYST-CAT4008 Datasheet
258Kb / 14P
   8-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008_15 Datasheet
89Kb / 11P
   8-Channel Constant Current LED Driver
July, 2015 ??Rev. 3
logo
Toshiba Semiconductor
TB62777FNG TOSHIBA-TB62777FNG_10 Datasheet
355Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
TB62777FG MARKTECH-TB62777FG Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4008W-T2 ONSEMI-CAT4008W-T2 Datasheet
216Kb / 14P
   8-Channel Constant Current LED Driver
Doc. No. MD-5034 Rev. C
logo
Marktech Corporate
TB62777FG MARKTECH-TB62777FG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com