Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC62D748CFNAG Datasheet(PDF) 5 Page - Marktech Corporate

Part # TC62D748CFNAG
Description  16-Output Constant Current LED Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TC62D748CFNAG Datasheet(HTML) 5 Page - Marktech Corporate

  TC62D748CFNAG Datasheet HTML 1Page - Marktech Corporate TC62D748CFNAG Datasheet HTML 2Page - Marktech Corporate TC62D748CFNAG Datasheet HTML 3Page - Marktech Corporate TC62D748CFNAG Datasheet HTML 4Page - Marktech Corporate TC62D748CFNAG Datasheet HTML 5Page - Marktech Corporate TC62D748CFNAG Datasheet HTML 6Page - Marktech Corporate TC62D748CFNAG Datasheet HTML 7Page - Marktech Corporate TC62D748CFNAG Datasheet HTML 8Page - Marktech Corporate TC62D748CFNAG Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TC62D748CFNAG
2011-12-14
5
Truth Table
SCK
SLAT
OE
SIN
OUT0 … OUT7 … OUT15 (Note1)
SOUT
H
L
Dn
Dn … Dn
7 … Dn 15
Dn
15
L
L
Dn
+ 1
No Change
Dn
14
H
L
Dn
+ 2
Dn
+ 2 … Dn 5 … Dn 13
Dn
13
(Note2)
L
Dn
+ 3
Dn
+ 2 … Dn 5 … Dn 13
Dn
13
(Note2)
H
Dn
+ 3
OFF
Dn
13
Note1: When OUT0 to OUT15 output pins are set to "H" the respective output will be ON and when set to
"L" the respective output will be OFF.
Note2: “-“ is irrelevant to the truth table.
Timing Diagram
The latch circuit is a leveled-latch circuit. Please exercise precaution as it is not triggered-latch circuit.
Keep the SLAT pin is set to “L” to enable the latch circuit to hold data. In addition, when the SLAT
pin is set to “H” the latch circuit does not hold data. The data will instead pass onto output.
When the OE pin is set to “L” the OUT0 to OUT15 output pins will go ON and OFF in response to
the data. In addition, when the OE pin is set to “H” all the output pins will be forced OFF regardless of
the data.
This product can use 3.3V and 5.0V power supply, but power supply and input (SCK/SIN/ SLAT / OE )
must use same voltage.
SIN
SLAT
SCK
OUT0
OUT1
SOUT
OE
OUT15
H
L
n
= 0
1
2
3
4
5
6
8
H
L
H
L
H
L
ON
OFF
ON
OFF
ON
OFF
ON
OFF
H
L
79
11
10
12 13
15
14
2
OUT


Similar Part No. - TC62D748CFNAG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC62D748CFNAG TOSHIBA-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG_15 Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
More results

Similar Description - TC62D748CFNAG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
TC62D748CFNAG MARKTECH-TC62D748CFNAG_15 Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FNAG MARKTECH-TC62D723FNAG_15 Datasheet
787Kb / 44P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D748AFG TOSHIBA-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D723FTBG MARKTECH-TC62D723FTBG Datasheet
760Kb / 44P
   16-Output constant current LED driver
TC62D723FNG MARKTECH-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver
TC62D749CFNAG MARKTECH-TC62D749CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748AFG MARKTECH-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com