Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

41661-0021 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 41661-0021
Description  KK 396 Breakaway Header, Vertical, 22 Circuits, 0.38關m Gold (Au) Selective Plating,Pin length 19.00mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

41661-0021 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  41661-0021 Datasheet HTML 1Page - Molex Electronics Ltd. 41661-0021 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
41661-0021
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 396 Breakaway Header, Vertical, 22 Circuits, 0.38µm Gold (Au) Selective Plating,
Pin length 19.00mm
Documents:
3D Model
Product Specification PS-08-50 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
41661
Application
Board-to-Board, Signal, Wire-to-Board
Application Tooling Part Link
11-20-0901
Overview
KK® Interconnect System - Molex
Product Name
KK® 396
UPC
800756687803
Physical
Breakaway
Yes
Circuits (Loaded)
22
Circuits (maximum)
22
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
Polyester
Net Weight
6.349/g
Number of Rows
1
Orientation
Vertical
PC Tail Length
4.37mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
3.96mm
Pitch - Termination Interface
3.96mm
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
See Product Specification
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
41661Series
Mates With
2139 KK® Crimp Housing, 41695 KK®
Crimp Housing, 6442 KK® Crimp Housing,
2145 PCB Connector, 41815 PCB
Connector, 3069 KK® Crimp Housing


Similar Part No. - 41661-0021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41661-0020 MOLEX5-41661-0020 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 21 Circuits
41661-0020 MOLEX11-41661-0020 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 21 Circuits, 0.38關m Gold (Au) Selective Plating, Pin length 19.00mm
41661-0022 MOLEX5-41661-0022 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 23 Circuits
41661-0022 MOLEX11-41661-0022 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 23 Circuits, 0.38關m Gold (Au) Selective Plating, Pin length 19.00mm
41661-0023 MOLEX5-41661-0023 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 24 Circuits
More results

Similar Description - 41661-0021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41661-0022 MOLEX11-41661-0022 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 23 Circuits, 0.38關m Gold (Au) Selective Plating, Pin length 19.00mm
41661-0020 MOLEX11-41661-0020 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 21 Circuits, 0.38關m Gold (Au) Selective Plating, Pin length 19.00mm
41661-0003 MOLEX11-41661-0003 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 2 Circuits, 0.38關m Gold (Au) Selective Plating
41661-0011 MOLEX11-41661-0011 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 2 Circuits, 0.38關m Gold (Au) Selective Plating
41661-0019 MOLEX11-41661-0019 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 20 Circuits, 0.38關m Gold (Au) Selective Plating
41661-0002 MOLEX11-41661-0002 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 2 Circuits, 0.38關m Gold (Au) Selective Plating
41661-0001 MOLEX11-41661-0001 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 2 Circuits, 0.38關m Gold (Au) Selective Plating
41661-0005 MOLEX11-41661-0005 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 2 Circuits, 0.38關m Gold (Au) Selective Plating
41661-0023 MOLEX11-41661-0023 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 24 Circuits, 0.38關m Gold (Au) Selective Plating
22-28-4223 MOLEX11-22-28-4223 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 22 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com