Selected language     English  ā–¼


W01M Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part No. W01M
Description  SINGLE-PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GOOD-ARK [GOOD-ARK Electronics]
Homepage  http://www.goodark.com
Logo 

   
 1 page
background image
Symbols
W005M
W01M
W02M
W04M
W06M
W08M
W10M
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
V
RMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
V
DC
50
100
200
400
600
800
1000
Volts
Maximum average forward rectified current
T
A=25
I
(AV)
1.5
Amps
Peak forward surge current, 8.3mS single
half sine-wave superimposed on rated load
I
FSM
50.0
Amps
12t Rating for fusing (t<8.35ms)
I2t5.0
A2t
Maximum forward voltage drop
per element at 1.0A peak
V
F
1.0
Volt
Maximum DC reverse current at rated
T
A=25
DC blocking voltage per element
T
A=100
I
R
10.0
1.0
A
mA
Operating temperature range
T
J
-55 to +125
Storage temperature range
T
STG
-55 to +150
Features
W005M THRU W10M
SINGLE-PHASE SILICON BRIDGE
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.5 Amperes
Surge overload rating - 50 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
Mounting Position: Any
Maximum Ratings and Electrical Characteristics
1
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.300
0.340
7.6
8.6
B
0.180
0.220
4.6
5.6
C
1.20
-
30.5
-
D
1.27
-
32.3
-
E
0.180
0.220
4.6
5.6
F
0.028
0.032
0.71
0.81




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DB101SSINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER 1 2 Rectron Semiconductor
RB151SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes 1 2 Rectron Semiconductor
BR5005TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components
KBK8ATECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components
KBU6ATECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components
KBPC8005SINGLE-PHASE SILICON BRIDGE 1 2 GOOD-ARK Electronics
AM1001.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE 1 2 Transys Electronics
DB151SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER 1 2 Rectron Semiconductor
RC201SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes 1 2 Rectron Semiconductor
BR5005WTECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl