Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC084S021 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC084S021
Description  ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC084S021 Datasheet(HTML) 1 Page - Texas Instruments

  ADC084S021_14 Datasheet HTML 1Page - Texas Instruments ADC084S021_14 Datasheet HTML 2Page - Texas Instruments ADC084S021_14 Datasheet HTML 3Page - Texas Instruments ADC084S021_14 Datasheet HTML 4Page - Texas Instruments ADC084S021_14 Datasheet HTML 5Page - Texas Instruments ADC084S021_14 Datasheet HTML 6Page - Texas Instruments ADC084S021_14 Datasheet HTML 7Page - Texas Instruments ADC084S021_14 Datasheet HTML 8Page - Texas Instruments ADC084S021_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
ADC084S021
www.ti.com
SNAS279E – APRIL 2005 – REVISED MARCH 2013
ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
Check for Samples: ADC084S021
1
FEATURES
DESCRIPTION
2
Specified Over a Range of Sample Rates.
The ADC084S021 is a low-power, four-channel
Four Input Channels
CMOS 8-bit analog-to-digital converter with a high-
Variable Power Management
speed
serial
interface.
Unlike
the
conventional
practice of specifying performance at a single sample
Single Power Supply with 2.7V - 5.25V Range
rate only, the ADC084S021 is fully specified over a
sample rate range of 50 ksps to 200 ksps. The
APPLICATIONS
converter is based upon a successive-approximation
Portable Systems
register architecture with an internal track-and-hold
circuit. It can be configured to accept up to four input
Remote Data Acquisition
signals at inputs IN1 through IN4.
Instrumentation and Control Systems
The output serial data is straight binary, and is
KEY SPECIFICATIONS
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP
DNL: ±0.04 LSB (typ)
serial interfaces.
INL: ±0.04 LSB (typ)
The ADC084S021 operates with a single supply that
SNR: 49.6 dB (typ)
can range from +2.7V to +5.25V. Normal power
Power Consumption
consumption using a +3V or +5V supply is 1.6 mW
and 5.8 mW, respectively. The power-down feature
3V Supply: 1.6 mW (typ)
reduces the power consumption to just 0.12 µW using
5V Supply: 5.8 mW (typ)
a +3V supply, or 0.35 µW using a +5V supply.
The ADC084S021 is packaged in a 10-lead VSSOP
package. Operation over the industrial temperature
range of
−40°C to +85°C is ensured.
Table 1. Pin-Compatible Alternatives by Resolution and Speed
Resolution
Specified for Sample Rate Range of:
50 to 200 ksps
200 to 500 ksps
500 ksps to 1 Msps
12-bit
ADC124S021
ADC124S051
ADC124S101
10-bit
ADC104S021
ADC104S051
ADC104S101
8-bit
ADC084S021
ADC084S051
ADC084S101
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC084S021_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC084S021CIMM TI-ADC084S021CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC084S021CIMM/NOPB TI-ADC084S021CIMM/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC084S021CIMMX TI-ADC084S021CIMMX Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC084S021CIMMX/NOPB TI-ADC084S021CIMMX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
More results

Similar Description - ADC084S021_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC084S021CIMM TI-ADC084S021CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com