Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC088S052 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC088S052
Description  ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC088S052 Datasheet(HTML) 5 Page - Texas Instruments

  ADC088S052_14 Datasheet HTML 1Page - Texas Instruments ADC088S052_14 Datasheet HTML 2Page - Texas Instruments ADC088S052_14 Datasheet HTML 3Page - Texas Instruments ADC088S052_14 Datasheet HTML 4Page - Texas Instruments ADC088S052_14 Datasheet HTML 5Page - Texas Instruments ADC088S052_14 Datasheet HTML 6Page - Texas Instruments ADC088S052_14 Datasheet HTML 7Page - Texas Instruments ADC088S052_14 Datasheet HTML 8Page - Texas Instruments ADC088S052_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ADC088S052
www.ti.com
SNAS340F – SEPTEMBER 2005 – REVISED MARCH 2013
ADC088S052 Converter Electrical Characteristics
(1) (continued)
The following specifications apply for VA = VD = +2.7V to +5.25V, AGND = DGND = 0V, fSCLK = 3.2 MHz to 8 MHz, fSAMPLE =
200 ksps to 500 ksps, and CL = 50pF, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA
= 25°C.
Symbol
Parameter
Conditions
Typical
Limits(2)
Units
POWER SUPPLY CHARACTERISTICS (CL = 10 pF)
2.7
V (min)
VA, VD
Analog and Digital Supply Voltages
VA ≥ VD
5.25
V (max)
VA = VD = +2.7V to +3.6V,
0.4
1.0
mA (max)
fSAMPLE = 500 kSPS, fIN = 40 kHz
Total Supply Current
Normal Mode ( CS low)
VA = VD = +4.75V to +5.25V,
1.3
1.7
mA (max)
fSAMPLE = 500 kSPS, fIN = 40 kHz
IA + ID
VA = VD = +2.7V to +3.6V,
10
nA
fSCLK = 0 ksps
Total Supply Current
Shutdown Mode (CS high)
VA = VD = +4.75V to +5.25V,
30
nA
fSCLK = 0 ksps
VA = VD = +3.0V
1.2
3.0
mW (max)
fSAMPLE = 500 kSPS, fIN = 40 kHz
Power Consumption
Normal Mode ( CS low)
VA = VD = +5.0V
6.5
8.5
mW (max)
fSAMPLE = 500 kSPS, fIN = 40 kHz
PC
VA = VD = +3.0V
0.03
µW
fSCLK = 0 ksps
Power Consumption
Shutdown Mode (CS high)
VA = VD = +5.0V
0.15
µW
fSCLK = 0 ksps
AC ELECTRICAL CHARACTERISTICS
fSCLKMIN
Minimum Clock Frequency
0.8
3.2
MHz (min)
fSCLK
Maximum Clock Frequency
16
8
MHz (max)
50
200
ksps (min)
Sample Rate
fS
Continuous Mode
1000
500
ksps (max)
tCONVERT
Conversion (Hold) Time
13
SCLK cycles
30
40
% (min)
DC
SCLK Duty Cycle
70
60
% (max)
tACQ
Acquisition (Track) Time
3
SCLK cycles
Throughput Time
Acquisition Time + Conversion Time
16
SCLK cycles
tAD
Aperture Delay
4
ns
ADC088S052 Timing Specifications
The following specifications apply for VA = VD = +2.7V to +5.25V, AGND = DGND = 0V, fSCLK = 3.2 MHz to 8 MHz, fSAMPLE =
200 ksps to 500 ksps, and CL = 50pF. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Symbol
Parameter
Conditions
Typical
Limits(1)
Units
tCSH
CS Hold Time after SCLK Rising Edge
0
10
ns (min)
CS Setup Time prior to SCLK Rising
tCSS
5
10
ns (min)
Edge
tEN
CS Falling Edge to DOUT enabled
5
30
ns (max)
DOUT Access Time after SCLK Falling
tDACC
17
27
ns (max)
Edge
DOUT Hold Time after SCLK Falling
tDHLD
4
ns (typ)
Edge
DIN Setup Time prior to SCLK Rising
tDS
3
10
ns (min)
Edge
tDH
DIN Hold Time after SCLK Rising Edge
3
10
ns (min)
tCH
SCLK High Time
0.4 x tSCLK
ns (min)
tCL
SCLK Low Time
0.4 x tSCLK
ns (min)
(1)
Tested limits are ensured to TI's AOQL (Average Outgoing Quality Level).
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC088S052


Similar Part No. - ADC088S052_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC088S052CIMT NSC-ADC088S052CIMT Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC088S052CIMTX NSC-ADC088S052CIMTX Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC088S052EVAL NSC-ADC088S052EVAL Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
More results

Similar Description - ADC088S052_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com