Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4908A Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 1N4908A
Description  12.8 VOLT NOMINAL ZENER VOLTAGE 짹 5%
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N4908A Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N4908A Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1N4908A

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4908A CDI-DIODE-1N4908A Datasheet
65Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N4908A MICROSEMI-1N4908A Datasheet
75Kb / 2P
   12.8 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Digitron Semiconductors
1N4908A DIGITRON-1N4908A Datasheet
296Kb / 4P
   12.8V TEMPERATURE COMPENSATED ZENER DIODE
More results

Similar Description - 1N4908A

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4765 CDI-DIODE-CDLL4765 Datasheet
111Kb / 2P
   9.1 VOLT NOMINAL ZENER VOLTAGE 5%
CD935 CDI-DIODE-CD935 Datasheet
167Kb / 2P
   9.0 VOLT NOMINAL ZENER VOLTAGE 5%
1N4916 CDI-DIODE-1N4916 Datasheet
77Kb / 2P
   19.2 VOLT NOMINAL ZENER VOLTAGE 5%
1N4775 CDI-DIODE-1N4775 Datasheet
71Kb / 2P
   8.5 VOLT NOMINAL ZENER VOLTAGE 5%
1N4565A CDI-DIODE-1N4565A Datasheet
243Kb / 2P
   6.4 VOLT NOMINAL ZENER VOLTAGE 5%
CD3154 CDI-DIODE-CD3154 Datasheet
106Kb / 2P
   8.4 VOLT NOMINAL ZENER VOLTAGE 5%
1N4765 CDI-DIODE-1N4765 Datasheet
112Kb / 2P
   9.1 VOLT NOMINAL ZENER VOLTAGE 5%
1N935 CDI-DIODE-1N935 Datasheet
107Kb / 2P
   9.0 VOLT NOMINAL ZENER VOLTAGE
1N941 CDI-DIODE-1N941 Datasheet
112Kb / 2P
   11.7 VOLT NOMINAL ZENER VOLTAGE
1N4057 CDI-DIODE-1N4057 Datasheet
50Kb / 2P
   12.4 THRU 200 VOLT NOMINAL ZENER VOLTAGES 5%
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com