Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK14-1A90B200W Datasheet(PDF) 2 Page - Meder Electronic

Part # MK14-1A90B200W
Description  Cylindrical Reed Sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK14-1A90B200W Datasheet(HTML) 2 Page - Meder Electronic

  MK14-1A90B200W Datasheet HTML 1Page - Meder Electronic MK14-1A90B200W Datasheet HTML 2Page - Meder Electronic MK14-1A90B200W Datasheet HTML 3Page - Meder Electronic MK14-1A90B200W Datasheet HTML 4Page - Meder Electronic MK14-1A90B200W Datasheet HTML 5Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
251
www.meder.com
MEDER electronic
MK14 Series
MAGNETIC SENSITIVITY
TERMINATION
Part Number Example
MK14 - 1A66 C - 200 W
1A is the contact form
66 is the switch model
C is the magnetic sensitivity
200 is the cable length (mm)
W is the termination
ORDER INFORMATION
For wire and termination details please consult factory.
Form C version requires 3 conductors.
Cylindrical
Reed Sensors
Sensitivity
Class
Pull In
AT Range
B
10 - 15
C
15 - 20
D
20 - 25
E
25 - 30
Series
Contact
Form
Switch
Model
Magnetic
Sensitivity
Cable
length
(mm)
Termination
MK14 -
xx
xx
x -
xxx
x
Options
1 Form A
66
B, C, D, E
200 *
W
1 Form B
1 Form C
90
* Other cable lengths available
W
The cable cut length includes:
5 mm of wire stripped and tinned


Similar Part No. - MK14-1A90B200W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK14-1A66B-100W MEDER-MK14-1A66B-100W Datasheet
69Kb / 1P
   MK Reed Sensors
MK14-1A66B-100W_DE MEDER-MK14-1A66B-100W_DE Datasheet
69Kb / 1P
   (deutsch) MK Reed Sensor
MK14-1A66B-1200W MEDER-MK14-1A66B-1200W Datasheet
70Kb / 1P
   MK Reed Sensors
MK14-1A66B-1200W MEDER-MK14-1A66B-1200W Datasheet
68Kb / 1P
   MK Reed Sensor
MK14-1A66B-1200W MEDER-MK14-1A66B-1200W_09 Datasheet
68Kb / 1P
   MK Reed Sensor
More results

Similar Description - MK14-1A90B200W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK18-C-100W MEDER-MK18-C-100W_10 Datasheet
173Kb / 3P
   Cylindrical Reed Sensors
MK14-1A66C-200W MEDER-MK14-1A66C-200W Datasheet
537Kb / 1P
   Cylindrical Reed Sensors
MK18-B100W MEDER-MK18-B100W Datasheet
173Kb / 4P
   Cylindrical Reed Sensors
MK20-1-C-100W MEDER-MK20-1-C-100W_10 Datasheet
170Kb / 3P
   Cylindrical Reed Sensors
MK18-C-100W MEDER-MK18-C-100W Datasheet
464Kb / 1P
   Cylindrical Reed Sensors
MK7-1A66C-500W MEDER-MK7-1A66C-500W Datasheet
55Kb / 4P
   Cylindrical Reed Sensors with M8 Thread
logo
Littelfuse
59135 LITTELFUSE-59135 Datasheet
585Kb / 3P
   Reed Sensors
59210 LITTELFUSE-59210 Datasheet
237Kb / 2P
   Reed Sensors
59250 LITTELFUSE-59250 Datasheet
410Kb / 3P
   Reed Sensors
59140 LITTELFUSE-59140 Datasheet
607Kb / 3P
   Reed Sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com