Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK11-1C55C500W Datasheet(PDF) 3 Page - Meder Electronic

Part # MK11-1C55C500W
Description  Reed Sensor with Screw Thread Enclosure
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK11-1C55C500W Datasheet(HTML) 3 Page - Meder Electronic

  MK11-1C55C500W Datasheet HTML 1Page - Meder Electronic MK11-1C55C500W Datasheet HTML 2Page - Meder Electronic MK11-1C55C500W Datasheet HTML 3Page - Meder Electronic MK11-1C55C500W Datasheet HTML 4Page - Meder Electronic MK11-1C55C500W Datasheet HTML 5Page - Meder Electronic MK11-1C55C500W Datasheet HTML 6Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
244
MEDER electronic
www.meder.com
CONTACT DATA (Stainless Steel + Plastic)
MK11 Series
All Data at 20° C
Switch Model →
Contact Form →
Switch 52
Form A
Switch 66
Form A
Contact Ratings
Conditions
Min.
Typ. Max. Min.
Typ. Max. Units
Switching Power
Any DC combination of V & A not
to exceed their individual max.‘s
50
70 (VA)
10
W
Switching Voltage
DC or peak AC
250
200
V
Switching Current
DC or peak AC
0.5
0.5
A
Carry Current
DC or peak AC
2.5
1.25
A
Static Contact Resistance
w/ 0.5 V & 10 mA
200
150
Dynamic Contact Resistance Measured w/ 0.5 V & 50 mA ,
1.5 ms after closure
200
Insulation Resistance across
Contacts
100 volts applied
1010
1010
*
Ω
Breakdown Voltage across
Contact
Voltage applied for 60 sec. min.
600
225*
VDC
Operate Time incl. Bounce
Measured w/ 100 % overdrive
1.0
0.5
ms
Release Time
Measured w/ no coil suppression
0.1
0.1
ms
Capacitance
at 10 kHz cross contact
0.2
0.2
pF
Contact Operation **
Must Operate Condition
Steady state field
10
30
10
60
AT
Must Release condition
Steady state field
4
27
4
54
AT
Environmental Data
Shock Resistance
1/2 sinus wave duration 11 ms
50
50
g
Vibration Resistance
From 10 - 2000 Hz
20
20
g
Ambient Temperature
10°C/ minute max. allowable
-20
85
-20
85
o
C
Stock Temperature
10°C/ minute max. allowable
-35
85
-35
85
o
C
Soldering Temperature
5 sec.
260
260
o
C
Please note: The indicated electrical data are maximum values and can vary downwards when using a more sensitive switch.
* Insulation resistance of 1012 and breakdown voltage of 480 VDC is available.
** These ranges refer to the uncut / unmodified Reed Switches described in our Reed Switch section. Consult factory if more
detail is required.
Reed Sensor with
Screw Thread Enclosure


Similar Part No. - MK11-1C55C500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK11-1C90C-500W MEDER-MK11-1C90C-500W Datasheet
584Kb / 1P
   Reed Sensor with Screw Thread Enclosure
MK11-1C90D-500W MEDER-MK11-1C90D-500W Datasheet
584Kb / 1P
   Reed Sensor with Screw Thread Enclosure
MK11-1C90E-500W MEDER-MK11-1C90E-500W Datasheet
584Kb / 1P
   Reed Sensor with Screw Thread Enclosure
MK11-1C90G-500W MEDER-MK11-1C90G-500W Datasheet
70Kb / 1P
   MK Reed Sensors
MK11-1C90G-500W MEDER-MK11-1C90G-500W Datasheet
70Kb / 1P
   MK Reed Sensor
More results

Similar Description - MK11-1C55C500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK11-1A66C-500W MEDER-MK11-1A66C-500W_10 Datasheet
225Kb / 4P
   Reed Sensor with Screw Thread Enclosure
MK11-1A66C-500W MEDER-MK11-1A66C-500W Datasheet
584Kb / 1P
   Reed Sensor with Screw Thread Enclosure
logo
DB Lectro Inc
MS-228-3 DBLECTRO-MS-228-3 Datasheet
29Kb / 2P
   Reed Sensor ??M8 thread
logo
PIC GmbH
MS-228-3 PIC-MS-228-3 Datasheet
29Kb / 2P
   Reed Sensor - M8 thread
logo
DB Lectro Inc
MS-225-3 DBLECTRO-MS-225-3 Datasheet
29Kb / 2P
   Miniature Reed Sensor ??M5 metal thread
logo
PIC GmbH
MS-225-3 PIC-MS-225-3 Datasheet
29Kb / 2P
   Miniature Reed Sensor - M5 metal thread
MS-228-4 PIC-MS-228-4 Datasheet
52Kb / 2P
   Form C Reed Sensor - M8 thread
MS-228-6 PIC-MS-228-6 Datasheet
54Kb / 2P
   Mains switching Reed Sensor - M8 thread
MS-228-5 PIC-MS-228-5 Datasheet
29Kb / 2P
   Mains switching Reed Sensor - M8 thread
MS-228-7 PIC-MS-228-7 Datasheet
110Kb / 2P
   Normally Closed Reed Sensor M8 thread
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com