Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMY75 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # ZMY75
Description  SILICON PLANAR POWER ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

ZMY75 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  ZMY75 Datasheet HTML 1Page - GOOD-ARK Electronics ZMY75 Datasheet HTML 2Page - GOOD-ARK Electronics ZMY75 Datasheet HTML 3Page - GOOD-ARK Electronics ZMY75 Datasheet HTML 4Page - GOOD-ARK Electronics ZMY75 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Note:
(1) Valid provided that electrodes are kept at ambient temperature.
Features
ZMY1 THRU ZMY100
SILICON PLANAR POWER ZENER DIODES
Silicon Planar Power Zener Diodes
for use in stabilizing and clipping circuits with high power rating.
The Zener voltages are graded according to the international
E 24 standard. Smaller voltage tolerances on request.
These diodes are also available in DO-41 case with the type
designation ZPY1 thru ZPY100.
These diodes are delivered taped.
Details see “Taping”.
Weight approx. : 0.25g
Absolute Maximum Ratings (T
a=25
)
1
Symbols
Values
Units
Zener current see Table "Characteristics"
Power dissipation at T
amb=25
P
tot
1 1)
W
Junction temperature
T
j
175
Storage temperature range
T
S
-55 to +175
Note:
(1) Valid provided that electrodes are kept at ambient temperature.
Characteristics at T
amb=25
Symbols
Min.
Typ.
Max.
Units
Thermal resistance
junction to ambient Air
R
thA
-
-
170 1)
K/W
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.189
0.205
4.8
5.2
B
0.092
0.100
2.35
2.55
C
0.016
-
0.4
-


Similar Part No. - ZMY75

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMY75 SEMTECH-ZMY75 Datasheet
373Kb / 5P
   SILICON PLANAR POWER ZENER DIODES?
logo
Vishay Siliconix
ZMY75 VISHAY-ZMY75 Datasheet
104Kb / 5P
   Zener Diodes
Rev. 1.9, 06-Dec-11
logo
SUNMATE electronic Co.,...
ZMY75 SUNMATE-ZMY75 Datasheet
1Mb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
General Semiconductor
ZMY75 GE-ZMY75 Datasheet
205Kb / 5P
   ZENER DIODES
logo
Diotec Semiconductor
ZMY75 DIOTEC-ZMY75 Datasheet
174Kb / 3P
   Surface Mount Silicon-Zener Diodes
More results

Similar Description - ZMY75

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com