Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLF50251EL Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLF50251EL
Description  2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF50251EL Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLF50251EL Datasheet HTML 3Page - Infineon Technologies AG TLF50251EL Datasheet HTML 4Page - Infineon Technologies AG TLF50251EL Datasheet HTML 5Page - Infineon Technologies AG TLF50251EL Datasheet HTML 6Page - Infineon Technologies AG TLF50251EL Datasheet HTML 7Page - Infineon Technologies AG TLF50251EL Datasheet HTML 8Page - Infineon Technologies AG TLF50251EL Datasheet HTML 9Page - Infineon Technologies AG TLF50251EL Datasheet HTML 10Page - Infineon Technologies AG TLF50251EL Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
TLF50251EL
General Product Characteristics
Data Sheet
7
Rev. 1.0, 2013-06-19
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings1)
T
j = -40 °C to +150 °C; all voltages with respect to ground (unless otherwise specified)
1) Not subject to production test, specified by design
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltages
4.1.1
Enable input
V
EN
-40
45
V
4.1.2
Synchronization input
V
SYNC
-0.3
5.5
V
4.1.3
6.2
V
t < 10s 2)
2) ESD susceptibility HBM according to ANSI/ESDA/JEDEC JS-001.
4.1.4
Reset threshold adjust pin
V
RTADJ
-0.3
5.5
V
4.1.5
6.2
V
t < 10s 2)
4.1.6
Reset output
V
RO
-0.3
5.5
V
4.1.7
6.2
V
t < 10s 2)
4.1.8
Feedback Input
V
FB
-0.3
5.5
V
4.1.9
6.2
V
t < 10s 2)
4.1.10
Frequency adjustment pin
V
FREQ
-0.3
5.5
V
4.1.11
6.2
V
t < 10s 2)
4.1.12
Buck switch output
V
SWO
-2.0
V
VS + 0.3
V
4.1.13
Supply voltage input
V
VS
-0.3
45
V
Temperatures
4.1.14
Junction temperature
T
j
-40
150
°C–
4.1.15
Storage temperature
T
stg
-55
150
°C–
ESD Susceptibility
4.1.16
ESD resistivity
V
ESD
-2
2
kV
HBM
4.1.17
ESD resistivity to GND
V
ESD
-500
500
V
CDM 3)
3) ESD susceptibility, Charged Device Model “CDM” EIA/JESD22-C101 or ESDA STM5.3.1
4.1.18
ESD resistivity corner pins to GND
V
ESD
-750
750
V
CDM 3)


Similar Part No. - TLF50251EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF50251EL INFINEON-TLF50251EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50251ELV50 INFINEON-TLF50251ELV50 Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
logo
Marl International Limi...
TLF50251EL MARL-TLF50251EL_15 Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
More results

Similar Description - TLF50251EL

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
TLF50211EL MARL-TLF50211EL_15 Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
TLF50251EL MARL-TLF50251EL_15 Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
logo
Infineon Technologies A...
TLF50251ELV50 INFINEON-TLF50251ELV50 Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
IFX90121ELV50 INFINEON-IFX90121ELV50_18 Datasheet
806Kb / 26P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
TLF50211EL INFINEON-TLF50211EL Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50251EL INFINEON-TLF50251EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50281EL INFINEON-TLF50281EL Datasheet
1Mb / 36P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.01, 2013-04-30
TLF50241EL INFINEON-TLF50241EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50211EL INFINEON-TLF50211EL Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.0, 2013-06-19
TLF50241EL INFINEON-TLF50241EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.0, 2013-06-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com