Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK13-1A90E500W Datasheet(PDF) 3 Page - Meder Electronic

Part # MK13-1A90E500W
Description  Reed Sensors with Screw Fastening Mounting Holes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK13-1A90E500W Datasheet(HTML) 3 Page - Meder Electronic

  MK13-1A90E500W Datasheet HTML 1Page - Meder Electronic MK13-1A90E500W Datasheet HTML 2Page - Meder Electronic MK13-1A90E500W Datasheet HTML 3Page - Meder Electronic MK13-1A90E500W Datasheet HTML 4Page - Meder Electronic MK13-1A90E500W Datasheet HTML 5Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
248
www.meder.com
MEDER electronic
Reed Sensors with Screw
Fastening Mounting Holes
MK13 Series
CONTACT DATA
All Data at 20° C
Switch Model →
Contact Form →
Switch 66
Form A
Contact Ratings
Conditions
Min.
Typ. Max. Unit
Switching Power
Any DC combination of V & A not
to exceed their individual max.‘s
10
W
Switching Voltage
DC or peak AC
200
V
Switching Current
DC or peak AC
0.5
A
Carry Current
DC or peak AC
1.25
A
Static Contact Resistance
w/ 0.5 V & 10mA
150
Dynamic Contact Resistance Measured w/ 0.5 V & 50mA ,
1.5 ms after closure
200
Insulation Resistance across
Contacts
100 volts applied
1010 *
Ω
Breakdown Voltage across
Contact
Voltage applied for 60 sec. min.
225 *
VDC
Operate Time incl. Bounce
Measured w/ 100 % overdrive
0.5
ms
Release Time
Measured w/ no coil suppression
0.1
ms
Capacitance
at 10 kHz cross contact
0.2
pF
Contact Operation **
Must Operate Condition
Steady state field
10
30
AT
Must Release Condition
Steady state field
4
27
AT
Environmental Data
Shock Resistance
1/2 sinus wave duration 11 ms
50
g
Vibration Resistance
From 10 - 2000 Hz
20
g
Ambient Temperature
10°C/ minute max. allowable
-20
85
o
C
Stock Temperature
10°C/ minute max. allowable
-35
85
o
C
Soldering Temperature
5 sec. dwell
260
o
C
Please note: The indicated electrical data are maximum values and can vary downwards when using
a more sensitive switch.
* Insulation resistance of 1012 and breakdown voltage of 480 VDC is available.
** These ranges refer to the uncut / unmodified Reed Switches described in our Reed Switch section.
Consult factory if more detail is required.


Similar Part No. - MK13-1A90E500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK13-1A66B-1000W MEDER-MK13-1A66B-1000W Datasheet
70Kb / 1P
   MK Reed Sensors
MK13-1A66B-1000W_DE MEDER-MK13-1A66B-1000W_DE Datasheet
70Kb / 1P
   (deutsch) MK Reed Sensor
MK13-1A66B-500W MEDER-MK13-1A66B-500W Datasheet
585Kb / 1P
   Reed Sensors with Screw Fastening Mounting Holes
MK13-1A66B-500W MEDER-MK13-1A66B-500W Datasheet
215Kb / 4P
   Reed Sensors with Screw Fastening Mounting Holes
MK13-1A66B-500W_DE MEDER-MK13-1A66B-500W_DE Datasheet
70Kb / 1P
   (deutsch) MK Reed Sensor
More results

Similar Description - MK13-1A90E500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK12-1A66C-500W MEDER-MK12-1A66C-500W_10 Datasheet
197Kb / 4P
   Reed Sensors with Screw Fastening Mounting Holes
MK13-1A66C-500W MEDER-MK13-1A66C-500W_10 Datasheet
215Kb / 4P
   Reed Sensors with Screw Fastening Mounting Holes
MK13-1A66C-500W MEDER-MK13-1A66C-500W Datasheet
585Kb / 1P
   Reed Sensors with Screw Fastening Mounting Holes
MK12-1A66C-500W MEDER-MK12-1A66C-500W Datasheet
559Kb / 1P
   Reed Sensors with Screw Fastening Mounting Holes
MK21M-1A66C-500W MEDER-MK21M-1A66C-500W Datasheet
526Kb / 3P
   Reed Sensors with Mounting Holes for Screw Fastening
MK21-1A66C-500W MEDER-MK21-1A66C-500W Datasheet
391Kb / 3P
   Reed Sensors with Mounting Holes for Screw Fastening
MK21M1A66B-500W MEDER-MK21M1A66B-500W Datasheet
181Kb / 5P
   Reed Sensors with Mounting Holes for Screw Fastening
MK5-1A66C-500W MEDER-MK5-1A66C-500W Datasheet
227Kb / 4P
   Reed Sensors with Screw Fastening Slot
MK04-1A66B-500W MEDER-MK04-1A66B-500W_10 Datasheet
225Kb / 4P
   Reed Sensors for Screw Fastening
MK15-B-1 MEDER-MK15-B-1 Datasheet
1Mb / 3P
   Reed Sensors for SMD Mounting
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com