Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3077 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C3077
Description  2/3-inch CCD Video Camera
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C3077 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C3077 Datasheet HTML 1Page - Hamamatsu Corporation C3077 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONAL OUTLINES
(UNIT: mm)
SYSTEM CONFIGURATION EXAMPLES
Thesystemcanbeconfiguredtoaccommodatevariousapplications,
including image acquisition, image enhancement, image improve-
ment, image measurement, and image filing.
Type no.
C3077-70
C3077-71
Pickup device
2/3" Interline transfer CCD
Scan type
Interrace scan
Number of pixels
(H)
× (V)
768
× 494
752
× 582
Cell size
(H
× V) µm
11.6
× 13.5
11.6
× 11.2
Effective number of pixels
756
× 485
739
× 575
Resolution
(H
× V) TV lines
570
× 485
560
× 575
Lens mount (F,B)
C-mount (17.526 mm)
Sync system
EIA
CCIR
Internal sync
Yes
HD/VD
Yes
SYNC
Yes
R.R.
Yes
Impedance
75
Ω (High)
AGC
ON / OFF / Fixed
Gamma
1 / 0.45
Camera output
Video (HD / VD)
Minimum sensitivity
0.3 lux, F1.4, (AGC = ON,
γ = OFF)
Power requirements
DC 12 V (12P)
Power consumption
2.1 W
Typical sensitivity
400 lux, F16 (2856 K)
S/N ratio
60 dB
58 dB
Electronic shutter
Flickerless, 1/125 to 1/10,000 sec.
On-chip integration
Yes
SPECIFICATIONS
External sync
CAMERA CONTROLLER
SHADING
POWER
GAIN
MIN
MAX
VIDEO
LEVEL
MODE
DIAS
NORM
NORM
OVER
-0
OFFSET
CONTRAST ENHANCEMENT
CAMERA CONTROLLER
POWER
GAIN
MIN
MAX
MIN
MAX
VIDEO
LEVEL
NORM
OVER
-0
OFFSET
SENSITIVITY
CONTRAST ENHANCEMENT
A3472
AC ADAPTOR
POWER
AC adaptor A3472-04
B/W Video monitor
C-mount lens
Camera Control Unit C2741-90
Camera Control Unit C2741-60
C3077-70/-71
44
CCD CAMERA
57.5
8
50
±0.5
13
65.5
13
2-M3
(d4.0)
4-M3
(d4.0)
(Weight: Approx. 110g)
TRIPOD ATTACHMENT
4pcs of M2
× 4
are to be used.
25
28
59
1/4-20 UNC
4.5
2-
2.1
4-
8
Homepage Address http://www.hamamatsu.com
5 Product and software package names noted in this documentation are trademarks or registered trademarks of their respective manufacturers.
q
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
q
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications and external appearance are subject to change without notice..
© 2000 Hamamatsu Photonics K.K.
ISO 9001
Certificate: 09 105 79045
HAMAMATSU PHOTONICS K.K., Systems Division
812 Joko-cho, Hamamatsu City, 431-3196, Japan, Telephone: (81)53-431-0124, Fax: (81)53-435-1574, E-mail:export@sys.hpk.co.jp
U.S.A. and Canada: Hamamatsu Photonic Systems: 360 Foothill Road, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1)908-231-1116, Fax: (1)908-231-0852, E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658, E-mail: info@hamamatsu.de
,
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10, E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10Tewin Road, Welwyn Garden City, Hertfordshire, AL7 1BW, U.K., Telephone: (44) 1707-294888, Fax: (44) 1707-325777, E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 Solna, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01, E-mail: info@hamamatsu.se
-
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Mois, 1/E 20020 Arese (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741, E-mail: info@hamamatsu.it
Cat. No. SICS1070E02
SEP/2001 HPK
Created in Japan (PDF)
Computer


Similar Part No. - C3077

ManufacturerPart #DatasheetDescription
logo
Powerbox
C307 POWERBOX-C307 Datasheet
376Kb / 1P
   150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
List of Unclassifed Man...
C30724 ETC2-C30724 Datasheet
427Kb / 5P
   Stable Gain Silicon Avalanche Photodiode (APD) for High Volume Range Finding
C30724P ETC1-C30724P Datasheet
174Kb / 2P
   LOW COST SILICON AVALANCHE PHOTODIODE (Plastic Encapsulated Package)
logo
PerkinElmer Optoelectro...
C30737 PERKINELMER-C30737 Datasheet
101Kb / 5P
   Epitaxial Silicon Avalanche Photodiode
C30737E-230 PERKINELMER-C30737E-230 Datasheet
101Kb / 5P
   Epitaxial Silicon Avalanche Photodiode
More results

Similar Description - C3077

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5403-30 HAMAMATSU-C5403-30 Datasheet
104Kb / 2P
   1/3-inch CCD Video Camera
C5405-50 HAMAMATSU-C5405-50 Datasheet
103Kb / 2P
   1/2-inch CCD Video Camera
C7500-50 HAMAMATSU-C7500-50 Datasheet
109Kb / 2P
   Near Infrared 1/2-inch CCD Video Camera
logo
A1 PROs co., Ltd.
A88_960H32X32 A1PROS-A88_960H32X32 Datasheet
344Kb / 2P
   1/3 inch Color IT- CCD Camera Module
APC78A A1PROS-APC78A Datasheet
247Kb / 2P
   1/3 inch Color IT-CCD Camera Module1A1
A88_960H38X38 A1PROS-A88_960H38X38 Datasheet
92Kb / 2P
   1/3 inch Color IT-CCD Camera Module1A1
logo
Sony Corporation
ICX058AL SONY-ICX058AL Datasheet
332Kb / 17P
   1/3-inch CCD Image Sensor for EIA Black-and-White Video Camera
logo
A1 PROs co., Ltd.
APC10 A1PROS-APC10 Datasheet
122Kb / 2P
   1/3 inch Color IT-CCD Camera Module1A1
APC72A A1PROS-APC72A Datasheet
137Kb / 2P
   1/3 inch Color IT-CCD Camera Module1A1
logo
Sony Corporation
XCST50 SONY-XCST50 Datasheet
579Kb / 31P
   CCD B/W VIDEO CAMERA MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com