Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

101002000001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 101002000001
Description  F 2,54 SRC-A, 5-polig
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

101002000001 Datasheet(HTML) 1 Page - ERNI Electronics

  101002000001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Einzelheit X
detail X
- packaging unit 112
Verpackt in Tray
- tray packaging
Verpackungseinheit 112 Stück
X
max. 342
Abdeckung verpresst
cover pressed on
5
4
Index
SRCBUG
contact one of the ERNI companies
prior notice.
A3
Class
c
F 2,54 SRC-A, 5-polig
101002000001
3:1
coding black
K
25.02.2014
Scale
Tolerances
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
www.ERNI.com
before using.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
Information:
Codierung schwarz -
Date
19,16
15,36
a1
4,5
2,54
4 x 2,54 = 10,16
0,3
0,9
3,9
Abdeckung vorverrastet
cover loose mounted
5,55
4,55


Similar Part No. - 101002000001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
101002070001 ERNI-101002070001 Datasheet
39Kb / 1P
   F 2,54 SRC-A, 5-polig
101002080001 ERNI-101002080001 Datasheet
136Kb / 1P
   Federleiste 4mm SMD, 50 polig
More results

Similar Description - 101002000001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
101002070001 ERNI-101002070001 Datasheet
39Kb / 1P
   F 2,54 SRC-A, 5-polig
100902070001 ERNI-100902070001 Datasheet
39Kb / 1P
   F 2,54 SRC-A, 5-polig
100101830001 ERNI-100101830001 Datasheet
39Kb / 1P
   F 2,54 SRC-A, 5-polig
101102070001 ERNI-101102070001 Datasheet
39Kb / 1P
   F 2,54 SRC-A, 5-polig
100900880001 ERNI-100900880001 Datasheet
39Kb / 1P
   F 2,54 SRC-A, 5-polig
100400990001 ERNI-100400990001 Datasheet
39Kb / 1P
   F 2,54 SRC-A, 5-polig
101202070001 ERNI-101202070001 Datasheet
39Kb / 1P
   F 2,54 SRC-A, 5-polig
100800990001 ERNI-100800990001 Datasheet
39Kb / 1P
   F 2,54 SRC-A, 5-polig
104502000001 ERNI-104502000001 Datasheet
51Kb / 1P
   F 2,54 SRC-A, 5-polig BA 2
101001830001 ERNI-101001830001 Datasheet
51Kb / 1P
   F 2,54 SRC-A, 5-polig BA 2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com