Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3360 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C3360
Description  -5kV REGULATED HIGH VOLTAGE POWER SUPPLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C3360 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C3360 Datasheet HTML 1Page - Hamamatsu Corporation C3360 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Accessories
AC line cable (2.4m long) ······························································································ 1
High voltage output cable (1.5m long) terminated with SHV-P plugs E1168-19 ··········· 1
Spare fuses ··················································································································· 2
-5kV
REGULATED HIGH VOLTAGE
POWER SUPPLY
C3360
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice No patent right are granted to any of the circuits described herein. © 1998 Hamamatsu Photonics K.K.
-5kV Regulated Power Supply
For MCP-PMT, Electron Multiplier, MCP, etc.
Hamamatsu C3360 is a highly regulated bench-top
power supply with -5kV, 1mA output. It is designed
especially for operations of microchannel plate
incorporated photomultipliers (MCP-PMT), electron
multipliers, and microchannel plates (MCP). The LED
panel meter on the front panel allows easy and
precise voltage monitoring.
TACCF0078
Specifications
Description/Value
0 to -5000Vdc
1mA
± (0.001% +0.05V) Max.
± (0.001% +0.05V) Max.
0.0004% p-p Max.
±0.05%/8h Max.
±0.01%/°C Max.
4-digit digital meter
± (0.2%+2V) Max.
For short circuit and excess output current
85 to 132Vac/170 to 264 Vac
Approx. 21VA
0 to +40
°C / 90% RH Max.
+5 to +35
°C / 85% RH Max.
-20 to +50
°C / 90% RH Max.
Two SHV receptacles
3.5kg
Parameter
Output Voltage
Maximum Output Current
Line Regulation Against
±10% Line Voltage Change
Load Regulation Against 0 to 100% Load Change
Ripple/Noise
Drift (after 1h Warm-up)
Temperature Coefficient
Output Voltage Monitor
Output Voltage Monitoring Accuracy
Protection Circuit
Input Voltage
Power Consumption
Operating Temperature/Humidity
Specification Guaranteed Temperature/Humidity
Storage Temperature/Humidity
Output Receptacles
Weight
NOTE
At maximum output voltage and current.
At maximum output voltage.
Without moisture condensation.


Similar Part No. - C3360

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C336 KEMET-C336 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
General Cable Technolog...
C3362 GENERAL-C3362 Datasheet
74Kb / 1P
   2P 18 7/26 BC FLEX OAS PVDF TYPE CL2P / CMP
C3364 GENERAL-C3364 Datasheet
74Kb / 1P
   4P 18 7/26 BC FLEX OAS PVDF TYPE CL2P / CMP
logo
3M Electronics
C3365/06 3M-C3365/06 Datasheet
1Mb / 5P
   3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC
C3365/06SF 3M-C3365/06SF Datasheet
1Mb / 5P
   3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC
More results

Similar Description - C3360

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C3350 HAMAMATSU-C3350 Datasheet
34Kb / 2P
   짹3kV REGULATED HIGH VOLTAGE POWER SUPPLY
logo
GETAI ELECTRONICS DEVIC...
ESJC30-05 GETEDZ-ESJC30-05 Datasheet
101Kb / 1P
   5kV 350mA HIGH VOLTAGE DIODE
logo
XP Power Limited
P12P XPPOWER-P12P Datasheet
509Kb / 5P
   LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
logo
Semtech Corporation
SDHD5K SEMTECH-SDHD5K Datasheet
41Kb / 2P
   HIGH DENSITY , HIGH VOLTAGE 5KV DOUBLER
logo
GETAI ELECTRONICS DEVIC...
HVP-5 GETEDZ-HVP-5 Datasheet
127Kb / 1P
   5kV 750mA HIGH VOLTAGE DIODES
HVP-5 GETEDZ-HVP-5_17 Datasheet
468Kb / 1P
   0.75A 5kV--High voltage silicon rectifier stack
logo
High Voltage Power Solu...
DCH3320N1 HVPSI-DCH3320N1_15 Datasheet
516Kb / 2P
   Regulated/Remote Adjustable 0 to 10kV DC-DC High Voltage Power Supply
logo
Hamamatsu Corporation
C9619 HAMAMATSU-C9619_15 Datasheet
200Kb / 2P
   HIGH VOLTAGE POWER SUPPLY
C11152 HAMAMATSU-C11152_15 Datasheet
161Kb / 2P
   HIGH VOLTAGE POWER SUPPLY
C11784-12 HAMAMATSU-C11784-12 Datasheet
177Kb / 2P
   HIGH VOLTAGE POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com