Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2A-YJD Datasheet(PDF) 5 Page - Microdc power Technology Co., Ltd

Part # 2A-YJD
Description  2W,Wide Input , Isolated&Regulated Dual/Single Output DIP16 DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

2A-YJD Datasheet(HTML) 5 Page - Microdc power Technology Co., Ltd

  2A-YJD Datasheet HTML 1Page - Microdc power Technology Co., Ltd 2A-YJD Datasheet HTML 2Page - Microdc power Technology Co., Ltd 2A-YJD Datasheet HTML 3Page - Microdc power Technology Co., Ltd 2A-YJD Datasheet HTML 4Page - Microdc power Technology Co., Ltd 2A-YJD Datasheet HTML 5Page - Microdc power Technology Co., Ltd 2A-YJD Datasheet HTML 6Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2
2A-Y
A-YJJD&
D&2
2B-Y
B-YJJD
D
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 5 of 6
Test Configurations
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with a inductor Lin (4.7uH) and Cin
(220uF, ESR < 1.0[ at 100 kHz) to simulated source impedance.
Capacitor Cin, offsets possible battery impedance.
Current ripple is measured at the input terminals of the module, measurement
bandwidth is 0-500KHz.
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.47uF ceramic capacitor.
Scope measurement should be made by using a BNC socket, measurement
bandwidth is 0-20 MHz. Position the load between 50 mm and 75 mm from the
DC/DC Converter.
Design & Feature Considerations
Maximum Capacitive Load
The 2A(B)-YJD series has limitation of maximum connected capacitance on
the output.
The power module may operate in current limiting mode during start-up,
affecting the ramp-up and the startup time.
The maximum capacitance can be found in the data sheet.
To provide protection in a fault (output overload) condition, the unit is equipped
with internal current limiting circuitry and can endure current limiting for an
unlimited duration. At the point of current-limit inception, the unit shifts from voltage
control to current control. The unit operates normally once the output current is
brought back into its specified range.
Input Source Impedance
The power module should be connected to a low ac-impedance input source.
Highly inductive source impedances can affect the stability of the power module.
In applications where power is supplied over long lines and output loading is
high, it may be necessary to use a capacitor on the input to insure startup.
By using a good quality low Equivalent Series Resistance (ESR < 1.0[ at 100
kHz) capacitor of a 8.2uF for the 5V input devices, a 3.3uF for the 12V input
devices and a 1.5uF for the 24V and 48V devices, capacitor mounted close to the
power module helps ensure stability of the unit.
Output Ripple Reduction
A good quality low ESR capacitor placed as close as practicable across the
load will give the best ripple and noise performance.
To reduce output ripple, it is recommended that 3.3uF capacitors are used on
output.


Similar Part No. - 2A-YJD

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
2A-143 KEMET-2A-143 Datasheet
146Kb / 1P
   Snap-in Cover Assembly Machine
2A-159 KEMET-2A-159 Datasheet
151Kb / 1P
   Tabs Welding to Cover Machine
2A-160 KEMET-2A-160 Datasheet
121Kb / 1P
   Assembly into Can , Sleeving Machine
2A-268-1 KEMET-2A-268-1 Datasheet
128Kb / 1P
   Automatic Winding Machine for Power Capacitors
logo
Microdc power Technolog...
2A-NXT MICRODC-2A-NXT Datasheet
674Kb / 4P
   2 Watt FIXED INPUT, ISOLATED Dual Single SMD Output DC-DC CONVERTER
More results

Similar Description - 2A-YJD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YD-2W MICRODC-WRA-YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
2T16WE GAPTEC-2T16WE Datasheet
1Mb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
IA0505S-1W5 MORNSUN-IA0505S-1W5 Datasheet
360Kb / 3P
   2W, FIXED INPUT, ISOLATED & REGULATED DUAL OUTPUT DC-DC CONVERTER
WRA2412LS-3W MORNSUN-WRA2412LS-3W Datasheet
196Kb / 2P
   WIDE INPUT, ISOLATED & REGULATED DUAL OUTPUT DC/DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S8W-2RP GAPTEC-1S8W-2RP Datasheet
958Kb / 3P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
1S8W-3RP GAPTEC-1S8W-3RP Datasheet
841Kb / 4P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
logo
Microdc power Technolog...
WRB0503YD-2000 MICRODC-WRB0503YD-2000 Datasheet
673Kb / 4P
   8W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
logo
Microdc power Technolog...
WRA-YD-12W MICRODC-WRA-YD-12W Datasheet
1Mb / 3P
   12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com