Electronic Components Datasheet Search |
|
2B2415YJD Datasheet(PDF) 6 Page - Microdc power Technology Co., Ltd |
|
2B2415YJD Datasheet(HTML) 6 Page - Microdc power Technology Co., Ltd |
6 / 6 page 2 2A-Y A-YJJD& D&2 2B-Y B-YJJD D Series Series http://www.microdc.cn Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646 Page 6 of 6 Microdc Professional Power Module,Inc. Tel:0086-20-86000646 E-mail:tech@microdc.cn Website:http://www.microdc.cn RoHS COMPLIANT INFORMATION This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C for 10 seconds. The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this series are backward compatible with Sn/Pb soldering systems. REACH COMPLIANT INFORMATION This series has proven that this product does not contain harmful chemicals, it also has harmful chemical substances through the registration, inspection and approval. Mechanical Mechanical Dimensions Dimensions Physical Physical Characteristics Characteristics Tolerance Millimeters Inches X.X±0.25 X.XX±0.01 X.XX±0.13 X.XXX±0.005 Pin ± 0.05 ± 0.002 Case Size : Case Material: Weight: Flammability: 23.8*13.7*7.62 mm 0.94*0.54*0.30 inches Non-Conductive Black Plastic 5.1g UL94V-0 Pin Pin Connections Connections Pin Single Output Dual Output 1 -Vin -Vin 7 NC NC 8 NC Common 9 +Vout +Vout 10 -Vout -Vout 16 +Vin +Vin NC: No Connection RECOMMENDED FOOTPRINT DETAILS All dimensions in inches ±0.01 (mm ±0.25mm) |
Similar Part No. - 2B2415YJD |
|
Similar Description - 2B2415YJD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |