Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2A2415YJD Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # 2A2415YJD
Description  2W,Wide Input , Isolated&Regulated Dual/Single Output DIP16 DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

2A2415YJD Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  2A2415YJD Datasheet HTML 1Page - Microdc power Technology Co., Ltd 2A2415YJD Datasheet HTML 2Page - Microdc power Technology Co., Ltd 2A2415YJD Datasheet HTML 3Page - Microdc power Technology Co., Ltd 2A2415YJD Datasheet HTML 4Page - Microdc power Technology Co., Ltd 2A2415YJD Datasheet HTML 5Page - Microdc power Technology Co., Ltd 2A2415YJD Datasheet HTML 6Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
2A-Y
A-YJJD&
D&2
2B-Y
B-YJJD
D
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 6
MICRODC reserves the copyright
SELECTION
SELECTION GUIDE
GUIDE
Model
Number
Input
Voltage
Output
Voltage
Output Current
Input Current
Reflected
Ripple
Current
Efficiency
VDC
VDC
Max
Min
@Max. Load
@No Load
@Max. Load
mA
mA
mA (Typ.)
mA (Typ.)
% (Max.)
% (Typ.
2B0503YJD
5
( 4.5 ~ 9 )
3.3
500
125
471
40
100
70
2B0505YJD
5
400
100
548
40
100
73
2B0512YJD
12
167
42
534
40
100
75
2B0515YJD
15
134
33
582
40
100
73
2A0505YJD
±
5
±
200
±
50
667
40
100
64
2A0512YJD
±
12
±
83
±
21
615
40
100
69
2A0515YJD
±
15
±
67
±
17
598
40
100
71
2B1203YJD
12
( 9 ~ 18 )
3.3
500
125
184
20
25
73
2B1205YJD
5
400
100
217
20
25
77
2B1212YJD
12
167
42
209
20
25
80
2B1215YJD
15
134
33
220
20
25
80
2A1205YJD
±
5
±
200
±
50
242
20
25
73
2A1212YJD
±
12
±
83
±
21
224
20
25
78
2A1215YJD
±
15
±
67
±
17
226
20
25
78
2B2403YJD
24
( 18 ~ 36 )
3.3
500
125
96
10
15
72
2B2405YJD
5
400
100
109
10
15
77
2B2412YJD
12
167
42
109
10
15
80
2B2415YJD
15
134
33
108
10
15
81
2A2405YJD
±
5
±
200
±
50
119
10
15
74
2A2412YJD
±
12
±
83
±
21
112
10
15
78
2A2415YJD
±
15
±
67
±
17
110
10
15
80
2B4803YJD
48
( 36 ~ 75 )
3.3
500
125
49
8
10
71
2B4805YJD
5
400
100
57
8
10
73
2B4812YJD
12
167
42
53
8
10
79
2B4815YJD
15
134
33
55
8
10
79
2A4805YJD
±
5
±
200
±
50
62
8
10
71
2A4812YJD
±
12
±
83
±
21
57
8
10
77
2A4815YJD
±
15
±
67
±
17
57
8
10
77
Input
Input Specifications
Specifications
Parameter
Mode
Min.
Typ.
Max.
Unit.
Start Voltage
5V Input Models
3.5
4
4.5
VDC
12V Input Models
4.5
7
9
VDC
24V Input Models
8
12
18
VDC
48V Input Models
16
24
36
VDC
Under Voltage Shutdown
5V Input Models
---
3.5
4
VDC
12V Input Models
---
6.5
8.5
VDC
24V Input Models
---
11
17
VDC
48V Input Models
---
22
34
VDC
Reverse Polarity Input Current
All Models
---
---
1
A
Short Circuit Input Power
All Models
---
---
1500
mW
Input Filter
All Models
Pi Filter
Output
Output Specifications
Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit.
Output Voltage Accuracy
---
±
1.0
±
2.0
%
Output Voltage Balance
Dual Output, Balanced Loads
---
±
1.0
±
2.0
%
Line Regulation
Vin=Min. to Max
---
±
0.3
±
0.5
%
Load Regulation
Io=25% to 100%
---
±
0.5
±
0.75
%
Ripple & Noise (20MHz)
---
30
50
mV P-P
Ripple & Noise (20MHz)
Over Line, Load & Temp
---
---
75
mV P-P
Ripple & Noise (20MHz)
---
---
15
mV rms
Over Power Protection
120
---
---
%
Transient Recovery Time
25% Load Step Change
---
100
300
uS
Transient Response Deviation
25% Load Step Change
---
±
3
±
5
%
Temperature Coefficient
---
±
0.01
±
0.02
%/]
Output Short Circuit
Continuous


Similar Part No. - 2A2415YJD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2A2415NXT MICRODC-2A2415NXT Datasheet
674Kb / 4P
   2 Watt FIXED INPUT, ISOLATED Dual Single SMD Output DC-DC CONVERTER
2A2415XD MICRODC-2A2415XD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
2A2415XD MICRODC-2A2415XD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
2A2415XS MICRODC-2A2415XS Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
2A2415XS MICRODC-2A2415XS Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
More results

Similar Description - 2A2415YJD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YD-2W MICRODC-WRA-YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
2T16WE GAPTEC-2T16WE Datasheet
1Mb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
IA0505S-1W5 MORNSUN-IA0505S-1W5 Datasheet
360Kb / 3P
   2W, FIXED INPUT, ISOLATED & REGULATED DUAL OUTPUT DC-DC CONVERTER
WRA2412LS-3W MORNSUN-WRA2412LS-3W Datasheet
196Kb / 2P
   WIDE INPUT, ISOLATED & REGULATED DUAL OUTPUT DC/DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S8W-2RP GAPTEC-1S8W-2RP Datasheet
958Kb / 3P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
1S8W-3RP GAPTEC-1S8W-3RP Datasheet
841Kb / 4P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
logo
Microdc power Technolog...
WRB0503YD-2000 MICRODC-WRB0503YD-2000 Datasheet
673Kb / 4P
   8W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
logo
Microdc power Technolog...
WRA-YD-12W MICRODC-WRA-YD-12W Datasheet
1Mb / 3P
   12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com