Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2B4815YJD Datasheet(PDF) 4 Page - Microdc power Technology Co., Ltd

Part # 2B4815YJD
Description  2W,Wide Input , Isolated&Regulated Dual/Single Output DIP16 DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

2B4815YJD Datasheet(HTML) 4 Page - Microdc power Technology Co., Ltd

  2B4815YJD Datasheet HTML 1Page - Microdc power Technology Co., Ltd 2B4815YJD Datasheet HTML 2Page - Microdc power Technology Co., Ltd 2B4815YJD Datasheet HTML 3Page - Microdc power Technology Co., Ltd 2B4815YJD Datasheet HTML 4Page - Microdc power Technology Co., Ltd 2B4815YJD Datasheet HTML 5Page - Microdc power Technology Co., Ltd 2B4815YJD Datasheet HTML 6Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2
2A-Y
A-YJJD&
D&2
2B-Y
B-YJJD
D
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 4 of 6
Input
Input Voltage
Voltage Transient
Transient Rating
Rating
Efficiency vs Input Voltage ( Single Output )
Efficiency vs Input Voltage ( Dual Output )
Efficiency vs Output Load ( Single Output )
Efficiency vs Output Load ( Dual Output )
Ambient Temperature ℃
Derating Curve


Similar Part No. - 2B4815YJD

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
2B4 DIOTEC-2B4 Datasheet
296Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
Honeywell Solid State E...
2B4 HONEYWELL-2B4 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
logo
Altech corporation
2B40UM ALTECH-2B40UM Datasheet
631Kb / 2P
   V-EA-Series - UL508 Manual Motor Controller
logo
Mitel Networks Corporat...
2B454 MITEL-2B454 Datasheet
189Kb / 10P
   VCSEL Laser Diode(Datacom)
2B455 MITEL-2B455 Datasheet
47Kb / 3P
   VCSEL Laser Diode(Datacom)
More results

Similar Description - 2B4815YJD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YD-2W MICRODC-WRA-YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
2T16WE GAPTEC-2T16WE Datasheet
1Mb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
IA0505S-1W5 MORNSUN-IA0505S-1W5 Datasheet
360Kb / 3P
   2W, FIXED INPUT, ISOLATED & REGULATED DUAL OUTPUT DC-DC CONVERTER
WRA2412LS-3W MORNSUN-WRA2412LS-3W Datasheet
196Kb / 2P
   WIDE INPUT, ISOLATED & REGULATED DUAL OUTPUT DC/DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S8W-2RP GAPTEC-1S8W-2RP Datasheet
958Kb / 3P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
1S8W-3RP GAPTEC-1S8W-3RP Datasheet
841Kb / 4P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
logo
Microdc power Technolog...
WRB0503YD-2000 MICRODC-WRB0503YD-2000 Datasheet
673Kb / 4P
   8W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
logo
Microdc power Technolog...
WRA-YD-12W MICRODC-WRA-YD-12W Datasheet
1Mb / 3P
   12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com