Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2A4812YJD Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # 2A4812YJD
Description  2W,Wide Input , Isolated&Regulated Dual/Single Output DIP16 DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

2A4812YJD Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  2A4812YJD Datasheet HTML 1Page - Microdc power Technology Co., Ltd 2A4812YJD Datasheet HTML 2Page - Microdc power Technology Co., Ltd 2A4812YJD Datasheet HTML 3Page - Microdc power Technology Co., Ltd 2A4812YJD Datasheet HTML 4Page - Microdc power Technology Co., Ltd 2A4812YJD Datasheet HTML 5Page - Microdc power Technology Co., Ltd 2A4812YJD Datasheet HTML 6Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2
2A-Y
A-YJJD&
D&2
2B-Y
B-YJJD
D
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 6
MODEL
MODEL SELECTION
SELECTION
2A
2A
24
24
05
05
Y
Y
J
JD
D
Product Series
Input Voltage
Output Voltage
Wide (2:1) Input Range
DIP16 Package Style
s
MICRODC R ESERVES THE COPYRIGHT
2W,Wide Input , Isolated&Regulated Dual/Single Output DIP16 DC/DC Converter
FEATURES
FEATURES
Ultra-wide 2:1 input range
DIP-16 package
Efficiency up to 81%
Temperature range –40°C to +85°C
HMTBF>1,000,000 Hours
Low Ripple and Noise
Short Circuit Protection
I/O isolation 1500 VDC
Complies with EN55022 Class A
Fully RoHS compliant
UL 94 V-0 Package Material
Internal SMD Construction
DESCRIPTION
DESCRIPTION
The 2A-YJD & 2B-YJD Series power modules are
low-profile dc-dc converters that operate over input
voltage
of
4.5-9VDC,9-18VDC,18-36VDC
and
36-75VDC which provide precisely regulated output
voltages of 3.3V,5V,12V,15V,±5V,±12V and ±15VDC.
The 2A-YJD & 2B-YJD Series is an excellent for data
communication
equipments,mobile
battery
driven
equipments,distributed
power
systems,
telecommunication equipments,mixed analog/machine
control equipments,computer peripheral systems and
industrial robot systems.
The modules have a maximum power rating of 2W
and a typical full-load efficiency of 81%,continuous short
circuit,30mV output ripple,built-in filtering for both input
and output minimize the need for external filtering.
Absolute
Absolute Maximum
Maximum Ratings
Ratings
Parameter
Min.
Max.
Unit.
Input Sure Voltage
(1000 mS)
5VDC Input Models
-0.7
11
VDC
12VDC Input Models
-0.7
25
VDC
24VDC Input Models
-0.7
50
VDC
48VDC Input Models
-0.7
100
VDC
Lead Temperature(1.5mm from case for 10 Sec.)
---
260
Internal Power Dissipation
---
1,800
mW
Environmental
Environmental Specifications
Specifications
Parameter
Conditions
Min.
Max.
Unit.
Operating Temperature
Ambient
-40
+65
Operating Temperature
Case
-40
+90
Storage Temperature
-40
+125
Humidity
---
95
%
Cooling
Free-Air Convection
Conducted
EN55022 Class A
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
Capacitive
Capacitive Load
Load
Models by Vout
3.3V
5V
12V
15V
±
5V *
±
12V *
±
15V*
Unit
Maximum Capacitive Load
2200
1000
110
470
100
20
47
uF
* For each output
Input
Input Fuse
Fuse Selection
Selection Guide
Guide
5V Input Models
12V Input Models
24V Input Models
48V Input Models
1000mA Slow - Blow Type
500mA Slow - Blow Type
250mA Slow - Blow Type
120mA Slow - Blow Type


Similar Part No. - 2A4812YJD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2A4812XD MICRODC-2A4812XD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
2A4812XD MICRODC-2A4812XD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
2A4812XS MICRODC-2A4812XS Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
2A4812XS MICRODC-2A4812XS Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
More results

Similar Description - 2A4812YJD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YD-2W MICRODC-WRA-YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
2T16WE GAPTEC-2T16WE Datasheet
1Mb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
IA0505S-1W5 MORNSUN-IA0505S-1W5 Datasheet
360Kb / 3P
   2W, FIXED INPUT, ISOLATED & REGULATED DUAL OUTPUT DC-DC CONVERTER
WRA2412LS-3W MORNSUN-WRA2412LS-3W Datasheet
196Kb / 2P
   WIDE INPUT, ISOLATED & REGULATED DUAL OUTPUT DC/DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S8W-2RP GAPTEC-1S8W-2RP Datasheet
958Kb / 3P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
1S8W-3RP GAPTEC-1S8W-3RP Datasheet
841Kb / 4P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
logo
Microdc power Technolog...
WRB0503YD-2000 MICRODC-WRB0503YD-2000 Datasheet
673Kb / 4P
   8W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
logo
Microdc power Technolog...
WRA-YD-12W MICRODC-WRA-YD-12W Datasheet
1Mb / 3P
   12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com