Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2F1212XD Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # 2F1212XD
Description  2W,FIXED INPUT,ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

2F1212XD Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  2F1212XD Datasheet HTML 1Page - Microdc power Technology Co., Ltd 2F1212XD Datasheet HTML 2Page - Microdc power Technology Co., Ltd 2F1212XD Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2E
2E-X
-XD&2F
D&2F-X
-XD
D S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
PRODUCT
PRODUCT PROGRAM
PROGRAM
Part
Number
Input
Output
Efficiency
(%, Typ.)
Certificate
Voltage (VDC)
Voltage
(VDC)
Current (mA)
Nominal
Range
Max.
Min.
2E0505XD
5
4.5-5.5
±5
±200
±20
82
UL C2E
2E0509XD
±9
±111
±12
83
UL C2E
2E0512XD
±12
±84
±9
84
UL C2E
2E0515XD
±15
±67
±7
82
UL CE
2F0503XD
3.3
400
40
74
--
2F0505XD
5
400
40
81
UL CE
2F0509XD
9
222
23
83
UL CE
2F0512XD
12
167
17
83
UL CE
2F0515XD
15
133
14
83
UL CE
2E1205XD
12
10.8-13.2
±5
±200
±20
80
UL CE
2E1209XD
±9
±111
±12
83
UL CE
2E1212XD
±12
±84
±9
85
UL CE
2E1215XD
±15
±67
±7
82
UL CE
2F1205XD
5
400
40
80
UL CE
2F1209XD
9
222
23
82
UL CE
2F1212XD
12
167
17
83
UL CE
2F1215XD
15
133
14
83
UL CE
2E2405XD
24
21.6-26.4
±5
±200
±20
82
UL CE
2E2409XD
±9
±111
±12
82
UL CE
2E2412XD
±12
±84
±9
85
UL CE
2E2415XD
±15
±67
±7
85
UL CE
2F2405XD
5
400
40
80
UL CE
2F2409XD
9
222
23
82
UL CE
2F2412XD
12
167
17
83
UL CE
2F2415XD
15
133
14
84
UL CE
MODEL
MODEL SELECTION
SELECTION
2
2E
E
05
05
05
05
X
X
D
D
Product Series
Input Voltage
Output Voltage
Fixed Input
DIP14 Package
MICRODC R ESERVES THE COPYRIGHT
2W,FIXED INPUT,ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
FEATURES
FEATURES
High Efficiency up to 85%
High Density, High Stability
3000VDC Isolation
DIP14 Package
Internal SMD construction
No Heat sink Required
Temperature Range: -40°C ~ +85°C
No External Component Required
Industry Standard Pinout
RoHS Compliance
5V,12V and 24V input
3.3V,5V,9V,12V and 15V output
APPLICATIONS
APPLICATIONS
ABSOLUTE
ABSOLUTE MAXIMUM
MAXIMUM RATINGS
RATINGS
Item
Test conditions
Min.
Typ.
Max.
Units
Storage humidity range
95
%
Operating Temp. Range
-40
85
°C
Storage Temp. Range
-55
125
°C
Temp. rise at full load
15
25
°C
Lead temperature
1.5mm from case for 10 seconds
300
°C
Cooling
Free air convection
Case material
Plastic (UL94-V0)
Short circuit protection1
1
S
MTBF
3500
K hours
Weight
2.4
g
1.Supply voltage must be discontinued at the end of short circuit duration.
The 2E-XD&2F-XD Series are specially
designed for applications where a group of
polar power supplies are isolated from the
input power supply in a distributed power
supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply
is fixed (voltage variation ≤ ±10%);
2) Where isolation is necessary between input
and output (isolation voltage ≤3000VDC);
3) Where the regulation of the output voltage
and the output ripple noise are not demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.


Similar Part No. - 2F1212XD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2F1212XES MICRODC-2F1212XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
2F1212XS MICRODC-2F1212XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
More results

Similar Description - 2F1212XD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
E-XD-2W MICRODC-E-XD-2W Datasheet
705Kb / 3P
   2W,FIXED INPUT,ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2D14B GAPTEC-2D14B Datasheet
1Mb / 5P
   2W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S7B GAPTEC-2S7B Datasheet
1Mb / 5P
   2W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S7A GAPTEC-2S7A Datasheet
1Mb / 5P
   2W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S7BE GAPTEC-2S7BE Datasheet
653Kb / 5P
   2W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S7B-6UP GAPTEC-2S7B-6UP Datasheet
1Mb / 4P
   2W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S7BE-6U GAPTEC-2S7BE-6U Datasheet
924Kb / 5P
   2W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2D14C GAPTEC-2D14C Datasheet
982Kb / 4P
   2W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2T8A-3 GAPTEC-2T8A-3 Datasheet
898Kb / 4P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2T8E GAPTEC-2T8E Datasheet
877Kb / 3P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com