Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2B2415XS Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # 2B2415XS
Description  Fixed Input,Isolated 2W Single Output DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

2B2415XS Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  2B2415XS Datasheet HTML 1Page - Microdc power Technology Co., Ltd 2B2415XS Datasheet HTML 2Page - Microdc power Technology Co., Ltd 2B2415XS Datasheet HTML 3Page - Microdc power Technology Co., Ltd 2B2415XS Datasheet HTML 4Page - Microdc power Technology Co., Ltd 2B2415XS Datasheet HTML 5Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2B
2B-X
-X(S)D
(S)D
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 5
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
(MA)
Input Current
(Rated Load)
(MA)
Efficiency
(%)
Isolation
Capacitance
(PF)
MTTF1
(KHRS)
2B0503XS
5
3.3
400
470
85
30
3988
2B0505XS
5
5
400
470
81
33
3956
2B0505XD
5
5
400
470
81
33
3956
2B0509XS
5
9
222
455
84
40
3682
2B0509XD
5
9
222
455
84
40
3682
2B0512XS
5
12
167
450
84
40
3299
2B0512XD
5
12
167
450
84
40
3299
2B0515XS
5
15
133
450
84
40
2833
2B0515XD
5
15
133
450
84
40
2833
2B0524XS
5
24
83
442
82
40
2766
2B0524XD
5
24
83
442
84
40
2766
2B1205XS
12
5
400
200
81
40
2519
2B1205XD
12
5
400
200
81
40
2519
2B1209XS
12
9
222
190
83
61
2405
2B1209XD
12
9
222
190
83
61
2405
2B1212XS
12
12
167
190
85
74
2235
2B1212XD
12
12
167
190
85
74
2235
2B1215XS
12
15
133
185
85
68
2011
2B1215XD
12
15
133
185
85
68
2011
2B1224XS
12
24
83
99
84
68
1800
2B1224XD
12
24
83
99
83
69
1789
2B1515XS
15
15
133
185
85
68
2012
2B1515XD
15
15
133
185
85
70
2015
2B2405XS
24
5
400
104
80
60
2000
2B2406XS
24
6
333.3
102
82
58
1850
2B2409XS
24
9
222
100
83
65
1980
2B2412XS
24
12
167
99
84
78
1800
2B2415XS
24
15
133
99
84
58
1760
2B2424XS
24
24
83
99
84
68
1800
2B2405XD
24
5
400
104
80
60
1850
2B2409XD
24
9
222
100
83
65
1886
2B2412XD
24
12
167
99
84
78
1986
2B2415XD
24
15
133
99
84
58
1801
2B2424XD
24
24
83
99
84
68
1850
add Suffix “P” for Continuous Short Circuit Protection, e.g. 2B0505XDP
MODEL
MODEL SELECTION
SELECTION
2
2B
B
05
05
05
05
X
X
S
S
Product Series
Input Voltage
Output Voltage
Fixed Input
SIP Package
MICRODC R ESERVES THE COPYRIGHT
Fixed Input,Isolated 2W Single Output DC/DC Converters
FEATURES
FEATURES
RoHS compliant
I/O isolation voltage 1000VDC
Operating Temperature: -40℃~﹢85℃
High efficiency up to 81%
Fully encapsulated toroidal magnetics
Internal SMD construction
Power density up to 0.85W/cm3
No electrolytic or tantalum capacitors
5V,9V,12V and 15V output
No heat sink required
Dual output from a single input rail
UL 94V-0 package material
No external components required
Industry standard pinout
Power sharing on output
MTTF up to 3.9 million hours
APPLICATIONS
APPLICATIONS
The 2B-X(S)D series of DC/DC converters
is particularly suited to isolating and or
converting DC power rails. The galvanic
isolation allows the device to be configured to
provide an isolated negative rail in systems
where only positive rails exist. The wide
temperature range guarantees startup from
-40°C and full 2 watt output at 85℃. Pin
compatibility with the B_XLS series ensures
ease of upgradeability.
Input
Input Characteristics
Characteristics
Parameter
Conditions
Min
Typ
Max.
Units
Voltage range
Continuous operation,5V input types
4.5
5
5.5
V
Continuous operation,12V input types
10.8
12
13.2
Continuous operation,24V input types
21.6
24
26.4
Reflected ripple current
7.5
15
mA p-p
Absolute
Absolute Maximum
Maximum Ratings
Ratings
Short-circuit protection2
1 second
Lead temperature 1.5mm from case for 10 seconds
300℃
Internal power dissipation
550mW
Input voltage VIN,B05 types
7V
Input voltage VIN,B12 types
15V
1.Calculated using MIL-HDBK-217FN2 calculation model with nominal input voltage at full load.
2.Supply voltage must be disconnected at the end of the short circuit duration.
All specifications typical at TA=25°C,nominal input voltage and rated output current unless otherwise specified.


Similar Part No. - 2B2415XS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2B2415XS MICRODC-2B2415XS Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
More results

Similar Description - 2B2415XS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2B-XD MICRODC-2B-XD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-1KV3KV TOPPOWER-TP2L-1KV3KV Datasheet
181Kb / 3P
   2W Isolated Wide Input Single Output DC/DC Converters
logo
C&D Technologies
NDL CANDD-NDL Datasheet
202Kb / 2P
   Isolated 2W Wide Input Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NDL0512SC MURATA-NDL0512SC Datasheet
203Kb / 4P
   Isolated 2W Wide Input Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
   Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
   2W Isolated Single Output DC/DC Converters
TPL-3KVDC TOPPOWER-TPL-3KVDC Datasheet
169Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XM-2W MICRODC-B-XM-2W Datasheet
932Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NML0505SC MURATA-NML0505SC Datasheet
206Kb / 5P
   Isolated 2W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com