Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2A4812XD Datasheet(PDF) 4 Page - Microdc power Technology Co., Ltd

Part # 2A4812XD
Description  Isolated 2W Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

2A4812XD Datasheet(HTML) 4 Page - Microdc power Technology Co., Ltd

  2A4812XD Datasheet HTML 1Page - Microdc power Technology Co., Ltd 2A4812XD Datasheet HTML 2Page - Microdc power Technology Co., Ltd 2A4812XD Datasheet HTML 3Page - Microdc power Technology Co., Ltd 2A4812XD Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2A
2A-X
-X(S)D
(S)D
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 4 of 4
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
Recommended
Recommended footprint
footprint details
details
14
14 PIN
PIN DIP
DIP Package
Package
7
7 PIN
PIN SIP
SIP Package
Package
TUBE
TUBE OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
14
14 PIN
PIN DIP
DIP Tube
Tube
7
7 PIN
PIN SIP
SIP Tube
Tube
Unless otherwise stated all dimensions in inches (mm) ±0.5mm.
Tube length (14 Pin DIP) : 20.47 (520mm ±2mm).
Tube length (7 Pin SIP) : 20.47 (520mm ±2mm).
Tube Quantity :25
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
DIP
DIP Package
Package
SIP
SIP Package
Package
All
All dimensions
dimensions in
in inches
inches ±
±0.01(mm
0.01(mm±
±0.25mm).All
0.25mm).All pins
pins on
on a
a 0.1(2.54)
0.1(2.54) pitch
pitch and
and within
within ±
±0.01(0.25)of
0.01(0.25)of true
true position.
position.
Weight: 2.4g (DIP) 2.1g (SIP)
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
-14
-14 PIN
PIN DIP
DIP
-7
-7 PIN
PIN SIP
SIP
P
Pin
in
Function
Function
P
Pin
in
F
Function
unction
1
1
-Vin
1
1
+Vin
7
7
NC
2
2
-Vin
8
8
0V
4
4
-Vout
9
9
+Vout
5
5
0V
11
11
-Vout
6
6
+Vout
14
14
+Vin
NC - Not available for electrical connection.
Specifcations can be changed any time without notice.
No parallel connection or plug and play.
Note:
1. The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
2. Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
3. All specifications measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless
otherwise specified.
4. In this datasheet, all the test methods of indications are based on corporate standards.


Similar Part No. - 2A4812XD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2A4812XD MICRODC-2A4812XD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
More results

Similar Description - 2A4812XD

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
   Isolated 2W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XD MICRODC-2A-XD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH05055 CANDD-NMH05055 Datasheet
111Kb / 2P
   ISOLATED 2W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
NMH MURATA-PS-NMH Datasheet
272Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
A-XD-2W MICRODC-A-XD-2W Datasheet
1Mb / 5P
   Isolated 2W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NTH0505MC MURATA-NTH0505MC Datasheet
232Kb / 6P
   Isolated 2W Dual Output SM DC/DC Converters
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMS1205C MURATA-NMS1205C Datasheet
171Kb / 3P
   6kVDC Isolated 2W Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com