Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2B2415XD Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # 2B2415XD
Description  Fixed Input,Isolated 2W Single Output DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

2B2415XD Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  2B2415XD Datasheet HTML 1Page - Microdc power Technology Co., Ltd 2B2415XD Datasheet HTML 2Page - Microdc power Technology Co., Ltd 2B2415XD Datasheet HTML 3Page - Microdc power Technology Co., Ltd 2B2415XD Datasheet HTML 4Page - Microdc power Technology Co., Ltd 2B2415XD Datasheet HTML 5Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2B
2B-X
-X(S)D
(S)D
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 5
OUTPUT
OUTPUT CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40℃ to 85℃
0.2
2
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.05
1.2
%%
Load regulation
10% to 100% load
3.3V output
12
20
%
5V output
12.8
15
%
9V output
8.3
15
%
12V output
6.8
15
%
15V output
6.3
15
%
24V output
6.0
15
%
Capacitive
Capacitive loading
loading and
and start
start up
up
Typical start up times for this series, with a typical input voltage rise time of 2.2s and output capacitance of 10F, are saw in the table below. The product
series will start into a capacitance of 47F with an increased start time, however, the maximum recommended output capacitances 10F
Typical Start-Up Wave Form
Start-up time
2B0505XS
444
2B0509XS
1120
2B0512XS
1930
2B0515XS
3470
2B1205XS
409
2B1209XS
1320
2B1212XS
1320
2B1215XS
2270
Temperature
Temperature Characteristics
Characteristics
Conditions
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
85
Storage
-50
125
Case temperature above
ambient
B0505XS output types
30
B1205XS output types
25
All other output types
20
General
General Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
60
kHz
Isolation
Isolation Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso= 500VDC
1000
MΩ


Similar Part No. - 2B2415XD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2B2415XD MICRODC-2B2415XD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
More results

Similar Description - 2B2415XD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2B-XD MICRODC-2B-XD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-1KV3KV TOPPOWER-TP2L-1KV3KV Datasheet
181Kb / 3P
   2W Isolated Wide Input Single Output DC/DC Converters
logo
C&D Technologies
NDL CANDD-NDL Datasheet
202Kb / 2P
   Isolated 2W Wide Input Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NDL0512SC MURATA-NDL0512SC Datasheet
203Kb / 4P
   Isolated 2W Wide Input Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
   Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
   2W Isolated Single Output DC/DC Converters
TPL-3KVDC TOPPOWER-TPL-3KVDC Datasheet
169Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XM-2W MICRODC-B-XM-2W Datasheet
932Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NML0505SC MURATA-NML0505SC Datasheet
206Kb / 5P
   Isolated 2W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com